Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFT1458-H Datasheet(PDF) 1 Page - ON Semiconductor

Part # SFT1458-H
Description  N-Channel Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SFT1458-H Datasheet(HTML) 1 Page - ON Semiconductor

  SFT1458-H Datasheet HTML 1Page - ON Semiconductor SFT1458-H Datasheet HTML 2Page - ON Semiconductor SFT1458-H Datasheet HTML 3Page - ON Semiconductor SFT1458-H Datasheet HTML 4Page - ON Semiconductor SFT1458-H Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
O1613 TKIM TC-00002994 No. A2207-1/5
Semiconductor Components Industries, LLC, 2013
October, 2013
http://onsemi.com
SFT1458
Features
• On-resistance RDS(on)=10(typ.)
• 10V drive
• Input Capacitance Ciss=65pF(typ.)
• Halogen free compliance
• Protection Diode in
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain to Source Voltage
VDSS
600
V
Gate to Source Voltage
VGSS
±30
V
Drain Current (DC)
ID
1A
Drain Current (Pulse)
IDP
PW
≤10μs, duty cycle≤1%
4
A
Allowable Power Dissipation
PD
1W
Tc=25
°C
38
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
- 55 to +150
°C
Electrical Characteristics at Ta
= 25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Drain to Source Breakdown Voltage
V(BR)DSS
ID=10mA, VGS=0V
600
V
Zero-Gate Voltage Drain Current
IDSS
VDS=480V, VGS=0V
100
μA
Gate to Source Leakage Current
IGSS
VGS=±24V, VDS=0V
±10
μA
Cutoff Voltage
VGS(off)
VDS=10V, ID=1mA
3.5
4.5
V
Forward Transfer Admittance
| yfs |
VDS=10V, ID=0.5A
0.57
S
Static Drain to Source On-State Resistance
RDS(on)
ID=0.5A, VGS=10V
10
13
Ω
Input Capacitance
Ciss
VDS=20V, f=1MHz
65
pF
Output Capacitance
Coss
20
pF
Reverse Transfer Capacitance
Crss
4.5
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
6
ns
Rise Time
tr
11
ns
Turn-OFF Delay Time
td(off)
12
ns
Fall Time
tf
60
ns
Total Gate Charge
Qg
VDS=200V, VGS=10V, ID=1A
3.8
nC
Gate to Source Charge
Qgs
0.54
nC
Gate to Drain “Miller” Charge
Qgd
2.3
nC
Diode Forward Voltage
VSD
IS=1A, VGS=0V
0.93
1.2
V
N-Channel Power MOSFET
600V, 1.0A, 13, Single TP/TP-FA
Ordering number : ENA2207
ORDERING INFORMATION
See detailed ordering and shipping information on page 5 of this data sheet.
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Similar Part No. - SFT1458-H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SFT1450 SANYO-SFT1450 Datasheet
73Kb / 4P
   General-Purpose Switching Device Applications
logo
ON Semiconductor
SFT1450 ONSEMI-SFT1450 Datasheet
412Kb / 9P
   N-Channel Power MOSFET 40V, 21A, 28m, Single TP/TP-FA
July, 2013
SFT1450 ONSEMI-SFT1450 Datasheet
412Kb / 9P
   N-Channel Power MOSFET 40V, 21A, 28m, Single TP/TP-FA
July, 2013
SFT1450-H ONSEMI-SFT1450-H Datasheet
412Kb / 9P
   N-Channel Power MOSFET 40V, 21A, 28m, Single TP/TP-FA
July, 2013
SFT1450-H ONSEMI-SFT1450-H Datasheet
412Kb / 9P
   N-Channel Power MOSFET 40V, 21A, 28m, Single TP/TP-FA
July, 2013
More results

Similar Description - SFT1458-H

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com