Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP107BQDQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMP107BQDQ1
Description  TMP107-Q1 Automotive Grade, 짹0.4째C Temperature Sensor with Daisy-Chain UART, EEPROM, and Alert Function
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP107BQDQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMP107BQDQ1 Datasheet HTML 4Page - Texas Instruments TMP107BQDQ1 Datasheet HTML 5Page - Texas Instruments TMP107BQDQ1 Datasheet HTML 6Page - Texas Instruments TMP107BQDQ1 Datasheet HTML 7Page - Texas Instruments TMP107BQDQ1 Datasheet HTML 8Page - Texas Instruments TMP107BQDQ1 Datasheet HTML 9Page - Texas Instruments TMP107BQDQ1 Datasheet HTML 10Page - Texas Instruments TMP107BQDQ1 Datasheet HTML 11Page - Texas Instruments TMP107BQDQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
PSR (GC/V)
0
100
200
300
400
500
600
700
800
Temperature (GC)
-70
-45
-20
5
30
55
80
105
125
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
Mean - 38
Mean
Mean + 38
Temperature Error at 25GC
0
50
100
150
200
250
300
Temperature (GC)
-70
-45
-20
5
30
55
80
105
125
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
Mean38
Mean
Mean + 38
Temperature (GC)
-70
-45
-20
5
30
55
80
105
125
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
Mean38
Mean
Mean + 38
Temperature (GC)
-70
-45
-20
5
30
55
80
105
125
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
Mean38
Mean
Mean + 38
TMP107-Q1
SBOS726A – OCTOBER 2015 – REVISED OCTOBER 2015
www.ti.com
7.7 Typical Characteristics
at TA = 25°C and V+ = 3.3 V (unless otherwise noted)
One-shot mode, specified from –55ºC to +125ºC only
One-shot mode, V+ = 5.5 V, specified from –55ºC to +125ºC only
Figure 2. Temperature Error vs Temperature
Figure 3. Temperature Error vs Temperature
One-shot mode, V+ = 1.7 V, specified from –55ºC to +125ºC only
Figure 5. Temperature Error Histogram
Figure 4. Temperature Error vs Temperature
Continuous-conversion mode, maximum conversion rate,
bus inactive
One-shot mode, V+ = 1.7 V to 5.5 V
Figure 7. Temperature Error vs Temperature
Figure 6. Power-Supply Rejection Histogram
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TMP107-Q1


Similar Part No. - TMP107BQDQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP107BID TI-TMP107BID Datasheet
971Kb / 40P
[Old version datasheet]   TMP107 Digital Temperature Sensor with Bidirectional UART One-Wire Interface and EEPROM
TMP107BIDR TI-TMP107BIDR Datasheet
971Kb / 40P
[Old version datasheet]   TMP107 Digital Temperature Sensor with Bidirectional UART One-Wire Interface and EEPROM
More results

Similar Description - TMP107BQDQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP107 TI-TMP107 Datasheet
971Kb / 40P
[Old version datasheet]   TMP107 Digital Temperature Sensor with Bidirectional UART One-Wire Interface and EEPROM
TMP126-Q1 TI-TMP126-Q1_V02 Datasheet
2Mb / 53P
[Old version datasheet]   TMP126-Q1 Automotive Grade, 0.25 째C SPI Temperature Sensor With 175 째C Operation, CRC and Slew Rate Alert
MARCH 2022
logo
STMicroelectronics
STEVAL-IKM001V1 STMICROELECTRONICS-STEVAL-IKM001V1 Datasheet
84Kb / 3P
   SPI with daisy-chain feature
EVAL6472H STMICROELECTRONICS-EVAL6472H Datasheet
1Mb / 11P
   SPI with daisy chain feature
logo
Texas Instruments
TMP75B-Q1 TI-TMP75B-Q1 Datasheet
959Kb / 31P
[Old version datasheet]   TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75C-Q1 TI1-TMP75C-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TMP75C-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
logo
Linear Technology
LTC2996 LINER-LTC2996_15 Datasheet
236Kb / 16P
   Temperature Sensor with Alert Outputs
logo
Texas Instruments
TMP100-Q1 TI1-TMP100-Q1_17 Datasheet
414Kb / 29P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
logo
ON Semiconductor
CM6100 ONSEMI-CM6100 Datasheet
100Kb / 6P
   0.4mm Pitch Daisy Chain
May 2010 Rev. 6
logo
Texas Instruments
TMP100 TI-TMP100_15 Datasheet
886Kb / 30P
[Old version datasheet]   TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com