Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BF601M Datasheet(PDF) 3 Page - Shenzhen Bencent Electronics Co., Ltd.

Part No. BF601M
Description  Low Capacitance and Insertion Loss
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Homepage  http://en.bencent.com.cn/en/home/index.asp
Logo 

BF601M Datasheet(HTML) 3 Page - Shenzhen Bencent Electronics Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3/3
BF601M
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
www.bencent.com.cn
Order Code:
BF601M
Gas Discharge Tube
Version: A0 2013-10-30
Reflow Condition
Pb-Free assembly
Pre
Heat
Temperature Min
150°C
Temperature Max
200°C
Time (min to max)
60 – 180 secs
Average ramp up rate(Liquids)Tamp
(T
L) to peal
3°C/second max
TS(max) to TL - Ramp-up Rate
3°C/second max
Reflow
- Temperature (TL)
(Liquids)
217°C
- Temperature (TL)
60 – 150 seconds
Peak Temperature (TP)
260+0/-5 °C
Time within 5°C of actual peak
Temperature (tp)
~10 seconds
Ramp-down Rate
6°C/second max
Time 25°C to peak Temperature (TP)
8 minutes Max.
Do not exceed
260°C
REF
mm
inch
A
5.3±0.1
0.209±0.004
B
4.5±0.2
0.177±0.008
d
Φ
1.5±0.1
Φ
0.059±0.004
P0
4.0±0.1
0.157±0.004
P1
2.0±0.1
0.079±0.004
P
12.0±0.1
0.472±0.004
E
1.75±0.1
0.069±0.004
F
7.5±0.1
0.295±0.004
W
16.0±0.3
0.630±0.012
D
Φ
330.0
Φ
13.0
D1
Φ
50Min
Φ
1.97Min
D2
Φ
13±0.5
0.512±0.020
W1
16.8±2.0
0.661±0.079
Package
Reel
Information
Reflow Profile
Outline
Reel
(PCS)
Per Carton
(PCS)
Reel Diameter (mm)
Carton Size(mm)
L
W
H
TAPING
1,000
16,000
330
360
360
380
tP
Ramp-down
TP
TL
TS(max)
TS(min)
25
time to peak temper ature
Time
Critical Zone
TL to TP
TL
Preheat
Ramp-up
tS


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn