Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLV5638 Datasheet(PDF) 1 Page - Texas Instruments

Part No. TLV5638
Description  2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5638 Datasheet(HTML) 1 Page - Texas Instruments

  TLV5638_15 Datasheet HTML 1Page - Texas Instruments TLV5638_15 Datasheet HTML 2Page - Texas Instruments TLV5638_15 Datasheet HTML 3Page - Texas Instruments TLV5638_15 Datasheet HTML 4Page - Texas Instruments TLV5638_15 Datasheet HTML 5Page - Texas Instruments TLV5638_15 Datasheet HTML 6Page - Texas Instruments TLV5638_15 Datasheet HTML 7Page - Texas Instruments TLV5638_15 Datasheet HTML 8Page - Texas Instruments TLV5638_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
www.ti.com
FEATURES
APPLICATIONS
1
2
3
4
8
7
6
5
DIN
SCLK
CS
OUTA
VDD
OUTB
REF
AGND
D, JG PACKAGE
(TOP VIEW)
19
20
1
3
2
17
18
16
15
14
13
12
11
9
10
5
4
6
7
8
NC
OUTB
NC
REF
NC
NC
SCLK
NC
CS
NC
FK PACKAGE
(TOP VIEW)
DESCRIPTION
TLV5638
SLAS225C – JUNE 1999 – REVISED JANUARY 2004
2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH
INTERNAL REFERENCE AND POWER DOWN
Dual 12-Bit Voltage Output DAC
Programmable Internal Reference
Programmable Settling Time:
– 1 µs in Fast Mode,
– 3.5 µs in Slow Mode
Compatible With TMS320 and SPI™ Serial
Ports
Differential Nonlinearity <0.5 LSB Typ
Monotonic Over Temperature
Digital Servo Control Loops
Digital Offset and Gain Adjustment
Industrial Process Control
Machine and Motion Control Devices
Mass Storage Devices
The TLV5638 is a dual 12-bit voltage output DAC with a flexible 3-wire serial interface. The serial interface allows
glueless interface to TMS320, SPI™, QSPI™, and Microwire™ serial ports. It is programmed with a 16-bit serial
string containing 4 control and 12 data bits.
The resistor string output voltage is buffered by a x2 gain rail-to-rail output buffer. The buffer features a Class AB
output stage to improve stability and reduce settling time. The programmable settling time of the DAC allows the
designer to optimize speed vs power dissipation. With its on-chip programmable precision voltage reference, the
TLV5638 simplifies overall system design.
Because of its ability to source up to 1 mA, the reference can also be used as a system reference. Implemented
with a CMOS process, the device is designed for single supply operation from 2.7 V to 5.5 V. It is available in an
8-pin SOIC package to reduce board space in standard commercial, industrial, and automotive temperature
ranges. It is also available in JG and FK packages in the military temperature range.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SPI, QSPI are trademarks of Motorola, Inc.
Microwire is a trademark of National Semiconductor Corporation.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLV5638_15

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TLV5638 TI1-TLV5638_12 Datasheet
679Kb / 23P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5638 TI1-TLV5638_16 Datasheet
906Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
More results

Similar Description - TLV5638_15

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TLV5638 TI1-TLV5638_16 Datasheet
906Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5638 TI-TLV5638 Datasheet
289Kb / 19P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5638 TI1-TLV5638_12 Datasheet
679Kb / 23P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5636 TI-TLV5636 Datasheet
260Kb / 18P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5636 TI-TLV5636_15 Datasheet
654Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V, LOW POWER, 12-BIT, DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5636CD TI-TLV5636CD Datasheet
633Kb / 22P
[Old version datasheet]   2.7-V TO 5.5-V, LOW POWER, 12-BIT, DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5626CDR TI-TLV5626CDR Datasheet
430Kb / 19P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5637 TI-TLV5637 Datasheet
240Kb / 17P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5626IDG4 TI-TLV5626IDG4 Datasheet
430Kb / 19P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5633 TI1-TLV5633 Datasheet
361Kb / 25P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz