Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLV5638 Datasheet(PDF) 4 Page - Texas Instruments

Part No. TLV5638
Description  2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5638 Datasheet(HTML) 4 Page - Texas Instruments

  TLV5638_15 Datasheet HTML 1Page - Texas Instruments TLV5638_15 Datasheet HTML 2Page - Texas Instruments TLV5638_15 Datasheet HTML 3Page - Texas Instruments TLV5638_15 Datasheet HTML 4Page - Texas Instruments TLV5638_15 Datasheet HTML 5Page - Texas Instruments TLV5638_15 Datasheet HTML 6Page - Texas Instruments TLV5638_15 Datasheet HTML 7Page - Texas Instruments TLV5638_15 Datasheet HTML 8Page - Texas Instruments TLV5638_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
TLV5638
SLAS225C – JUNE 1999 – REVISED JANUARY 2004
MIN
NOM
MAX
UNIT
VDD = 5 V
4.5
5
5.5
V
Supply voltage, VDD
VDD = 3 V
2.7
3
3.3
V
Power on reset, POR
0.55(1)
2(1)
V
VDD = 2.7 V
2
V
High-level digital input voltage, VIH
VDD = 5.5 V
2.4
VDD = 2.7 V
0.6
V
Low-level digital input voltage, VIL
TLV5638C and TLV5638I
1
VDD = 5.5 V
V
TLV5638Q and TLV5638M
0.8
Reference voltage, Vref to REF terminal
VDD = 5 V (2)
AGND
2.048
VDD-1.5
V
Reference voltage, Vref to REF terminal
VDD = 3 V (2)
AGND
1.024
VDD-1.5
V
Load resistance, RL
2
k
Load capacitance, CL
100
pF
Clock frequency, fCLK
20
MHz
TLV5638C
0
70
TLV5638I
40
85
Operating free-air temperature, TA
°C
TLV5638Q
40
125
TLV5638M
55
125
(1)
This parameter is not tested for Q and M suffix devices.
(2)
Due to the x2 output buffer, a reference input voltage
≥ (V
DD-0.4 V)/2 causes clipping of the transfer function. The output buffer of the
internal reference must be disabled, if an external reference is used.
over recommended operating conditions, V
ref = 2.048 V, Vref= 1.024 V (unless otherwise noted)
POWER SUPPLY
TLV5638C, I
TLV5638M
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
Fast
4.3
7
VDD= 5 V,
mA
Int. ref.
Slow
2.2
3.6
Fast
3.8
6.3
VDD = 3 V,
mA
No load,
Int. ref.
Slow
1.8
3.0
IDD
Power supply current
All inputs = AGND or VDD,
Fast
3.9
6.3
VDD = 5 V,
DAC latch = 0x800
mA
Ext. ref.
Slow
1.8
3.0
Fast
3.5
5.7
VDD = 3 V,
mA
Ext. ref.
Slow
1.5
2.6
Power-down supply current
0.01
10
µA
Zero scale, (1)
65
PSRR
Power supply rejection ratio
dB
Full scale, (2)
65
(1)
Power supply rejection ratio at zero scale is measured by varying VDD and is given by: PSRR = 20 log [(EZS(VDDmax) -
EZS(VDDmin))/VDDmax]
(2)
Power supply rejection ratio at full scale is measured by varying VDD and is given by: PSRR = 20 log [(EG(VDDmax) -
EG(VDDmin))/VDDmax]
4


Similar Part No. - TLV5638_15

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TLV5638 TI1-TLV5638_12 Datasheet
679Kb / 23P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5638 TI1-TLV5638_16 Datasheet
906Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
More results

Similar Description - TLV5638_15

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TLV5638 TI1-TLV5638_16 Datasheet
906Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5638 TI-TLV5638 Datasheet
289Kb / 19P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5638 TI1-TLV5638_12 Datasheet
679Kb / 23P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5636 TI-TLV5636 Datasheet
260Kb / 18P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5636 TI-TLV5636_15 Datasheet
654Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V, LOW POWER, 12-BIT, DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5636CD TI-TLV5636CD Datasheet
633Kb / 22P
[Old version datasheet]   2.7-V TO 5.5-V, LOW POWER, 12-BIT, DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5626CDR TI-TLV5626CDR Datasheet
430Kb / 19P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5637 TI-TLV5637 Datasheet
240Kb / 17P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5626IDG4 TI-TLV5626IDG4 Datasheet
430Kb / 19P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5633 TI1-TLV5633 Datasheet
361Kb / 25P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz