Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLV5636 Datasheet(PDF) 5 Page - Texas Instruments

Part No. TLV5636
Description  2.7-V TO 5.5-V, LOW POWER, 12-BIT, DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5636 Datasheet(HTML) 5 Page - Texas Instruments

  TLV5636_15 Datasheet HTML 1Page - Texas Instruments TLV5636_15 Datasheet HTML 2Page - Texas Instruments TLV5636_15 Datasheet HTML 3Page - Texas Instruments TLV5636_15 Datasheet HTML 4Page - Texas Instruments TLV5636_15 Datasheet HTML 5Page - Texas Instruments TLV5636_15 Datasheet HTML 6Page - Texas Instruments TLV5636_15 Datasheet HTML 7Page - Texas Instruments TLV5636_15 Datasheet HTML 8Page - Texas Instruments TLV5636_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TIMING REQUIREMENTS
TLV5636
SLAS223C – JUNE 1999 – REVISED APRIL 2004
over recommended operating free-air temperature range, supply voltages, and reference voltages (unless otherwise noted)
ANALOG OUTPUT DYNAMIC PERFORMANCE
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Fast
1
3
RL = 10 kΩ,
ts(FS)
Output settling time (full scale)
CL = 100 pF,
µs
see note(1)
Slow
3.5
7
Fast
0.5
1.5
RL = 10 kΩ,
ts(CC)
Output settling time, code to code
CL = 100 pF,
µs
see note(2)
Slow
1
2
Fast
8
RL = 10 kΩ,
SR
Slew rate
CL = 100 pF,
V/µs
see note(3)
Slow
1.5
DIN = 0 to 1,
fout = 1 kHz,
Glitch energy
5
nV-s
CS = VDD
SNR
Signal-to-noise ratio
71
75
S/(N+D)
Signal-to-noise + distortion
59
66
fs = 480 kSPS,
fout = 1 kHz,
dB
RL = 10 kΩ,
CL = 100 pF
THD
Total harmonic distortion
-67
-59
Spurious free dynamic range
59
69
(1)
Settling time is the time for the output signal to remain within +0.5 LSB of the final measured value for a digital input code change of
0x20 to 0xFDF and 0xFDF to 0x020 respectively. Assured by design; not tested.
(2)
Settling time is the time for the output signal to remain within +0.5 LSB of the final measured value for a digital input code change of one
count. Assured by design; not tested.
(3)
Slew rate determines the time it takes for a change of the DAC output from 10% to 90% full-scale voltage.
DIGITAL INPUTS
MIN
NOM
MAX
UNIT
tsu(CS-FS)
Setup time, CS low before FS falling edge
10
ns
tsu(FS-CK)
Setup time, FS low before first negative SCLK edge
8
ns
Setup time, 16th negative edge after FS low on which bit D0 is sampled before
tsu(C16-FS)
10
ns
rising edge of FS.
Setup time, 16th positive SCLK edge (first positive after D0 is sampled) before CS
tsu(C16-CS)
rising edge. If FS is used instead of 16th positive edge to update DAC, then setup
10
ns
time between FS rising edge and CS rising edge.
twH
SCLK pulse duration high
25
ns
twL
SCLK pulse duration low
25
ns
tsu(D)
Setup time, data ready before SCLK falling edge
8
ns
th(D)
Hold time, data held valid after SCLK falling edge
5
ns
twH(FS)
FS duration high
25
ns
5


Similar Part No. - TLV5636_15

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TLV5636CD TI-TLV5636CD Datasheet
633Kb / 22P
[Old version datasheet]   2.7-V TO 5.5-V, LOW POWER, 12-BIT, DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5636CDG4 TI-TLV5636CDG4 Datasheet
633Kb / 22P
[Old version datasheet]   2.7-V TO 5.5-V, LOW POWER, 12-BIT, DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5636CDGK TI-TLV5636CDGK Datasheet
633Kb / 22P
[Old version datasheet]   2.7-V TO 5.5-V, LOW POWER, 12-BIT, DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5636CDGKG4 TI-TLV5636CDGKG4 Datasheet
633Kb / 22P
[Old version datasheet]   2.7-V TO 5.5-V, LOW POWER, 12-BIT, DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5636CDGKR TI-TLV5636CDGKR Datasheet
633Kb / 22P
[Old version datasheet]   2.7-V TO 5.5-V, LOW POWER, 12-BIT, DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
More results

Similar Description - TLV5636_15

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TLV5636 TI-TLV5636 Datasheet
260Kb / 18P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5636CD TI-TLV5636CD Datasheet
633Kb / 22P
[Old version datasheet]   2.7-V TO 5.5-V, LOW POWER, 12-BIT, DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5638 TI1-TLV5638_16 Datasheet
906Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5638 TI-TLV5638 Datasheet
289Kb / 19P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5638 TI1-TLV5638_12 Datasheet
679Kb / 23P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5638 TI-TLV5638_15 Datasheet
636Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5633 TI1-TLV5633 Datasheet
361Kb / 25P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
TLV5633C TI-TLV5633C Datasheet
277Kb / 23P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
TLV5639C TI1-TLV5639C_16 Datasheet
905Kb / 25P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
TLV5639CDWR TI-TLV5639CDWR Datasheet
675Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz