Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC7628C Datasheet(PDF) 3 Page - Texas Instruments

Part # TLC7628C
Description  DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7628C Datasheet(HTML) 3 Page - Texas Instruments

  TLC7628C_15 Datasheet HTML 1Page - Texas Instruments TLC7628C_15 Datasheet HTML 2Page - Texas Instruments TLC7628C_15 Datasheet HTML 3Page - Texas Instruments TLC7628C_15 Datasheet HTML 4Page - Texas Instruments TLC7628C_15 Datasheet HTML 5Page - Texas Instruments TLC7628C_15 Datasheet HTML 6Page - Texas Instruments TLC7628C_15 Datasheet HTML 7Page - Texas Instruments TLC7628C_15 Datasheet HTML 8Page - Texas Instruments TLC7628C_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TLC7628C
DUAL 8BIT MULTIPLYING
SLAS063B − APRIL 1989 − REVISED MARCH 2007
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VDD
10.8
15.75
V
Reference voltage, VrefA or VrefB
±10
V
High-level input voltage, VIH
2.4
V
Low-level input voltage, VIL
0.8
V
CS setup time, tsu(CS)
50
ns
CS hold time, th(CS) (see Figure 1)
0
ns
DAC select setup time, tsu(DAC) (see Figure 1)
60
ns
DAC select hold time, th(DAC) (see Figure 1)
10
ns
Data bus input setup time tsu(D) (see Figure 1)
25
ns
Data bus input hold time th(D) (see Figure 1)
10
ns
Pulse duration, WR low, tw(WR) (see Figure 1)
50
ns
Operating free-air temperature, TA
TLC7628C
0
+70
°C
electrical characteristics over recommended ranges of operating free-air temperature and VDD,
VrefA = VrefB = 10 V, VOA and VOB at 0 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
IIH
High-level input current
VI = VDD
Full range
10
A
IIH
High-level input current
VI = VDD
25
°C
1
µA
IIL
Low-level input current
VI = 0
Full range
−10
A
IIL
Low-level input current
VI = 0
25
°C
−1
µA
Reference input impedance REFA or REFB to
AGND
5
20
k
OUTA
DAC data latch loaded with 00000000,
Full range
±200
Ikg
Output leakage current
OUTA
DAC data latch loaded with 00000000,
VrefA = ± 10 V
25
°C
±50
nA
Ikg
Output leakage current
OUTB
DAC data latch loaded with 00000000,
Full range
±200
nA
OUTB
DAC data latch loaded with 00000000,
VrefB = ± 10 V
25
°C
±50
Input resistance match (REFA to REFB)
±1%
DC supply sensitivity
∆gain/∆VDD
∆VDD = ± 5 %
Full range
0.02
%/%
DC supply sensitivity
∆gain/∆VDD
∆VDD = ± 5 %
25
°C
0.01
%/%
Quiescent
All digital inputs at VIHmin or VILmax
2
IDD
Supply current
Standby
All digital inputs at 0 V or VDD
Full range
0.5
mA
IDD
Supply current
Standby
All digital inputs at 0 V or VDD
25
°C
0.1
mA
DB0−DB7
10
Ci
Input capacitance
WR, CS,
DACA/DACB
15
pF
Co
Output capacitance (OUTA, OUTB)
DAC data latches loaded with 00000000
25
pF
Co
Output capacitance (OUTA, OUTB)
DAC data latches loaded with 11111111
60
pF


Similar Part No. - TLC7628C_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7628C TI1-TLC7628C_16 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - TLC7628C_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7628C TI1-TLC7628C_16 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
logo
Hitachi Semiconductor
HA17008RP HITACHI-HA17008RP Datasheet
61Kb / 11P
   8-Bit Multiplying Digital to Analog Converter
HA17408P HITACHI-HA17408P Datasheet
22Kb / 4P
   8-Bit Multiplying Digital-to-Analog Converter
logo
Exar Corporation
MP7528 EXAR-MP7528 Datasheet
142Kb / 16P
   CMOS Dual Buffered Multiplying 8-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7528 BURR-BROWN-DAC7528 Datasheet
76Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
TLC7528C TI-TLC7528C Datasheet
247Kb / 17P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7628C TI-TLC7628C Datasheet
156Kb / 10P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7528C TI-TLC7528C_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
logo
Exar Corporation
MP7524A EXAR-MP7524A Datasheet
670Kb / 10P
   CMOS BUFERED MULTIPLYING 8 BIT DIGITAL TO ANALOG CONVERTER
logo
NTE Electronics
NTE2056 NTE-NTE2056 Datasheet
23Kb / 3P
   Integrated Circuit 8-Bit Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com