Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC7226M Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLC7226M
Description  QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7226M Datasheet(HTML) 2 Page - Texas Instruments

  TLC7226M Datasheet HTML 1Page - Texas Instruments TLC7226M Datasheet HTML 2Page - Texas Instruments TLC7226M Datasheet HTML 3Page - Texas Instruments TLC7226M Datasheet HTML 4Page - Texas Instruments TLC7226M Datasheet HTML 5Page - Texas Instruments TLC7226M Datasheet HTML 6Page - Texas Instruments TLC7226M Datasheet HTML 7Page - Texas Instruments TLC7226M Datasheet HTML 8Page - Texas Instruments TLC7226M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
TLC7226C, TLC7226I, TLC7226M
QUADRUPLE 8BIT DIGITALTOANALOG CONVERTERS
SLAS060F − JANUARY 1995 − REVISED APRIL 2009
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
The TLC7226C is characterized for operation from 0
°C to 70°C. The TLC7226I is characterized for operation
from −30
°C to 85°C. The TLC7226M is characterized for operation from −55°C to 125°C.
AVAILABLE OPTIONS
PACKAGE
TA
SMALL OUTLINE
(DW)
PLASTIC DIP
(N)
LCCC
(FK)
0
°C to 70°C
TLC7226CDW
TLC7226CN
−30
°C to 85°C
TLC7226IDW
TLC7226IN
−55
°C to 125°C
TLC7226MFKB
functional block diagram
_
+
DAC A
Latch
A
8
_
+
DAC B
Latch
B
8
_
+
DAC C
Latch
C
8
_
+
DAC D
Latch
D
8
Control
Logic
8
4
7− 14
15
17
16
REF
DB0 − DB7
WR
A0
A1
2
1
20
19
OUTA
OUTB
OUTC
OUTD
8
8
8
8
schematic of outputs
Output
450
µA
VDD
VSS
EQUIVALENT ANALOG OUTPUT


Similar Part No. - TLC7226M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7226M TI-TLC7226M Datasheet
601Kb / 25P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226MFKB TI-TLC7226MFKB Datasheet
601Kb / 25P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226MFKB TI1-TLC7226MFKB Datasheet
457Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - TLC7226M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5620CDR TI1-TLV5620CDR Datasheet
721Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226 TI1-TLC7226 Datasheet
457Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI-TLC5620C Datasheet
218Kb / 10P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI-TLC5620C Datasheet
190Kb / 13P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620C TI-TLV5620C Datasheet
196Kb / 14P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226C TI1-TLC7226C Datasheet
227Kb / 18P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7225 TI1-TLC7225 Datasheet
337Kb / 22P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI1-TLC5620C_08 Datasheet
395Kb / 17P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7225C TI-TLC7225C Datasheet
289Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620IDR TI-TLV5620IDR Datasheet
734Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com