Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4171-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4171-Q1
Description  OPAx171-Q1 36-V, Single-Supply, General-Purpose Operational Amplifier
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4171-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA4171-Q1 Datasheet HTML 2Page - Texas Instruments OPA4171-Q1 Datasheet HTML 3Page - Texas Instruments OPA4171-Q1 Datasheet HTML 4Page - Texas Instruments OPA4171-Q1 Datasheet HTML 5Page - Texas Instruments OPA4171-Q1 Datasheet HTML 6Page - Texas Instruments OPA4171-Q1 Datasheet HTML 7Page - Texas Instruments OPA4171-Q1 Datasheet HTML 8Page - Texas Instruments OPA4171-Q1 Datasheet HTML 9Page - Texas Instruments OPA4171-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
OPA171-Q1, OPA2171-Q1, OPA4171-Q1
SBOS556B – JUNE 2011 – REVISED DECEMBER 2014
www.ti.com
Electrical Characteristics (continued)
At TA = 25°C, VS = 2.7 to 36 V, VCM = VOUT = VS / 2, and RLOAD = 10 kΩ connected to VS / 2, unless otherwise noted. The
specified temperature range is TA = –40°C to 125°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT BIAS CURRENT
IB
Input bias current
±8
±15
pA
Input bias current over temperature
±3.5
nA
IOS
Input offset current
±4
pA
Input offset current over temperature
±3.5
nA
NOISE
Input voltage noise
f = 0.1 Hz to 10 Hz
3
µVPP
f = 100 Hz
25
nV/
√Hz
en
Input voltage noise density
f = 1 kHz
14
nV/
√Hz
INPUT VOLTAGE
VCM
Common-mode voltage range(2)
(V–) – 0.1
(V+) – 2
V
VS = ±2 V, (V–) – 0.1 V < VCM < (V+) – 2
90
104
dB
V
Common-mode rejection ratio (over
CMRR
temperature)
VS = ±18 V, (V–) – 0.1 V < VCM < (V+) – 2
104
120
dB
V
INPUT IMPEDANCE
Differential
100 || 3
M
Ω || pF
1012
Ω ||
Common-mode
6 || 3
pF
OPEN-LOOP GAIN
Open-loop voltage gain (over
VS = +4V to +36V, (V–) + 0.35V < VO <
AOL
110
130
dB
temperature)
(V+) – 0.35V
FREQUENCY RESPONSE
GBP
Gain bandwidth product
3.0
MHz
SR
Slew rate
G = 1
1.5
V/µs
To 0.1%, VS = ±18 V, G = 1, 10-V step
6
µs
tS
Settling time
To 0.01% (12 bit), VS = ±18 V, G = 1, 10-V
10
µs
step
Overload recovery time
V±IN × Gain > VS
2
µs
THD+N
Total harmonic distortion + noise
G = 1, f = 1 kHz, VO = 3 VRMS
0.0002%
OUTPUT
Voltage output swing from rail (over
VO
RL = 10 kΩ, AOL ≥ 110 dB
(V–) + 0.35
(V+) – 0.35
V
temperature)
Sourcing
25
ISC
Short-circuit current
mA
Sinking
–35
CLOAD
Capacitive load drive
See the Typical Characteristics section
pF
RO
Open-loop output resistance
f = 1 MHz, IO = 0 A
150
Ω
POWER SUPPLY
VS
Specified voltage range
2.7
36
V
IQ
Quiescent current per amplifier
IO = 0 A
475
595
µA
Quiescent current per amplifier (over
IO = 0 A
650
µA
temperature)
TEMPERATURE
Specified range
–40
125
°C
Operating range
–55
150
°C
(2)
The input range can be extended beyond (V+) – 2 V up to V+. See the and Detailed Description sections for additional information.
6
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: OPA171-Q1 OPA2171-Q1 OPA4171-Q1


Similar Part No. - OPA4171-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4171-Q1 TI-OPA4171-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   OPAx171-Q1 36-V, Single-Supply, General-Purpose Operational Amplifier
More results

Similar Description - OPA4171-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4171-Q1 TI-OPA4171-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   OPAx171-Q1 36-V, Single-Supply, General-Purpose Operational Amplifier
OPA2171-EP TI1-OPA2171-EP_16 Datasheet
1Mb / 28P
[Old version datasheet]   36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA171-Q1 TI1-OPA171-Q1_15 Datasheet
1Mb / 37P
[Old version datasheet]   Single-Supply, General-Purpose Operational Amplifier
TLV171-Q1 TI1-TLV171-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   36-V, Single-Supply, General-Purpose Operational Amplifier for Cost-Sensitive Automotive Systems
OPA2171-EP TI-OPA2171-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   OPA2171-EP 36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA170-EP TI1-OPA170-EP Datasheet
1Mb / 20P
[Old version datasheet]   36-V, SINGLE-SUPPLY, LOW-POWER OPERATIONAL AMPLIFIER
OPA171-Q1 TI1-OPA171-Q1 Datasheet
767Kb / 18P
[Old version datasheet]   36V, SINGLE-SUPPLY, GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
STMicroelectronics
UA741 STMICROELECTRONICS-UA741_01 Datasheet
88Kb / 5P
   GENERAL PURPOSE SINGLE OPERATIONAL AMPLIFIER
UA741MN STMICROELECTRONICS-UA741MN Datasheet
315Kb / 11P
   General-purpose single operational amplifier
logo
New Japan Radio
NJM741 NJRC-NJM741 Datasheet
174Kb / 5P
   SINGLE GENERAL PURPOSE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com