Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCE15H15T Datasheet(PDF) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE15H15T
Description  NCE N-Channel Enhancement Mode Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE15H15T Datasheet(HTML) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

  NCE15H15T Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd NCE15H15T Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCE15H15T Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE15H15T Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE15H15T Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE15H15T Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCE15H15T Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
NCE15H15T
Pb Free Product
http://www.ncepower.com
Wuxi NCE Power Semiconductor Co., Ltd
Page
v1.1
1
NCE N-Channel Enhancement Mode Power MOSFET
Description
The NCE15H15T uses advanced trench technology and
design to provide excellent RDS(ON) with low gate charge. It can
be used in Automotive applications and a wide variety of other
applications.
General Features
VDSS =150V,ID =150A
RDS(ON) < 8mΩ @ VGS=10V (Typ:6.6 mΩ)
Good stability and uniformity with high EAS
Special process technology for high ESD capability
High density cell design for ultra low Rdson
Fully characterized avalanche voltage and current
Excellent package for good heat dissipation
Application
Automotive applications
Hard switched and high frequency circuits
Uninterruptible power supply
100% UIS TESTED!
100% ∆Vds TESTED!
Schematic diagram
Marking and pin assignment
TO-247
top view
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
NCE15H15T
NCE15H15T
TO-247
-
-
-
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDSS
150
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous
ID
150
A
Drain Current-Continuous(TC=100℃)
ID (100℃)
106
A
Pulsed Drain Current
IDM
600
A
Maximum Power Dissipation
PD
460
W
Derating factor
3.07
W/℃
Single pulse avalanche energy
(Note 3)
EAS
3100
mJ
Peak Diode Recovery dv/dt
(Note 4)
dv/dt
18.5
V/ns


Similar Part No. - NCE15H15T

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE15H10 NCEPOWER-NCE15H10 Datasheet
375Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE15H10A NCEPOWER-NCE15H10A Datasheet
374Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE15H11T NCEPOWER-NCE15H11T Datasheet
377Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - NCE15H15T

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE3008M NCEPOWER-NCE3008M Datasheet
273Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE0128D NCEPOWER-NCE0128D Datasheet
326Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE3080K NCEPOWER-NCE3080K Datasheet
355Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE55H11 NCEPOWER-NCE55H11 Datasheet
376Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE75H21T NCEPOWER-NCE75H21T Datasheet
354Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE2302 NCEPOWER-NCE2302 Datasheet
306Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE0160S NCEPOWER-NCE0160S Datasheet
401Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE8050 NCEPOWER-NCE8050 Datasheet
358Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE8205 NCEPOWER-NCE8205_14 Datasheet
449Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE8580 NCEPOWER-NCE8580 Datasheet
349Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE8580D NCEPOWER-NCE8580D Datasheet
359Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com