Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP8916KG Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # SP8916KG
Description  5GHZ 첨16 Fixed Modulus Divider
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP8916KG Datasheet(HTML) 3 Page - Mitel Networks Corporation

  SP8916KG Datasheet HTML 1Page - Mitel Networks Corporation SP8916KG Datasheet HTML 2Page - Mitel Networks Corporation SP8916KG Datasheet HTML 3Page - Mitel Networks Corporation SP8916KG Datasheet HTML 4Page - Mitel Networks Corporation SP8916KG Datasheet HTML 5Page - Mitel Networks Corporation SP8916KG Datasheet HTML 6Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
SP8916
Figure 4 Typical application and test circuit
j2
j1
j0.5
j0.2
0
2j0.2
2j0.5
2j1
2j2
1
0.5
0.2
j5
2j5
2
5
0·3GHz
3GHz
5GHz
1GHz
Figure 5 Typical input impedance
SP8916
1
2
3
4
8
7
6
5
VCC 15V
1n
10n
1n
SIGNAL
GENERATOR
100
1n
1n
10n
50
Ω MEASURING
INSTRUMENT
100


Similar Part No. - SP8916KG

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP8916 ZARLINK-SP8916 Datasheet
553Kb / 7P
   5GHZ 첨 16 Fixed Modulus Divider
SP8916/KG/MP1S ZARLINK-SP8916/KG/MP1S Datasheet
553Kb / 7P
   5GHZ 첨 16 Fixed Modulus Divider
SP8916/KG/MP1T ZARLINK-SP8916/KG/MP1T Datasheet
553Kb / 7P
   5GHZ 첨 16 Fixed Modulus Divider
More results

Similar Description - SP8916KG

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8902 MITEL-SP8902 Datasheet
95Kb / 6P
   5GHZ 첨2 Fixed Modulus Divider
logo
Zarlink Semiconductor I...
SP8902 ZARLINK-SP8902 Datasheet
249Kb / 7P
   5GHZ/ 2 Fixed Modulus Divider
logo
Mitel Networks Corporat...
SP8908 MITEL-SP8908 Datasheet
94Kb / 6P
   5GHZ 48 Fixed Modulus Divider
SP8910 MITEL-SP8910 Datasheet
96Kb / 6P
   5GHZ 첨10 Fixed Modulus Divider
logo
Zarlink Semiconductor I...
SP8916 ZARLINK-SP8916 Datasheet
553Kb / 7P
   5GHZ 첨 16 Fixed Modulus Divider
logo
Mitel Networks Corporat...
SP8904 MITEL-SP8904 Datasheet
95Kb / 6P
   5GHZ 첨 4 Fixed Modulus Divider
logo
Zarlink Semiconductor I...
SP8908 ZARLINK-SP8908 Datasheet
408Kb / 6P
   5GHZ 첨 8 Fixed Modulus Divider
SP8808 ZARLINK-SP8808 Datasheet
441Kb / 5P
   3.3GHz 첨 Fixed Modulus Divider
logo
Mitel Networks Corporat...
SP8802 MITEL-SP8802 Datasheet
93Kb / 5P
   3.3GHz 첨 2 fixed Modulus Divider
logo
Zarlink Semiconductor I...
SP8804 ZARLINK-SP8804 Datasheet
558Kb / 6P
   3.3GHZ 첨 4 Fixed Modulus Divider
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com