Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP8855E Datasheet(PDF) 8 Page - Mitel Networks Corporation

Part # SP8855E
Description  2.8GHz Parallel Load Professional Synthesiser
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP8855E Datasheet(HTML) 8 Page - Mitel Networks Corporation

Back Button SP8855E Datasheet HTML 4Page - Mitel Networks Corporation SP8855E Datasheet HTML 5Page - Mitel Networks Corporation SP8855E Datasheet HTML 6Page - Mitel Networks Corporation SP8855E Datasheet HTML 7Page - Mitel Networks Corporation SP8855E Datasheet HTML 8Page - Mitel Networks Corporation SP8855E Datasheet HTML 9Page - Mitel Networks Corporation SP8855E Datasheet HTML 10Page - Mitel Networks Corporation SP8855E Datasheet HTML 11Page - Mitel Networks Corporation SP8855E Datasheet HTML 12Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
SP8855E
C-LOCK DETECT (HIGH WHEN LOCKED)
18
Vcc
50k
3k
3k
V REF
4.7V
20
µA
100
µA
0V
Rset
19
Vcc
CHARGE PUMP
CURRENT SOURCES
130
50
µA
40k
40k
5k
5k
INPUT
0V
Vcc
Vcc
LOCK
DETECT
OUTPUT
2k5
2k5
3k
3k
17
400
µA
100
100
1k
11
0V
LOW
WHEN
LOCKED
CHARGE PUMP
OUTPUT
REFERENCE
Vcc
450
450
20 21
83
83
Vcc
UP
DOWN
2mA
Fig. 7a RF and reference divider programming bits, F
pd/Fref
enable, control direction and phase detector gain control
inputs
Fig. 7b RF inputs
Fig. 7c Lock detect decouple
Fig. 7d Lock detect output
Fig. 7e R
set pin
Fig. 7f Charge pump circuit
Fig. 7 Interface circuit diagrams
Vcc
13
4k
325
325
14
500
500
3k
3mA
0V
RF
INPUT
RF
INPUT


Similar Part No. - SP8855E

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP8855E ZARLINK-SP8855E Datasheet
453Kb / 14P
   2.8GHz Parallel Load Professional Synthesiser
logo
List of Unclassifed Man...
SP8855E ETC2-SP8855E Datasheet
1Mb / 14P
   2.8GHz Parallel Load Professional Synthesiser
More results

Similar Description - SP8855E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP8855E ETC2-SP8855E Datasheet
1Mb / 14P
   2.8GHz Parallel Load Professional Synthesiser
logo
Zarlink Semiconductor I...
SP8855E ZARLINK-SP8855E Datasheet
453Kb / 14P
   2.8GHz Parallel Load Professional Synthesiser
SP8854E ZARLINK-SP8854E Datasheet
585Kb / 14P
   2.7GHz Parallel Load Professional Synthesiser
SP8855D ZARLINK-SP8855D Datasheet
551Kb / 14P
   1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8852D ZARLINK-SP8852D Datasheet
555Kb / 14P
   1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
logo
Mitel Networks Corporat...
SP8854E MITEL-SP8854E Datasheet
176Kb / 13P
   2쨌7GHz Parallel Load Professional Synthesiser
logo
Zarlink Semiconductor I...
SP8854D ZARLINK-SP8854D Datasheet
558Kb / 14P
   1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
logo
Mitel Networks Corporat...
SP8852E MITEL-SP8852E Datasheet
174Kb / 13P
   2쨌7GHz Parallel Load Professional Synthesiser
logo
Zarlink Semiconductor I...
SP8852E ZARLINK-SP8852E Datasheet
224Kb / 15P
   2쨌7GHz Parallel Load Professional Synthesiser
SP8858 ZARLINK-SP8858 Datasheet
547Kb / 21P
   1쨌5GHz Professional Synthesiser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com