Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP8853A Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # SP8853A
Description  1쨌3GHz Professional Synthesiser
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP8853A Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button SP8853A Datasheet HTML 3Page - Mitel Networks Corporation SP8853A Datasheet HTML 4Page - Mitel Networks Corporation SP8853A Datasheet HTML 5Page - Mitel Networks Corporation SP8853A Datasheet HTML 6Page - Mitel Networks Corporation SP8853A Datasheet HTML 7Page - Mitel Networks Corporation SP8853A Datasheet HTML 8Page - Mitel Networks Corporation SP8853A Datasheet HTML 9Page - Mitel Networks Corporation SP8853A Datasheet HTML 10Page - Mitel Networks Corporation SP8853A Datasheet HTML 11Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
SP8853A/B
Fig. 7 Data format diagrams
G2
G1
218 217 216 215 214 213 212 211 210 29
28
27
26
25
24
23
22
21
20
C2
C1
MSB
LSB
PHASE
DETECTOR GAIN
CONTROL
(SEE TABLE 1)
PHASE
DETECTOR
SENSE BIT
(SEE TABLE 2)
15-BIT PROGRAMMABLE COUNTER (M COUNTER)
4-BIT
PROGRAMMABLE
COUNTER
(A COUNTER)
CONTROL
LOGIC
(SEE
TABLE 3)
Fig. 7a F1 or F2 word, bit allocation with 416/17 selected
G2
G1
217 216 215 214 213 212 211 210 29
28
27
26
25
24
23
22
21
20
C2
C1
MSB
LSB
PHASE
DETECTOR GAIN
CONTROL
(SEE TABLE 1)
15-BIT PROGRAMMABLE COUNTER (M COUNTER)
3-BIT
PROGRAMMABLE
COUNTER
(A COUNTER)
CONTROL
LOGIC
(SEE
TABLE 3)
Fig. 7b F1 or F2 word, bit allocation with 48/9 selected
0
MUST BE ZERO
PD1 PD2
212 211 210 29
28
27
26
25
24
23
22
21
20
C2
C1
MSB
LSB
PHASE
DETECTOR
BISTABLE
CONTROL
(SEE TABLE 4)
13-BIT PROGRAMMABLE COUNTER (R COUNTER)
CONTROL
LOGIC
(SEE
TABLE 3)
Fig. 7c Reference word bit allocation
DUAL MODULUS
N RATIO SELECT
0 = 416/17
1 = 48/9
22 BITS
0 0
22 BITS
1 0
22 BITS
1 1
22 CLOCKS
22 CLOCKS
22 CLOCKS
F1 WORD
F2 WORD
REF WORD
DATA LOADS ON FALLING EDGES
DATA
DATA CLOCK
CHIP SELECT
Fig. 7d Data load sequence
PHASE
DETECTOR
SENSE BIT
(SEE TABLE 2)


Similar Part No. - SP8853A

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP8853A ZARLINK-SP8853A Datasheet
287Kb / 14P
   1.3 GHz Professional Synthesiser
More results

Similar Description - SP8853A

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP8858 ZARLINK-SP8858 Datasheet
547Kb / 21P
   1쨌5GHz Professional Synthesiser
logo
Mitel Networks Corporat...
SP5611 MITEL-SP5611 Datasheet
222Kb / 12P
   1쨌3GHz Bidirectional I2C Bus Controlled Synthesiser
SP8858 MITEL-SP8858 Datasheet
275Kb / 17P
   1쨌5GHz Professional Synthesiser
logo
Zarlink Semiconductor I...
SP8853A ZARLINK-SP8853A Datasheet
287Kb / 14P
   1.3 GHz Professional Synthesiser
logo
Mitel Networks Corporat...
SP8861 MITEL-SP8861 Datasheet
200Kb / 13P
   1쨌3GHz Low Power Single-Chip Frequency Synthesiser
logo
Zarlink Semiconductor I...
SP8861 ZARLINK-SP8861 Datasheet
282Kb / 15P
   1쨌3GHz Low Power Single-Chip Frequency Synthesiser
logo
List of Unclassifed Man...
SP8855E ETC2-SP8855E Datasheet
1Mb / 14P
   2.8GHz Parallel Load Professional Synthesiser
logo
Zarlink Semiconductor I...
SP8854E ZARLINK-SP8854E Datasheet
585Kb / 14P
   2.7GHz Parallel Load Professional Synthesiser
SP8855D ZARLINK-SP8855D Datasheet
551Kb / 14P
   1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8852D ZARLINK-SP8852D Datasheet
555Kb / 14P
   1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com