Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK681-310 Datasheet(PDF) 9 Page - ON Semiconductor

Part # STK681-310
Description  Forward/Reverse Motor Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK681-310 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button STK681-310 Datasheet HTML 2Page - ON Semiconductor STK681-310 Datasheet HTML 3Page - ON Semiconductor STK681-310 Datasheet HTML 4Page - ON Semiconductor STK681-310 Datasheet HTML 5Page - ON Semiconductor STK681-310 Datasheet HTML 6Page - ON Semiconductor STK681-310 Datasheet HTML 7Page - ON Semiconductor STK681-310 Datasheet HTML 8Page - ON Semiconductor STK681-310 Datasheet HTML 9Page - ON Semiconductor STK681-310 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
STK681-310
No. A0761-9/10
30
25
5
0
0
34
5
12
ITF02538
15
20
10
0.1
1.0
10
23
5
7
100
23
5
7
ITF02539
1.0
10
2
3
5
7
2
3
5
7
2
3
5
7
100
2
3
5
7
0.1
1.0
10
23
5
7
100
23
5
7
TR1, TR2 - A.S.O
-Vce - V
ITF02519
1.0
2
3
5
7
10
2
3
5
7
100
700
100
0
0
3.0
4.0
5.0
1.0
2.0
2.5
3.5
4.5
0.5
1.5
ITF02518
300
400
500
600
200
VCC1=24V,
VCC2=5.0V,
Tc=25
°C
Tc=25°C,
Tj=150°C,
Single pulse
10m
s
100
ms
1s
F1, F2 - A.S.O
VDS - V
Tc=25°C,
Tj=150°C,
Single pulse
100μ
s
1m
s
10m
s
100
ms
1s
250
50
0
0
3.0
4.0
5.0
1.0
2.0
2.5
3.5
4.5
0.5
1.5
ITF02517
150
200
100
VCC1=24V,
VCC2=5.0V,
Tc=25°C
VOUT - VIH2
14pin-GND voltage, VIH2- V
VCC1=24V,
VCC2=5.0V,
Tc=25
°C,
OUT1-OUT2,
Pin load=1k
Ω,
12pin=High
IIH1 - VIH1
12, 13pin-GND voltage, VIH1- V
IIH2 - VIH2
14pin-GND voltage, VIH2- V


Similar Part No. - STK681-310

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK681-310 SANYO-STK681-310 Datasheet
101Kb / 10P
   Forward/Reverse Motor Driver
logo
ON Semiconductor
STK681-310N-E ONSEMI-STK681-310N-E Datasheet
505Kb / 14P
   Forward / Reverse DC Motor Driver Intelligent Power Module
December 2016 - Rev. 0
More results

Similar Description - STK681-310

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK681-300 ONSEMI-STK681-300 Datasheet
86Kb / 10P
   Forward/Reverse Motor Driver
May, 2013
LV8086T ONSEMI-LV8086T Datasheet
73Kb / 6P
   Forward/Reverse Motor Driver
May, 2013
LV8417CS ONSEMI-LV8417CS Datasheet
168Kb / 5P
   Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8400V SANYO-LV8400V Datasheet
132Kb / 6P
   Forward/Reverse Motor Driver
ENA0760-D SANYO-ENA0760-D Datasheet
101Kb / 10P
   Forward/Reverse Motor Driver
ENA0762-D SANYO-ENA0762-D Datasheet
100Kb / 10P
   Forward/Reverse Motor Driver
LV8014T SANYO-LV8014T_09 Datasheet
107Kb / 6P
   Forward/Reverse Motor Driver
logo
ON Semiconductor
LV8019V-TLM-E ONSEMI-LV8019V-TLM-E Datasheet
84Kb / 6P
   Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8401V SANYO-LV8401V_08 Datasheet
136Kb / 6P
   Forward/Reverse Motor Driver
LV8417CS SANYO-LV8417CS Datasheet
210Kb / 5P
   Forward/Reverse Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com