Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27527DSDT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27527DSDT
Description  Dual 5-A High-Speed Low-Side Gate Driver Based on CMOS Input Threshold Logic
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27527DSDT Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCC27527DSDT Datasheet HTML 7Page - Texas Instruments UCC27527DSDT Datasheet HTML 8Page - Texas Instruments UCC27527DSDT Datasheet HTML 9Page - Texas Instruments UCC27527DSDT Datasheet HTML 10Page - Texas Instruments UCC27527DSDT Datasheet HTML 11Page - Texas Instruments UCC27527DSDT Datasheet HTML 12Page - Texas Instruments UCC27527DSDT Datasheet HTML 13Page - Texas Instruments UCC27527DSDT Datasheet HTML 14Page - Texas Instruments UCC27527DSDT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
1
ENA
500 kW
VDD
2
INA
465 kW
3
GND
4
INB
465 kW
UVLO
VDD
V
DD
VDD
8
7
6
5
ENB
OUTA
VDD
OUTB
500 kW
VDD
VDD
UCC27527, UCC27528
www.ti.com
SLUSBD0E – JUNE 2013 – REVISED DECEMBER 2014
8 Detailed Description
8.1 Overview
The UCC2752x family of products represent Texas Instruments’ latest generation of dual-channel, low-side high-
speed gate driver devices featuring 5-A source/sink current capability, industry best-in-class switching
characteristics and a host of other features listed in table below all of which combine to provide efficient, robust,
and reliable operation in high-frequency switching power circuits.
Table 1. UCC27527 and UCC27528 Features and Benefits
FEATURE
BENEFIT
Best-in-class 13-ns (typ) propagation delay
Extremely low pulse transmission distortion
1-ns (typ) delay matching between channels
Ease of paralleling outputs for higher (2x) current capability, ease of
driving parallel power switches
Expanded VDD Operating range of 4.5 V to 18 V
Flexibility in system design
Expanded operating temperature range of -40 °C to 140 °C
(See Electrical Characteristics table)
VDD UVLO Protection
Outputs are held Low in UVLO condition, which ensures predictable,
glitch-free operation at power-up and power-down
Outputs held Low when input pins (INx) in floating condition
Safety feature, especially useful in passing abnormal condition tests
during safety certification
Outputs enabled when enable pins (ENx) in floating condition
Pin-to-pin compatibility with UCC2732X family of products from TI, in
designs where pin #1, 8 are in floating condition
CMOS input threshold logic
Enhanced noise immunity, higher threshold level and wider
hysteresis which is a function of VDD supply voltage and ability to
employ RCD delay circuits on input pins.
Ability of input and enable pins to handle voltage levels not restricted System simplification, especially related to auxiliary bias supply
by VDD pin bias voltage
architecture
8.2 Functional Block Diagram
Figure 22. UCC27528 Block Diagram
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: UCC27527 UCC27528


Similar Part No. - UCC27527DSDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27527 TI-UCC27527 Datasheet
1,009Kb / 31P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver Based on CMOS Input Threshold Logic
More results

Similar Description - UCC27527DSDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27528-Q1 TI-UCC27528-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver Based on CMOS Input Threshold Logic
UCC27527 TI-UCC27527 Datasheet
1,009Kb / 31P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver Based on CMOS Input Threshold Logic
UCC27523 TI1-UCC27523_13 Datasheet
1Mb / 41P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
UCC27523 TI1-UCC27523 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
JUNE2012
UCC27524A-Q1 TI1-UCC27524A-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524A-Q1 TI1-UCC27524A-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524ADGN TI-UCC27524ADGN Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver with Negative Input Voltage Capability
UCC27524A1-Q1 TI1-UCC27524A1-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524A TI1-UCC27524A Datasheet
1Mb / 36P
[Old version datasheet]   UCC27524A Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
CD54HC4002 TI-CD54HC4002 Datasheet
337Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Input NOR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com