Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27527DSDT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27527DSDT
Description  Dual 5-A High-Speed Low-Side Gate Driver Based on CMOS Input Threshold Logic
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27527DSDT Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC27527DSDT Datasheet HTML 6Page - Texas Instruments UCC27527DSDT Datasheet HTML 7Page - Texas Instruments UCC27527DSDT Datasheet HTML 8Page - Texas Instruments UCC27527DSDT Datasheet HTML 9Page - Texas Instruments UCC27527DSDT Datasheet HTML 10Page - Texas Instruments UCC27527DSDT Datasheet HTML 11Page - Texas Instruments UCC27527DSDT Datasheet HTML 12Page - Texas Instruments UCC27527DSDT Datasheet HTML 13Page - Texas Instruments UCC27527DSDT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
0.5
1
1.5
2
2.5
−50
0
50
100
150
Temperature (°C)
Enable High Threshold
Enable Low Threshold
VDD = 4.5 V
G017
6
12
18
4
8
12
16
20
Supply Voltage (V)
Cload=1.8nF
G000
4
6
8
10
4
8
12
16
20
Supply Voltage (V)
Cload=1.8nF
G000
0
10
20
30
40
50
60
70
0
100
200
300
400
500
600
700
800
900 1000
Frequency (kHz)
VDD = 4.5 V
VDD = 12 V
VDD = 15 V
Cload=1.8nF
Both channels switching
G000
6
10
14
18
22
26
30
4
8
12
16
20
Supply Voltage (V)
Input to Output On Delay
Input to Output Off Delay
EN to Output On Delay
EN to Output Off Delay
Cload=1.8nF
G000
UCC27527, UCC27528
SLUSBD0E – JUNE 2013 – REVISED DECEMBER 2014
www.ti.com
Typical Characteristics (continued)
Both Channels Switching
CLOAD = 1.8 nF
CLOAD = 1.8 nF
Figure 17. Operating Supply Current vs Frequency
Figure 18. Propagation Delays vs Supply Voltage
CLOAD = 1.8 nF
CLOAD = 1.8 nF
Figure 19. Rise Time vs Supply Voltage
Figure 20. Fall Time vs Supply Voltage
VDD = 4.5 V
Figure 21. Enable Threshold vs Temperature
10
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: UCC27527 UCC27528


Similar Part No. - UCC27527DSDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27527 TI-UCC27527 Datasheet
1,009Kb / 31P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver Based on CMOS Input Threshold Logic
More results

Similar Description - UCC27527DSDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27528-Q1 TI-UCC27528-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver Based on CMOS Input Threshold Logic
UCC27527 TI-UCC27527 Datasheet
1,009Kb / 31P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver Based on CMOS Input Threshold Logic
UCC27523 TI1-UCC27523_13 Datasheet
1Mb / 41P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
UCC27523 TI1-UCC27523 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
JUNE2012
UCC27524A-Q1 TI1-UCC27524A-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524A-Q1 TI1-UCC27524A-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524ADGN TI-UCC27524ADGN Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver with Negative Input Voltage Capability
UCC27524A1-Q1 TI1-UCC27524A1-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524A TI1-UCC27524A Datasheet
1Mb / 36P
[Old version datasheet]   UCC27524A Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
CD54HC4002 TI-CD54HC4002 Datasheet
337Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Input NOR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com