Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27512 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27512
Description  UCC2751x Single-Channel, High-Speed, Low-Side Gate Driver (With 4-A Peak Source and 8-A Peak Sink)
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27512 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC27512 Datasheet HTML 2Page - Texas Instruments UCC27512 Datasheet HTML 3Page - Texas Instruments UCC27512 Datasheet HTML 4Page - Texas Instruments UCC27512 Datasheet HTML 5Page - Texas Instruments UCC27512 Datasheet HTML 6Page - Texas Instruments UCC27512 Datasheet HTML 7Page - Texas Instruments UCC27512 Datasheet HTML 8Page - Texas Instruments UCC27512 Datasheet HTML 9Page - Texas Instruments UCC27512 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
UCC27511, UCC27512
SLUSAW9F – FEBRUARY 2012 – REVISED NOVEMBER 2014
www.ti.com
Pin Functions - UCC27511
PIN
I/O
DESCRIPTION
NO.
NAME
1
VDD
I
Bias supply input.
Sourcing current output of driver. Connect resistor between OUTH and Gate of
2
OUTH
O
power-switching device to adjust turnon speed.
Sinking current output of driver. Connect resistor between OUTL and Gate of
3
OUTL
O
power-switching device to adjust turnoff speed.
4
GND
-
Ground: All signals referenced to this pin.
Inverting input: When the driver is used in noninverting configuration, connect IN- to
5
IN-
I
GND in order to enable output, OUT held LOW if IN- is unbiased or floating
Noninverting input: When the driver is used in inverting configuration, connect IN+
6
IN+
I
to VDD in order to enable output, OUT held LOW if IN+ is unbiased or floating
Pin Functions - UCC27512
PIN
I/O
DESCRIPTION
NO.
NAME
1
IN+
I
Noninverting input: When the driver is used in inverting configuration, connect IN+
to VDD in order to enable output, OUT held LOW if IN+ is unbiased or floating.
2, 5
GND
-
Ground: All signals referenced to this pin. TI recommends to connect pin 2 and pin 5
on PCB as close to the device as possible.
3
VDD
I
Bias supply input.
4
OUT
O
Sourcing/sinking current output of driver.
6
IN-
I
Inverting input: When the driver is used in noninverting configuration, connect IN- to
GND in order to enable output, OUT held LOW if IN- is unbiased or floating.
6
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: UCC27511 UCC27512


Similar Part No. - UCC27512

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27512 TI1-UCC27512 Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27512 TI1-UCC27512 Datasheet
1Mb / 33P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 8-A Peak Sink)
UCC27512-EP TI-UCC27512-EP Datasheet
1Mb / 29P
[Old version datasheet]   SINGLE CHANNEL HIGH-SPEED, LOW-SIDE GATE DRIVER (WITH 4-A PEAK SOURCE AND 8-A PEAK SINK)
UCC27512-EP TI-UCC27512-EP_15 Datasheet
1Mb / 29P
[Old version datasheet]   SINGLE CHANNEL HIGH-SPEED, LOW-SIDE GATE DRIVER (WITH 4-A PEAK SOURCE AND 8-A PEAK SINK)
UCC27512DRS TI1-UCC27512DRS Datasheet
1Mb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
More results

Similar Description - UCC27512

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27511 TI1-UCC27511_13 Datasheet
1Mb / 33P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 8-A Peak Sink)
UCC27511A TI1-UCC27511A Datasheet
817Kb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver With 4-A Peak Source and 8-A Peak Sink
UCC27512-EP TI-UCC27512-EP_15 Datasheet
1Mb / 29P
[Old version datasheet]   SINGLE CHANNEL HIGH-SPEED, LOW-SIDE GATE DRIVER (WITH 4-A PEAK SOURCE AND 8-A PEAK SINK)
UCC27511A-Q1 TI-UCC27511A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver With 4-A Peak Source and 8-A Peak Sink
UCC27516 TI1-UCC27516 Datasheet
983Kb / 29P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
UCC27517 TI1-UCC27517_13 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
UCC27517A-Q1 TI1-UCC27517A-Q1 Datasheet
936Kb / 26P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and Sink)
UCC27517A TI-UCC27517A_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCC27517A Single-Channel High-Speed Low-Side Gate Driver with Negative Input Voltage Capability (with 4-A Peak Source and Sink)
UCC27714 TI-UCC27714_15 Datasheet
2Mb / 43P
[Old version datasheet]   High-Speed, 600-V High-Side Low-Side Gate Driver with 4-A Peak Output
LM5114 TI1-LM5114_15 Datasheet
2Mb / 26P
[Old version datasheet]   Single 7.6-A Peak Current Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com