Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27512 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27512
Description  UCC2751x Single-Channel, High-Speed, Low-Side Gate Driver (With 4-A Peak Source and 8-A Peak Sink)
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27512 Datasheet(HTML) 5 Page - Texas Instruments

  UCC27512 Datasheet HTML 1Page - Texas Instruments UCC27512 Datasheet HTML 2Page - Texas Instruments UCC27512 Datasheet HTML 3Page - Texas Instruments UCC27512 Datasheet HTML 4Page - Texas Instruments UCC27512 Datasheet HTML 5Page - Texas Instruments UCC27512 Datasheet HTML 6Page - Texas Instruments UCC27512 Datasheet HTML 7Page - Texas Instruments UCC27512 Datasheet HTML 8Page - Texas Instruments UCC27512 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
DRS Package
(Top View)
1
2
3
4
5
6
IN-
GND
OUT
IN+
GND
VDD
GND
VDD
IN+
OUTH
OUTL
1
2
3
6
4
IN-
5
GND
VDD
IN+
OUTH
OUTL
1
2
3
6
4
IN-
5
UCC27511, UCC27512
www.ti.com
SLUSAW9F – FEBRUARY 2012 – REVISED NOVEMBER 2014
Table 2. UCC2751x Features and Benefits (continued)
FEATURE
BENEFIT
Ability of input pins (and enable pin in UCC27518/9) to handle
System simplification, especially related to auxiliary bias supply
voltage levels not restricted by VDD pin bias voltage
architecture
Split output structure in UCC27511 (OUTH, OUTL)
Allows independent optimization of turnon and turnoff speeds
Strong sink current (8 A) and low pulldown impedance (0.375
Ω) in
High immunity to C x dV/dt Miller turnon events
UCC27511 and UCC27512
Enhanced noise immunity, while retaining compatibility with
CMOS/TTL compatible input-threshold logic with wide hysteresis in
microcontroller logic-level input signals (3.3 V, 5 V) optimized for
UCC27511, UCC27512, UCC27516 and UCC27517
digital power
CMOS input threshold logic in UCC27518/9 (VIN_H – 70% VDD,
Well suited for slow input-voltage signals, with flexibility to program
VIN_L – 30% VDD)
delay circuits (RCD)
7 Pin Configuration and Functions
6-Pins
DBV Package
(Top View)
6-Pins
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: UCC27511 UCC27512


Similar Part No. - UCC27512

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27512 TI1-UCC27512 Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27512 TI1-UCC27512 Datasheet
1Mb / 33P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 8-A Peak Sink)
UCC27512-EP TI-UCC27512-EP Datasheet
1Mb / 29P
[Old version datasheet]   SINGLE CHANNEL HIGH-SPEED, LOW-SIDE GATE DRIVER (WITH 4-A PEAK SOURCE AND 8-A PEAK SINK)
UCC27512-EP TI-UCC27512-EP_15 Datasheet
1Mb / 29P
[Old version datasheet]   SINGLE CHANNEL HIGH-SPEED, LOW-SIDE GATE DRIVER (WITH 4-A PEAK SOURCE AND 8-A PEAK SINK)
UCC27512DRS TI1-UCC27512DRS Datasheet
1Mb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
More results

Similar Description - UCC27512

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27511 TI1-UCC27511_13 Datasheet
1Mb / 33P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 8-A Peak Sink)
UCC27511A TI1-UCC27511A Datasheet
817Kb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver With 4-A Peak Source and 8-A Peak Sink
UCC27512-EP TI-UCC27512-EP_15 Datasheet
1Mb / 29P
[Old version datasheet]   SINGLE CHANNEL HIGH-SPEED, LOW-SIDE GATE DRIVER (WITH 4-A PEAK SOURCE AND 8-A PEAK SINK)
UCC27511A-Q1 TI-UCC27511A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver With 4-A Peak Source and 8-A Peak Sink
UCC27516 TI1-UCC27516 Datasheet
983Kb / 29P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
UCC27517 TI1-UCC27517_13 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
UCC27517A-Q1 TI1-UCC27517A-Q1 Datasheet
936Kb / 26P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and Sink)
UCC27517A TI-UCC27517A_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCC27517A Single-Channel High-Speed Low-Side Gate Driver with Negative Input Voltage Capability (with 4-A Peak Source and Sink)
UCC27714 TI-UCC27714_15 Datasheet
2Mb / 43P
[Old version datasheet]   High-Speed, 600-V High-Side Low-Side Gate Driver with 4-A Peak Output
LM5114 TI1-LM5114_15 Datasheet
2Mb / 26P
[Old version datasheet]   Single 7.6-A Peak Current Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com