Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP5658FKGMP1T Datasheet(PDF) 9 Page - Mitel Networks Corporation

Part # SP5658FKGMP1T
Description  2.7GHz 3-Wire Bus Controlled Frequency Synthesiser
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5658FKGMP1T Datasheet(HTML) 9 Page - Mitel Networks Corporation

Back Button SP5658FKGMP1T Datasheet HTML 5Page - Mitel Networks Corporation SP5658FKGMP1T Datasheet HTML 6Page - Mitel Networks Corporation SP5658FKGMP1T Datasheet HTML 7Page - Mitel Networks Corporation SP5658FKGMP1T Datasheet HTML 8Page - Mitel Networks Corporation SP5658FKGMP1T Datasheet HTML 9Page - Mitel Networks Corporation SP5658FKGMP1T Datasheet HTML 10Page - Mitel Networks Corporation SP5658FKGMP1T Datasheet HTML 11Page - Mitel Networks Corporation SP5658FKGMP1T Datasheet HTML 12Page - Mitel Networks Corporation SP5658FKGMP1T Datasheet HTML 13Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
SP5658
114
EXTERNAL REFERENCE
SKT2
10nF*
*(NOT FITTED)
C6
C2
15nF
R6 13K3
C3
68pF
+5V
P2
+12V
C8
C9
C7/C8/C9 = 100nF
R7
22K
C7
R8
16K
R9
47K
C12
2n2F
VAR
GND
T1
2N3904
13
12
11
10
9
8
2
3
4
5
6
7
C5
1nF
C4
1nF
SKT1
RF INPUT
C10
1nF
D5
D4
D3
D2
D1
C11
1nF
NC NC
C1
18pF
X1 4MHz
P1
C13
100pF
C14
100pF
DISABLE / REF
ENABLE
DATA / SDA
CLOCK / SCL
8
+30V
PIN NO : 7
LOCK
Fig. 8 Test board
Fig. 9 Test board (layout)


Similar Part No. - SP5658FKGMP1T

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP5654 ZARLINK-SP5654 Datasheet
339Kb / 15P
   2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
SP5654-KG-MPAD ZARLINK-SP5654-KG-MPAD Datasheet
339Kb / 15P
   2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
SP5654-KG-MPAS ZARLINK-SP5654-KG-MPAS Datasheet
339Kb / 15P
   2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
SP5654/KG ZARLINK-SP5654/KG Datasheet
339Kb / 15P
   2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
SP5654/KG/MPAD ZARLINK-SP5654/KG/MPAD Datasheet
339Kb / 15P
   2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
More results

Similar Description - SP5658FKGMP1T

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP5654 ZARLINK-SP5654 Datasheet
339Kb / 15P
   2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
logo
Mitel Networks Corporat...
SP5668 MITEL-SP5668 Datasheet
163Kb / 12P
   2.7GHz 3-Wire Bus Controlled Synthesiser
SP5669 MITEL-SP5669 Datasheet
237Kb / 15P
   2.7GHz I2C Bus Controlled Synthesiser
SP5669 MITEL-SP5669_97 Datasheet
198Kb / 12P
   2.7GHz I2C Bus Controlled Synthesiser
logo
Zarlink Semiconductor I...
SP5024 ZARLINK-SP5024 Datasheet
320Kb / 8P
   3-Wire Bus Controlled Synthesiser
logo
Mitel Networks Corporat...
SP5054 MITEL-SP5054 Datasheet
279Kb / 9P
   2.6GHz 3-Wire BUS Controlled Synthesiser
logo
Zarlink Semiconductor I...
SP5524 ZARLINK-SP5524 Datasheet
286Kb / 10P
   Bidirectional I2C Bus Controlled Synthesiser
logo
Mitel Networks Corporat...
NJ88C33 MITEL-NJ88C33 Datasheet
155Kb / 11P
   Frequency Synthesiser (I2C BUS Programmable)
logo
Zarlink Semiconductor I...
NJ88C33 ZARLINK-NJ88C33 Datasheet
456Kb / 14P
   Frequency Synthesiser (I2C BUS Programmable)
SP8854E ZARLINK-SP8854E Datasheet
585Kb / 14P
   2.7GHz Parallel Load Professional Synthesiser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com