Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK715 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2SK715
Description  N-Channel JFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SK715 Datasheet(HTML) 1 Page - ON Semiconductor

  2SK715 Datasheet HTML 1Page - ON Semiconductor 2SK715 Datasheet HTML 2Page - ON Semiconductor 2SK715 Datasheet HTML 3Page - ON Semiconductor 2SK715 Datasheet HTML 4Page - ON Semiconductor 2SK715 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Publication Order Number :
2SK715/D
ORDERING INFORMATION
See detailed ordering and shipping information on page 5 of this data sheet.
© Semiconductor Components Industries, LLC, 2015
March 2015 - Rev. 1
www.onsemi.com
2SK715
N-Channel JFET
15V, 7.3 to 24mA, 50mS
1
Applications
AM Tuner RF Amp, Low-noise Amp
HF Low-noise Amp
Features
Adoption of FBET Process
Large
yfs
Small Ciss
Very Low Noise Figure
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Ratings
Unit
Drain-to-Source Voltage
VDSS
15
V
Gate-to-Drain Voltage
VGDS
--15
V
Gate Current
IG
10
mA
Drain Current
ID
50
mA
Allowable Power Dissipation
PD
300
mW
Junction Temperature
Tj
125
°C
Storage Temperature
Tstg
--55 to +125
°C
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Gate-to-Drain Breakdown Voltage
V(BR)GDS
IG=--10mA, VDS=0V
--15
V
Gate-to-Source Leakage Current
IGSS
VGS=--10V, VDS=0V
--1.0
nA
Zero-Gate Voltage Drain Current
IDSS*
VDS=5V, VGS=0V
7.3*
24.0*
mA
Cutoff Voltage
VGS(off)
VDS=5V, ID=100mA
--0.6
--1.4
V
Forward Transfer Admittance
| yfs |
VDS=5V, VGS=0V, f=1kHz
25
50
mS
Input Capacitance
Ciss
VDS=5V, VGS=0V, f=1MHz
10
pF
Reverse Transfer Capacitance
Crss
3.0
pF
Noise Figure
NF
VDS=5V, Rg=1kΩ, ID=1mA, f=1kHz
1.5
dB
*:The2SK715isclassifiedbyIDSS as follows : (unit : mA)
Rank
U
V
W
IDSS
7.3 to 12.0
10.0 to 17.0
14.5 to 24.0
2SK715U-AC
2SK715V-AC
2SK715W-AC
TO-92-3 / SPA-WA
K715
LOT No.
1
3
2
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.
Electrical Connection Marking
1 : Source
2 : Gate
3 : Drain
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - 2SK715

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK715 SANYO-2SK715 Datasheet
77Kb / 3P
   AM Tuner RF Amp Applications?
2SK715 SANYO-2SK715 Datasheet
487Kb / 7P
   AM Tuner, RF Amplifier Applications
2SK715W SANYO-2SK715W Datasheet
487Kb / 7P
   AM Tuner, RF Amplifi er Applications
2SK715 SANYO-2SK715_12 Datasheet
487Kb / 7P
   AM Tuner, RF Amplifier Applications
More results

Similar Description - 2SK715

ManufacturerPart #DatasheetDescription
logo
Micross Components
LS5912C_TO-71 MICROSS-LS5912C_TO-71 Datasheet
281Kb / 1P
   N-CHANNEL JFET
LSJ108_SOT-23 MICROSS-LSJ108_SOT-23 Datasheet
289Kb / 1P
   N-CHANNEL JFET
LSJ112_TO-92 MICROSS-LSJ112_TO-92 Datasheet
290Kb / 1P
   N-CHANNEL JFET
LSJ204_SOT-23 MICROSS-LSJ204_SOT-23 Datasheet
277Kb / 1P
   N-CHANNEL JFET
LSJ212_TO-92 MICROSS-LSJ212_TO-92 Datasheet
278Kb / 1P
   N-CHANNEL JFET
LS5908_TO-78 MICROSS-LS5908_TO-78 Datasheet
292Kb / 1P
   N-CHANNEL JFET
LS5909_PDIP MICROSS-LS5909_PDIP Datasheet
282Kb / 1P
   N-CHANNEL JFET
LS5909_TO-78 MICROSS-LS5909_TO-78 Datasheet
291Kb / 1P
   N-CHANNEL JFET
LS5906_SOT-23 MICROSS-LS5906_SOT-23 Datasheet
280Kb / 1P
   N-CHANNEL JFET
LSU402_SOIC MICROSS-LSU402_SOIC Datasheet
294Kb / 1P
   N-CHANNEL JFET
LSU405_SOIC MICROSS-LSU405_SOIC Datasheet
282Kb / 1P
   N-CHANNEL JFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com