Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS28225-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS28225-Q1
Description  TPS28225-Q1 High-Frequency 4-A Sink Synchronous MOSFET Drivers
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS28225-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS28225-Q1_15 Datasheet HTML 3Page - Texas Instruments TPS28225-Q1_15 Datasheet HTML 4Page - Texas Instruments TPS28225-Q1_15 Datasheet HTML 5Page - Texas Instruments TPS28225-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS28225-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS28225-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS28225-Q1_15 Datasheet HTML 9Page - Texas Instruments TPS28225-Q1_15 Datasheet HTML 10Page - Texas Instruments TPS28225-Q1_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
6
8
11
13
15
7
9
10
12
14
−40
125
25
Falling
Rising
TJ − Temperature − °C
−40
125
25
4
6
10
12
14
5
7
9
11
13
8
Falling
Rising
TJ − Temperature − °C
0
−40
125
25
0.75
1.25
2.00
0.25
0.50
1.00
1.50
1.75
RSINK
RSOURCE
TJ − Temperature − °C
0
−40
125
25
0.75
1.25
2.00
0.25
0.50
1.00
1.50
1.75
RSINK
RSOURCE
TJ − Temperature − °C
−40
125
25
0.00
0.75
1.25
2.00
0.25
0.50
1.00
1.50
1.75
Falling
Rising
TJ − Temperature − °C
0.0
−40
125
25
2.0
3.0
5.0
0.5
1.0
2.5
2.5
4.5
1.5
4.0
Falling
Rising
TJ − Temperature − °C
TPS28225-Q1
www.ti.com
SLUSAR9B – DECEMBER 2011 – REVISED APRIL 2015
Typical Characteristics (continued)
Figure 5. PWM 3-State Thresholds, (5-V Input Pulses) vs.
Figure 4. Enable/Power Good Threshold vs. Temperature
Temperature, (VDD = 7.2 V)
(VDD = 7.2 V)
Figure 6. UGATE DC Output Impedance vs. Temperature,
Figure 7. LGATE DC Output Impedance vs. Temperature
(VDD = 7.2 V)
(VDD = 7.2 V)
Figure 9. LGATE Rise and Fall Time vs. Temperature (VDD =
Figure 8. UGATE Rise and Fall Time vs. Temperature (VDD =
7.2 V, CLOAD = 3 nF)
7.2 V, CLOAD = 3 nF)
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS28225-Q1


Similar Part No. - TPS28225-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS28225-Q1 TI1-TPS28225-Q1 Datasheet
777Kb / 34P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
More results

Similar Description - TPS28225-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS28225 TI1-TPS28225_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225-Q1 TI1-TPS28225-Q1 Datasheet
777Kb / 34P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226 TI-TPS28226 Datasheet
1Mb / 35P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226 TI1-TPS28226_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS28226 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225 TI-TPS28225 Datasheet
987Kb / 30P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Driver
logo
Intersil Corporation
ISL6615A INTERSIL-ISL6615A Datasheet
239Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615ACBZ INTERSIL-ISL6615ACBZ Datasheet
414Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
April 13, 2012
ISL6615AIRZ-T INTERSIL-ISL6615AIRZ-T Datasheet
412Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6615 RENESAS-ISL6615 Datasheet
567Kb / 11P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615A RENESAS-ISL6615A Datasheet
626Kb / 13P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com