Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2836D Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2836D
Description  SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2836D Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2836D Datasheet HTML 5Page - Texas Instruments TPS2836D Datasheet HTML 6Page - Texas Instruments TPS2836D Datasheet HTML 7Page - Texas Instruments TPS2836D Datasheet HTML 8Page - Texas Instruments TPS2836D Datasheet HTML 9Page - Texas Instruments TPS2836D Datasheet HTML 10Page - Texas Instruments TPS2836D Datasheet HTML 11Page - Texas Instruments TPS2836D Datasheet HTML 12Page - Texas Instruments TPS2836D Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
TPS2836, TPS2837
SYNCHRONOUSBUCK MOSFET DRIVER
WITH DEADTIME CONTROL
SLVS224B − NOVEMBER 1999 − REVISED AUGUST 2002
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 13
PEAK SOURCE CURRENT
vs
SUPPLY VOLTAGE
VCC − Supply Voltage − V
0
46
8
10
0.5
4
14
2.5
3
3.5
1
1.5
2
12
Low Side
High Side
TJ = 25°C
16
Figure 14
PEAK SINK CURRENT
vs
SUPPLY VOLTAGE
VCC − Supply Voltage − V
0
46
8
10
0.5
4
14
2.5
3
3.5
1
1.5
2
12
Low Side
High Side
TJ = 25°C
16
1.0
1.2
1.4
1.6
1.8
2.0
4
6
8
10
12
14
16
Figure 15
INPUT THRESHOLD VOLTAGE
vs
SUPPLY VOLTAGE
VCC − Supply Voltage − V
TJ = 25°C
Figure 16
1.0
1.2
1.4
1.6
1.8
2.0
−50
−25
0
25
50
75
100
125
INPUT THRESHOLD VOLTAGE
vs
JUNCTION TEMPERATURE
TJ − Junction Temperature − °C
VCC = 6.5 V


Similar Part No. - TPS2836D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2836D TI-TPS2836D Datasheet
181Kb / 14P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEADTIME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com