Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP5730 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # SP5730
Description  1.3GHz Low Phase Noise Frequency Synthesiser
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5730 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  SP5730 Datasheet HTML 1Page - Mitel Networks Corporation SP5730 Datasheet HTML 2Page - Mitel Networks Corporation SP5730 Datasheet HTML 3Page - Mitel Networks Corporation SP5730 Datasheet HTML 4Page - Mitel Networks Corporation SP5730 Datasheet HTML 5Page - Mitel Networks Corporation SP5730 Datasheet HTML 6Page - Mitel Networks Corporation SP5730 Datasheet HTML 7Page - Mitel Networks Corporation SP5730 Datasheet HTML 8Page - Mitel Networks Corporation SP5730 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Preliminary Information
SP5730
Electrical Characteristics
Tamb= -40
o
C to 85
o
C, VCC= 4.5 to 5.5V
These characteristics are guaranteed by either production test or design. They apply within the specified
ambient temperature and supply voltage unless otherwise stated.
Characteristic
Pin
Value
Units
Conditions
Min
Typ
Max
Supply current
20
mA
RF input voltage
13,14
12.5
300
mVrms
100 MHz – 1.3GHz, see Figure. 4
RF input voltage
13,14
40
300
mVrms
50MHz - 100MHz, see Figure 4
RF input impedance
13,14
See Figure. 5
SDA, SCL
4, 5
Input high voltage
3
5.5
V
5V I
2
C logic selected
Input low voltage
0
1.5
V
5V I
2
C logic selected
Input high voltage
2.3
3.5
V
3V3 I
2
C logic selected
Input low voltage
0
1
V
3V3 I
2
C logic selected
Input high current
10
µA
Input voltage =Vcc
Input low current
10
µA
Input voltage = Vee
Leakage current
10
µA
Vee = Vcc
Hysteresis
0.4
V
SDA output voltage
4
0.4
V
Isink = 3mA
0.6
V
Isink = 6mA
SCL clock rate
5
400
kH
Charge pump output
1
See Table 6 Vpin1 = 2V
current
Charge pump output
1
3
10
nA
Vpin1 = 2V, Vcc = 5V, +25
°C
leakage
Charge pump drive
16
0.5
mA
Vpin16 = 0.7V
output current
Crystal frequency
2,3
2
20
MHz
See Figure 3 for application
Recommended crystal
10
200
4 MHz “parallel resonant”
series resistance
crystal.
External reference input
3
2
20
MHz
Sinewave coupled through
Frequency
10 nF blocking capacitor
External reference drive
3
0.2
0.5
Vpp
Sinewave coupled through
level
10 nF blocking capacitor


Similar Part No. - SP5730

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP5730 ZARLINK-SP5730 Datasheet
380Kb / 12P
   1.3 GHz Low Phase Noise Frequency Synthesiser
SP5730A/KG/MP1S ZARLINK-SP5730A/KG/MP1S Datasheet
380Kb / 12P
   1.3 GHz Low Phase Noise Frequency Synthesiser
SP5730A/KG/MP1T ZARLINK-SP5730A/KG/MP1T Datasheet
380Kb / 12P
   1.3 GHz Low Phase Noise Frequency Synthesiser
SP5730A/KG/MP2S ZARLINK-SP5730A/KG/MP2S Datasheet
380Kb / 12P
   1.3 GHz Low Phase Noise Frequency Synthesiser
SP5730A/KG/MP2T ZARLINK-SP5730A/KG/MP2T Datasheet
380Kb / 12P
   1.3 GHz Low Phase Noise Frequency Synthesiser
More results

Similar Description - SP5730

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP5730 ZARLINK-SP5730 Datasheet
380Kb / 12P
   1.3 GHz Low Phase Noise Frequency Synthesiser
SP5768 ZARLINK-SP5768 Datasheet
104Kb / 10P
   3.0 GHz Low Phase Noise Frequency Synthesiser
logo
Mitel Networks Corporat...
SP8400 MITEL-SP8400 Datasheet
113Kb / 6P
   Very Low Phase Noise Synthesiser Divider
logo
Zarlink Semiconductor I...
SP8400 ZARLINK-SP8400 Datasheet
383Kb / 5P
   Very Low Phase Noise Synthesiser Divider
logo
Mitel Networks Corporat...
SP5659 MITEL-SP5659 Datasheet
143Kb / 12P
   2쨌7GHz I2C Bus Low Phase Noise Synthesiser
SP5502 MITEL-SP5502 Datasheet
250Kb / 8P
   1.3GHz I2C BUS 4-Address Synthesiser
SP5510 MITEL-SP5510 Datasheet
268Kb / 10P
   1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5512 MITEL-SP5512 Datasheet
241Kb / 10P
   1.3GHz Bidirectional I2C BUS Controlled Synthesiser
logo
Zarlink Semiconductor I...
SP5610 ZARLINK-SP5610 Datasheet
593Kb / 15P
   1.3GHz BI-DIRECTIONAL I2C BUS CONTROLLED SYNTHESISER
logo
Mitel Networks Corporat...
SP5848 MITEL-SP5848 Datasheet
67Kb / 9P
   2.2/1.3GHz 3-Wire Bus Dual Low Phase Noise PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com