Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2839 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS2839
Description  SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2839 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2839 Datasheet HTML 5Page - Texas Instruments TPS2839 Datasheet HTML 6Page - Texas Instruments TPS2839 Datasheet HTML 7Page - Texas Instruments TPS2839 Datasheet HTML 8Page - Texas Instruments TPS2839 Datasheet HTML 9Page - Texas Instruments TPS2839 Datasheet HTML 10Page - Texas Instruments TPS2839 Datasheet HTML 11Page - Texas Instruments TPS2839 Datasheet HTML 12Page - Texas Instruments TPS2839 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
TPS2838, TPS2839
TPS2848, TPS2849
SLVS367A − MARCH 2001 − REVISED JUNE 2001
9
www.ti.com
electrical characteristics over recommended operating virtual junction temperature range,
VCC = 12 V, ENABLE = High, CL = 3.3 nF (unless otherwise noted) (continued)
digital control (IN, ENABLE, SYNC)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input voltage
IN
Over full VCC range
2
V
VIH
High-level input voltage
ENABLE, SYNC
Over full VCC range
2.2
V
VIL
Low-level input voltage
IN
Over full VCC range
1
V
VIL
Low-level input voltage
ENABLE, SYNC
Over full VCC range
1
V
ENABLE propagation delay time
See Note 2
2
7
µs
NOTE 2: Ensured by design, not production tested.
thermal shutdown
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Thermal shutdown
See Note 2
155
170
185
_C
td
Falling edge delay time
See Note 2
10
20
µs
NOTE 2: Ensured by design, not production tested.
drive regulator
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Recommended output voltage
4
14
V
VO
Output voltage
VCC = 10 V to 15 V,
IO = 5 mA to 150 mA
−2
2
%nom
Vref
Reference voltage
VCC = 10 V to 15 V
1.235
V
Dropout voltage
VCC = 10 V,
IO = 150 mA
See Note 2
1000
1100
mV
Line regulation
VCC = 10 V to 15 V,
IO = 5 mA
0.2
%/V
Load regulation
VCC = 10 V,
IO = 5 mA to 150 mA
2
%
Current limit
VCC = 8 V
0.5
0.6
A
PWRRDY saturation voltage
IO = 5 mA
0.8
V
Ilkg
Leakage current
VI(PWRRDY) = 4.5 V
1
µA
drive regulator undervoltage lockout
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Start threshold voltage
See Note 2
85
%Vref
Stop threshold voltage
See Note 2
80
%Vref
Vhys
Hysteresis voltage
See Note 2
2.5
5
%Vref
tpd
Propagation delay time
50-mV overdrive,
See Note 2
300
1000
ns
Falling-edge delay time
See Note 2
2
5
µs
Power on reset time
See Note 2
100
1000
µs
NOTE 2: Ensured by design, not production tested.


Similar Part No. - TPS2839

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2839 TI-TPS2839 Datasheet
283Kb / 20P
[Old version datasheet]   SYNCHRONOUS BUCK MOSFET DRIVERS WITH DRIVE REGULATOR
TPS2839PWP TI-TPS2839PWP Datasheet
283Kb / 20P
[Old version datasheet]   SYNCHRONOUS BUCK MOSFET DRIVERS WITH DRIVE REGULATOR
TPS2839PWPR TI-TPS2839PWPR Datasheet
283Kb / 20P
[Old version datasheet]   SYNCHRONOUS BUCK MOSFET DRIVERS WITH DRIVE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com