Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP5658FKGMP1S Datasheet(PDF) 10 Page - Mitel Networks Corporation

Part # SP5658FKGMP1S
Description  2.7GHz 3-Wire Bus Controlled Frequency Synthesiser
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5658FKGMP1S Datasheet(HTML) 10 Page - Mitel Networks Corporation

Back Button SP5658FKGMP1S Datasheet HTML 6Page - Mitel Networks Corporation SP5658FKGMP1S Datasheet HTML 7Page - Mitel Networks Corporation SP5658FKGMP1S Datasheet HTML 8Page - Mitel Networks Corporation SP5658FKGMP1S Datasheet HTML 9Page - Mitel Networks Corporation SP5658FKGMP1S Datasheet HTML 10Page - Mitel Networks Corporation SP5658FKGMP1S Datasheet HTML 11Page - Mitel Networks Corporation SP5658FKGMP1S Datasheet HTML 12Page - Mitel Networks Corporation SP5658FKGMP1S Datasheet HTML 13Page - Mitel Networks Corporation SP5658FKGMP1S Datasheet HTML 14Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
SP5658
LOOP BANDWIDTH
The majority of applications for which the SP5658 is
intended require a loop filter bandwidth of between 2kHz and
10kHz.
Typically the VCO phase noise will be specified at both
1kHz and10kHz offset. It is common practice to arrange the
loop filter bandwidth such that the 1kHz figure lies within the
loop bandwidth. Thus the phase noise depends on the
synthesiser comparator noise floor, rather than the VCO.
The 10kHz offset figure should depend on the VCO
providing the loop is designed correctly, and is not
underdamped.
REFERENCE SOURCE
The SP5658 offers optimal LO phase noise performance
when operated with a large step size. This is due to the fact that
the LO phase noise within the loop bandwidth is:
phase comparator
noise floor
+ 20 log
10
LO frequency
phase comparator frequency
Assuming the phase comparator noise floor is flat irrespective
of sampling frequency, this means that the best performance
will be achieved when the overall LO to phase comparator
division ratio is a minimum.
There are two ways of achieving a higher phase
comparator sampling frequency:–
A) Reduce the division ratio between the reference source
and the phase comparator
B) use a higher reference source frequency.
Approach B) may be preferred for best performance since it is
possible that the noise floor of the reference oscillator may
degrade the phase comparator performance if the reference
division ratio is very small.
(
)


Similar Part No. - SP5658FKGMP1S

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP5654 ZARLINK-SP5654 Datasheet
339Kb / 15P
   2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
SP5654-KG-MPAD ZARLINK-SP5654-KG-MPAD Datasheet
339Kb / 15P
   2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
SP5654-KG-MPAS ZARLINK-SP5654-KG-MPAS Datasheet
339Kb / 15P
   2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
SP5654/KG ZARLINK-SP5654/KG Datasheet
339Kb / 15P
   2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
SP5654/KG/MPAD ZARLINK-SP5654/KG/MPAD Datasheet
339Kb / 15P
   2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
More results

Similar Description - SP5658FKGMP1S

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP5654 ZARLINK-SP5654 Datasheet
339Kb / 15P
   2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
logo
Mitel Networks Corporat...
SP5668 MITEL-SP5668 Datasheet
163Kb / 12P
   2.7GHz 3-Wire Bus Controlled Synthesiser
SP5669 MITEL-SP5669 Datasheet
237Kb / 15P
   2.7GHz I2C Bus Controlled Synthesiser
SP5669 MITEL-SP5669_97 Datasheet
198Kb / 12P
   2.7GHz I2C Bus Controlled Synthesiser
logo
Zarlink Semiconductor I...
SP5024 ZARLINK-SP5024 Datasheet
320Kb / 8P
   3-Wire Bus Controlled Synthesiser
logo
Mitel Networks Corporat...
SP5054 MITEL-SP5054 Datasheet
279Kb / 9P
   2.6GHz 3-Wire BUS Controlled Synthesiser
logo
Zarlink Semiconductor I...
SP5524 ZARLINK-SP5524 Datasheet
286Kb / 10P
   Bidirectional I2C Bus Controlled Synthesiser
logo
Mitel Networks Corporat...
NJ88C33 MITEL-NJ88C33 Datasheet
155Kb / 11P
   Frequency Synthesiser (I2C BUS Programmable)
logo
Zarlink Semiconductor I...
NJ88C33 ZARLINK-NJ88C33 Datasheet
456Kb / 14P
   Frequency Synthesiser (I2C BUS Programmable)
SP8854E ZARLINK-SP8854E Datasheet
585Kb / 14P
   2.7GHz Parallel Load Professional Synthesiser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com