Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMT-8109 Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part # CMT-8109
Description  Common Mode Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIAD [TRIAD MAGNETICS]
Direct Link  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

CMT-8109 Datasheet(HTML) 1 Page - TRIAD MAGNETICS

  CMT-8109 Datasheet HTML 1Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Common Mode Inductors
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California 92571
Publish Date: December 4, 2013
CMT-8109
Description:
Highly dependable Triad common mode EMI suppression inductors are used in
various types of power supplies to eliminate noise common to all lines. These units
also provide effective differential mode filtering. Meeting VDE, IEC, UL and CSA
requirements, they minimize AC line transmitted interference often created by high
frequency switching power supplies.
Construction:
Constructed with UL rated 130°C (Class B) materials.
Electrical Specifications (@25C) .1V@1Khz
Min.
Inductance(1)
Amps(2)
RMS
Max. DC (Ω)
Resistance
30.0 mH
2.3
0.33
1. Inductance per winding.
2. Rated current to cause approximately 35°C temperature rise.
Dimensions:
A
Max.
B
± 0.01
C
± 0.015
D
± 0.015
E
Max.
F
Max.
G
Min.
1.35
0.80
0.90
0.60
1.45
0.05
0.15
*Units in inches.
Safety: 1500VAC Dielectric Strength between windings
.
Schematic:
RoHS Compliance:
As of manufacturing date February 2005, all standard products meet the
requirements of 2011/65/EU, known as the RoHS initiative.
* Upon printing, this document is considered “uncontrolled”. Please contact Triad
Magnetics’ website for the most current version.
C
F
1
23
4
B
G
E
A
0.12 min.
D


Similar Part No. - CMT-8109

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
CMT-8101 TRIAD-CMT-8101 Datasheet
86Kb / 1P
   Common Mode Inductors
CMT-8102 TRIAD-CMT-8102 Datasheet
86Kb / 1P
   Common Mode Inductors
CMT-8103 TRIAD-CMT-8103 Datasheet
89Kb / 1P
   Common Mode Inductors
CMT-8104 TRIAD-CMT-8104 Datasheet
90Kb / 1P
   Common Mode Inductors
CMT-8105 TRIAD-CMT-8105 Datasheet
89Kb / 1P
   Common Mode Inductors
More results

Similar Description - CMT-8109

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-244 RHOMBUS-IND-L-244 Datasheet
67Kb / 2P
   Common Mode Inductors
L-252 RHOMBUS-IND-L-252 Datasheet
37Kb / 1P
   Common Mode Inductors
logo
TRIAD MAGNETICS
CMT-8101 TRIAD-CMT-8101 Datasheet
86Kb / 1P
   Common Mode Inductors
CMT-8110 TRIAD-CMT-8110 Datasheet
91Kb / 1P
   Common Mode Inductors
CMT-8115 TRIAD-CMT-8115 Datasheet
92Kb / 1P
   Common Mode Inductors
CMT-8105 TRIAD-CMT-8105 Datasheet
89Kb / 1P
   Common Mode Inductors
CMT-8106 TRIAD-CMT-8106 Datasheet
89Kb / 1P
   Common Mode Inductors
CMT-8107 TRIAD-CMT-8107 Datasheet
89Kb / 1P
   Common Mode Inductors
CMT-8116 TRIAD-CMT-8116 Datasheet
93Kb / 1P
   Common Mode Inductors
CMT-8102 TRIAD-CMT-8102 Datasheet
86Kb / 1P
   Common Mode Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com