Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP302C Datasheet(PDF) 5 Page - Texas Instruments

Part # TMP302C
Description  TMP302-Q1, Automotive Grade, Low-Power, Easy-to-Use, Temperature Switch in MicroPackage
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP302C Datasheet(HTML) 5 Page - Texas Instruments

  TMP302C Datasheet HTML 1Page - Texas Instruments TMP302C Datasheet HTML 2Page - Texas Instruments TMP302C Datasheet HTML 3Page - Texas Instruments TMP302C Datasheet HTML 4Page - Texas Instruments TMP302C Datasheet HTML 5Page - Texas Instruments TMP302C Datasheet HTML 6Page - Texas Instruments TMP302C Datasheet HTML 7Page - Texas Instruments TMP302C Datasheet HTML 8Page - Texas Instruments TMP302C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
2.0
1.5
1.0
0.5
0
-0.5
1.0
1.5
2.0
-
-
-
40
50
60
70
80
90
100
110
130
Temperature ( C)
°
120
16
14
12
10
8
6
4
2
0
-75
-50
-25
0
25
50
75
100
150
Temperature ( C)
°
125
V = 3.6 V
S
V = 3.3 V
S
V = 1.4 V
S
TMP302-Q1
www.ti.com
SLOS889B – OCTOBER 2014 – REVISED JULY 2015
7.5 Electrical Characteristics
At TA = –40°C to 125°C, and VS = 1.4 to 3.6 V, unless otherwise noted. 100% of all units are production tested at TA = 25°C.
Over temperature specifications are specified by design.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE MEASUREMENT
Trip point accuracy
TA = 40°C to 125°C
±0.2
±2
°C
Trip point accuracy versus
±0.2
±0.5
°C/V
supply
Trip point hysteresis
HYSTSET = GND
5
°C
HYSTSET = VS
10
°C
TEMPERATURE TRIP POINT SET
TRIPSET1 = GND, TRIPSET0 =
Default
°C
GND
TRIPSET1 = GND, TRIPSET0 = VS
Default + 5
°C
Temperature trip point set
TRIPSET1 = VS, TRIPSET0 = GND
Default + 10
°C
TRIPSET1 = VS, TRIPSET0 = VS
Default + 15
°C
HYSTERESIS SET INPUT
VIH
Input logic level high
0.7 × VS
VS
V
VIL
Input logic level low
–0.5
0.3 × VS
V
II
Input current
0 < VI < 3.6 V
1
µA
DIGITAL OUTPUT
VS > 2 V, IOL = 3 mA
0
0.4
V
VOL
Output logic level low
VS < 2 V, IOL = 3 mA
0
0.2 × VS
V
POWER SUPPLY
Operating Supply Range
1.4
3.6
V
8
15
µA
IQ
Quiescent Current
VS = 3.3V, TA = 50°C
7
µA
TEMPERATURE RANGE
Specified Range
–40
125
°C
Operating Range
–55
130
°C
7.6 Typical Characteristics
At TA = 25°C and VS = 3.3 V, unless otherwise noted.
30 typical units
Figure 1. Trip Accuracy Error vs Temperature
Figure 2. Quiescent Current vs Temperature
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TMP302-Q1


Similar Part No. - TMP302C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP302C TI-TMP302C Datasheet
415Kb / 11P
[Old version datasheet]   Easy-to-Use Low-Power Low-Supply TEMPERATURE SWITCH in MicroPackage
TMP302C-Q1 TI1-TMP302C-Q1 Datasheet
857Kb / 18P
[Old version datasheet]   TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
TMP302CDRLR TI-TMP302CDRLR Datasheet
415Kb / 11P
[Old version datasheet]   Easy-to-Use Low-Power Low-Supply TEMPERATURE SWITCH in MicroPackage
TMP302CDRLT TI-TMP302CDRLT Datasheet
415Kb / 11P
[Old version datasheet]   Easy-to-Use Low-Power Low-Supply TEMPERATURE SWITCH in MicroPackage
More results

Similar Description - TMP302C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP302 TI1-TMP302 Datasheet
836Kb / 21P
[Old version datasheet]   TMP302 Easy-to-Use, Low-Power, Low-Supply Temperature Switch in Micropackage
TMP302A TI-TMP302A Datasheet
415Kb / 11P
[Old version datasheet]   Easy-to-Use Low-Power Low-Supply TEMPERATURE SWITCH in MicroPackage
TMP302A-Q1 TI1-TMP302A-Q1 Datasheet
857Kb / 18P
[Old version datasheet]   TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
TMP302C-Q1 TI1-TMP302C-Q1 Datasheet
857Kb / 18P
[Old version datasheet]   TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
TMP303 TI1-TMP303_17 Datasheet
1Mb / 22P
[Old version datasheet]   Easy-To-Use, Low-Power, Low-Supply Temperature Range Monitor In Micropackage
TMP303A TI1-TMP303A Datasheet
656Kb / 15P
[Old version datasheet]   Easy-to-Use, Low-Power, 1째C, Low-Supply TEMPERATURE RANGE MONITOR in MicroPackage
TMP303 TI1-TMP303_15 Datasheet
1Mb / 24P
[Old version datasheet]   TMP303 Easy-To-Use, Low-Power, 1째C, Low-Supply Temperature Range Monitor In Micropackage
TMP112-Q1 TI1-TMP112-Q1 Datasheet
946Kb / 33P
[Old version datasheet]   TMP112-Q1 Automotive Grade High-Accuracy, Low-Power, Digital Temperature Sensor in SOT563
TMP303 TI1-TMP303_16 Datasheet
1Mb / 24P
[Old version datasheet]   Temperature Range Monitor In Micropackage
logo
Richtek Technology Corp...
RT9480 RICHTEK-RT9480 Datasheet
177Kb / 16P
   Easy to Use Power Bank Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com