Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE44541 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44541
Description  7/16 DIN Male Right Angle Connector Crimp/Solder Attachment For PE-C240, LMR-240, RG8X
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44541 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44541 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44541 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2013 Pasternack Enterprises All Rights Reserved
2
PE44541 REV 01
7/16 DIN Male Right Angle Connector Crimp/Solder
Attachment For PE-C240, LMR-240, RG8X
PE44541 CAD Drawing


Similar Part No. - PE44541

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4454 PASTERNACK-PE4454 Datasheet
119Kb / 1P
   TNC MALE RIGHT ANLGE CLAMP ATTACHMENT
PE44540 PASTERNACK-PE44540 Datasheet
288Kb / 2P
   7/16 DIN Male Right Angle Connector Crimp/ Solder Attachment For PE-C195, 0.195 inch
PE44542 PASTERNACK-PE44542 Datasheet
214Kb / 3P
   7/16 DIN Male Right Angle Connector Crimp/Solder Attachment For PE-C400, PE-B400, PE-B405, LMR-400, LMR-400-DB, LMR-400-UF
PE44543 PASTERNACK-PE44543 Datasheet
215Kb / 3P
   7/16 DIN Male Right Angle Connector Crimp/ Solder Attachment For PE-C600, 0.600 inch
PE44544 PASTERNACK-PE44544 Datasheet
210Kb / 2P
   7/16 DIN Female Connector Crimp/Solder Attachment For PE-C195, RG58, RG141, RG303, PE-P195, LMR-195
More results

Similar Description - PE44541

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44994 PASTERNACK-PE44994 Datasheet
224Kb / 2P
   7/16 DIN Male Connector Crimp/Solder Attachment For PE-C240, LMR-240, RG8X
PE44549 PASTERNACK-PE44549 Datasheet
212Kb / 2P
   7/16 DIN Female Bulkhead Connector Crimp/Solder Attachment For PE-C240, LMR-240, RG8X
PE44670 PASTERNACK-PE44670 Datasheet
206Kb / 2P
   RP TNC Male Connector Crimp - Solder Attachment For RG8X, PE-C240, LMR-240
PE44664 PASTERNACK-PE44664 Datasheet
209Kb / 2P
   RP SMA Male Connector Crimp - Solder Attachment For RG8X, PE-C240, LMR-240
PE44642 PASTERNACK-PE44642 Datasheet
205Kb / 2P
   BNC Female Connector Crimp-Solder Attachment For RG8X, LMR-240, PE-C240
PE44636 PASTERNACK-PE44636 Datasheet
207Kb / 2P
   TNC Female Connector Crimp/Solder Attachment For RG8X, PE-C240, LMR-240
PE44676 PASTERNACK-PE44676 Datasheet
206Kb / 2P
   BNC Female Connector Crimp-Solder Attachment For RG8X, PE-C240, LMR-240
PE44671 PASTERNACK-PE44671 Datasheet
208Kb / 2P
   RP TNC Female Connector Crimp - Solder Attachment For RG8X, PE-C240, LMR-240
PE44665 PASTERNACK-PE44665 Datasheet
206Kb / 2P
   RP SMA Female Connector Crimp - Solder Attachment For RG8X, PE-C240, LMR-240
PE4379 PASTERNACK-PE4379 Datasheet
318Kb / 2P
   BNC Male Connector Crimp/Solder Attachment For RG8X,PE-C240
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com