Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

I2779AG-08-SR Datasheet(PDF) 2 Page - ON Semiconductor

Part # I2779AG-08-SR
Description  Low-Cost Notebook EMI Reduction IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

I2779AG-08-SR Datasheet(HTML) 2 Page - ON Semiconductor

  I2779AG-08-SR Datasheet HTML 1Page - ON Semiconductor I2779AG-08-SR Datasheet HTML 2Page - ON Semiconductor I2779AG-08-SR Datasheet HTML 3Page - ON Semiconductor I2779AG-08-SR Datasheet HTML 4Page - ON Semiconductor I2779AG-08-SR Datasheet HTML 5Page - ON Semiconductor I2779AG-08-SR Datasheet HTML 6Page - ON Semiconductor I2779AG-08-SR Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
P2779A
http://onsemi.com
2
Figure 1. Block Diagram
XIN
REF
XOUT
Crystal
Oscillator
VSS
LF
VDD
Frequency
Divider
Feedback
Divider
Modulation
Loop
Filter
VCO
PLL
Output
Divider
ModOUT
PD
Phase
Detector
Table 1. ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to Ground
−0.5 to +4.6
V
TSTG
Storage temperature
−65 to +125
°C
TA
Operating temperature
−40 to +85
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage (As per JEDEC STD22− A114−B)
2
KV
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 2. PIN DESCRIPTION
Pin#
Pin Name
Type
Description
1
XIN / CLKIN
I
Connect to crystal or clock input.
2
XOUT
O
Crystal output.
3
PD
I
Power−down control pin. Pull low to enable power−down mode.
This pin has an internal pull−up resistor. (Note 1)
4
LF
I
External loop filter for the PLL. By changing the value of the CRC circuit,
the percentage spread can be adjusted accordingly.
(See Loop Filter Selection Table for detail values.)
5
VSS
P
Ground connection. Connect to system ground.
6
ModOUT
O
Spread spectrum clock output.
7
REF
O
Provides a reference clock output of the input frequency.
8
VDD
P
Connect to +3.3 V.
1. Connect to VDD if not used.


Similar Part No. - I2779AG-08-SR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
I2779AG-08-SR PULSECORE-I2779AG-08-SR Datasheet
360Kb / 8P
   Low-Cost Notebook EMI Reduction IC
More results

Similar Description - I2779AG-08-SR

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
P2779A ALSC-P2779A Datasheet
197Kb / 8P
   Low-Cost Notebook EMI Reduction IC
logo
PulseCore Semiconductor
P2779A PULSECORE-P2779A Datasheet
360Kb / 8P
   Low-Cost Notebook EMI Reduction IC
logo
ON Semiconductor
P1707A ONSEMI-P1707A Datasheet
113Kb / 6P
   Notebook LCD Panel EMI Reduction IC
August, 2011 ??Rev. 3
logo
Alliance Semiconductor ...
ASM3P18S19B ALSC-ASM3P18S19B Datasheet
197Kb / 7P
   Notebook LCD Panel EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P18S19B PULSECORE-ASM3P18S19B Datasheet
185Kb / 7P
   Notebook LCD Panel EMI Reduction IC
logo
Alliance Semiconductor ...
P1708C ALSC-P1708C Datasheet
482Kb / 10P
   Low Power Notebook LCD Panel EMI Reduction IC
logo
ON Semiconductor
P1708C ONSEMI-P1708C Datasheet
174Kb / 7P
   Notebook LCD Panel EMI Reduction IC
FEBRUARY 2010 ??Rev. 2
P1727 ONSEMI-P1727 Datasheet
131Kb / 6P
   Notebook LCD Panel EMI Reduction IC
JANUARY 2010 ??Rev. 1
logo
Alliance Semiconductor ...
P1707A ALSC-P1707A Datasheet
209Kb / 10P
   Notebook LCD Panel EMI Reduction IC
logo
ON Semiconductor
P1819GF-08SR ONSEMI-P1819GF-08SR Datasheet
168Kb / 6P
   Notebook LCD Panel EMI Reduction IC
NOVEMBER 2010 ??Rev. 3.1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com