Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

I2560BG-08ST Datasheet(PDF) 3 Page - ON Semiconductor

Part # I2560BG-08ST
Description  Low Frequency EMI Reduction
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

I2560BG-08ST Datasheet(HTML) 3 Page - ON Semiconductor

  I2560BG-08ST Datasheet HTML 1Page - ON Semiconductor I2560BG-08ST Datasheet HTML 2Page - ON Semiconductor I2560BG-08ST Datasheet HTML 3Page - ON Semiconductor I2560BG-08ST Datasheet HTML 4Page - ON Semiconductor I2560BG-08ST Datasheet HTML 5Page - ON Semiconductor I2560BG-08ST Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
P2560B
http://onsemi.com
3
Figure 2. Schematic for Notebook VGA Application
27 pF
8
7
6
5
XOUT
NC
NC
NC
27 MHz
GND
P2560B
27 pF
1
2
3
4
CLKIN / XIN
VDD
VSS
ModOUT
FB: Optional ferrite bead
VDD
FB
0.1 mF
Table 4. DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input Low Voltage
VSS−0.3
0.8
V
VIH
Input High Voltage
2.0
VDD+0.3
V
IIL
Input Low current
−60.0
−35
mA
IIH
Input High current
35
mA
IXOL
XOUT Output low current
VXOL at 0.4 V, VDD = 3.3 V
3
mA
IXOH
XOUT Output high current
VXOH at 2.5 V, VDD = 3.3 V
3
mA
VOL
Output Low Voltage
VDD = 3.3 V, IOH = 20 mA
0.4
V
VOH
Output High Voltage
VDD = 3.3 V, IOH = 20 mA
2.5
V
IDD
Static supply current
CLKIN / XIN pulled LOW
0.6
mA
ICC
Dynamic supply current
3.3 V and 10 pF loading
3.2
7.0
mA
VDD
Operating Voltage
3.0
3.3
3.6
V
tON
Power up time (first locked clock cycle after power up)
0.18
mS
ZOUT
Clock Output impedance
50
W
Table 5. AC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Min
Typ
Max
Unit
fIN
Input Frequency
20
32
MHz
fOUT
Output Frequency
20
32
MHz
tLH (Note 1)
Output Rise time
Measured from 0.8 V to 2.0 V
0.7
0.9
1.1
nS
tHL (Note 1)
Output Fall time
Measured from 2.0 V to 0.8 V
0.6
0.8
1.0
nS
tJC
Jitter (Cycle−to−cycle)
360
pS
tD
Output Duty cycle
45
50
55
%
1. tLH and tHL are measured into a capacitive load of 15 pF.


Similar Part No. - I2560BG-08ST

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
I2560BG-08ST PULSECORE-I2560BG-08ST Datasheet
328Kb / 8P
   Low Frequency EMI Reduction
More results

Similar Description - I2560BG-08ST

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
P2560B PULSECORE-P2560B Datasheet
328Kb / 8P
   Low Frequency EMI Reduction
logo
Alliance Semiconductor ...
ASM3X2105A ALSC-ASM3X2105A Datasheet
455Kb / 10P
   Low Frequency EMI Reduction
P2560B ALSC-P2560B Datasheet
187Kb / 7P
   Low Frequency EMI Reduction
logo
PulseCore Semiconductor
ASM3P2531A PULSECORE-ASM3P2531A Datasheet
347Kb / 8P
   Low Frequency EMI Reduction
logo
Alliance Semiconductor ...
ASM3P2531A ALSC-ASM3P2531A Datasheet
189Kb / 8P
   Low Frequency EMI Reduction
P2010A ALSC-P2010A Datasheet
457Kb / 9P
   Low Frequency EMI Reduction IC
logo
PulseCore Semiconductor
P2005A PULSECORE-P2005A Datasheet
347Kb / 8P
   Low Frequency EMI Reduction IC
P2010A PULSECORE-P2010A Datasheet
164Kb / 8P
   Low Frequency EMI Reduction IC
logo
ON Semiconductor
P2010A ONSEMI-P2010A Datasheet
111Kb / 7P
   Low Frequency EMI Reduction IC
August, 2011 ??Rev. 2
logo
Alliance Semiconductor ...
P2005A ALSC-P2005A Datasheet
459Kb / 10P
   Low Frequency EMI Reduction IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com