Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P3PSL450AHG-08CR Datasheet(PDF) 2 Page - ON Semiconductor

Part # P3PSL450AHG-08CR
Description  Peak EMI Reduction IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P3PSL450AHG-08CR Datasheet(HTML) 2 Page - ON Semiconductor

  P3PSL450AHG-08CR Datasheet HTML 1Page - ON Semiconductor P3PSL450AHG-08CR Datasheet HTML 2Page - ON Semiconductor P3PSL450AHG-08CR Datasheet HTML 3Page - ON Semiconductor P3PSL450AHG-08CR Datasheet HTML 4Page - ON Semiconductor P3PSL450AHG-08CR Datasheet HTML 5Page - ON Semiconductor P3PSL450AHG-08CR Datasheet HTML 6Page - ON Semiconductor P3PSL450AHG-08CR Datasheet HTML 7Page - ON Semiconductor P3PSL450AHG-08CR Datasheet HTML 8Page - ON Semiconductor P3PSL450AHG-08CR Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
P3PSL450A
http://onsemi.com
2
Table 1. PIN DESCRIPTION
Pin #
Pin Name
Type
Description
1
CLKIN
I
External reference Clock input.
2
FS
I
Frequency Select. Has an internal pull−down resistor. see Frequency Selection table
3
PD#
I
Power Down. Pull LOW to enable Power Down. Pull HIGH to disable power down.
Output Clock will be LOW when power down is enabled. Has an internal pull−up resistor
4
GND
P
Ground
5
ModOUT
O
Buffered modulated Timing−Safe clock output
6
MR
I
Modulation Rate Select. When LOW selects Low Modulation Rate. Selects High
Modulation Rate when pulled HIGH. Has an internal pull−up resistor.
7
SSEXTR
I
Analog Frequency Deviation Selection through external resistor to GND.
8
VDD
P
1.8 V Supply Voltage
Table 2. FREQUENCY SELECTION TABLE
FS
Frequency (MHz)
0
15−30
1
30−60
Table 3. ABSOLUTE MAXIMUM RATING
Parameter
Min
Max
Unit
Supply Voltage to Ground Potential
−0.3
+2.7
V
DC Input Voltage(CLKIN)
−0.3
+2.7
V
DC Input Voltage (Except CLKIN)
−0.3
VDD + 0.3
V
Storage Temperature
−65
+150
°C
Max. Soldering Temperature (10 sec)
260
°C
Junction Temperature
150
°C
Static Discharge Voltage
(As per JEDEC STD22−A114−B)
2000
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 4. OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VDD
Supply Voltage
1.6
2
V
TA
Operating Temperature
−20
+85
°C
CL
Load Capacitance
15
pF
CIN
Input Capacitance
7
pF


Similar Part No. - P3PSL450AHG-08CR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P3PS550AH ONSEMI-P3PS550AH Datasheet
125Kb / 6P
   High Drive General Purpose Peak EMI Reduction IC
July, 2010 ??Rev. 1
P3PS550AHG-08CR ONSEMI-P3PS550AHG-08CR Datasheet
125Kb / 6P
   High Drive General Purpose Peak EMI Reduction IC
July, 2010 ??Rev. 1
P3PS850BH ONSEMI-P3PS850BH Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
P3PS850BH ONSEMI-P3PS850BH Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
P3PS850BHG-08CR ONSEMI-P3PS850BHG-08CR Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
More results

Similar Description - P3PSL450AHG-08CR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCS3P622Z05B ONSEMI-PCS3P622Z05B Datasheet
168Kb / 13P
   Peak EMI Reduction IC
August, 2011 ??Rev. P2
P3P622S01J ONSEMI-P3P622S01J Datasheet
135Kb / 6P
   Peak EMI Reduction IC
October, 2014 ??Rev. 2
PCS3P623Z05A ONSEMI-PCS3P623Z05A Datasheet
173Kb / 13P
   Peak EMI Reduction IC
August, 2011 ??Rev. P2
PCS3P73Z01AW ONSEMI-PCS3P73Z01AW Datasheet
202Kb / 13P
   Peak EMI Reduction IC
August, 2011 ??Rev. 2
PCS3P2537A ONSEMI-PCS3P2537A Datasheet
133Kb / 7P
   Peak EMI Reduction IC
JANUARY 2010 ??Rev. 1
P3P76Z11D ONSEMI-P3P76Z11D Datasheet
164Kb / 10P
   Peak EMI reduction IC
March, 2011 ??Rev. 0
ASM3P623S05A ONSEMI-ASM3P623S05A Datasheet
197Kb / 11P
   Peak EMI Reduction IC
July 2010 ??Rev. 1
PCS3P8103A ONSEMI-PCS3P8103A Datasheet
138Kb / 7P
   General Purpose Peak EMI Reduction IC
APRIL 2010 ??Rev. 2
PCS3PS550A ONSEMI-PCS3PS550A Datasheet
126Kb / 7P
   General Purpose Peak EMI Reduction IC
July, 2010 ??Rev. 1
P3PS850BHG-08CR ONSEMI-P3PS850BHG-08CR Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com