Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P3P76Z11D Datasheet(PDF) 4 Page - ON Semiconductor

Part # P3P76Z11D
Description  Peak EMI reduction IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P3P76Z11D Datasheet(HTML) 4 Page - ON Semiconductor

  P3P76Z11D Datasheet HTML 1Page - ON Semiconductor P3P76Z11D Datasheet HTML 2Page - ON Semiconductor P3P76Z11D Datasheet HTML 3Page - ON Semiconductor P3P76Z11D Datasheet HTML 4Page - ON Semiconductor P3P76Z11D Datasheet HTML 5Page - ON Semiconductor P3P76Z11D Datasheet HTML 6Page - ON Semiconductor P3P76Z11D Datasheet HTML 7Page - ON Semiconductor P3P76Z11D Datasheet HTML 8Page - ON Semiconductor P3P76Z11D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
P3P76Z11D, P3P76Z11DH
http://onsemi.com
4
Table 6. AC ELECTRICAL CHARACTERISTICS FOR VDD = 1.8 V + 0.2 V
Parameter
Test Conditions
Min
Typ
Max
Unit
Input Frequency
FS = 0
15
30
MHz
FS = 1
30
75
ModOUT
FS = 0
15
30
FS = 1
30
75
Duty Cycle (Notes 1 and 2)
Measured at VDD / 2
45
(49−51)
55
%
Rise Time (Notes 1 and 2)
Measured between 20% to 80%
P3P76Z11D
1.3
2.1
ns
P3P76Z11DH
1
1.7
Fall Time (Notes 1 and 2)
Measured between 80% to 20%
P3P76Z11D
1.3
2.1
ns
P3P76Z11DH
1
1.7
Cycle−to−Cycle Jitter
(Note 2)
Unloaded output with
SSEXTR = OPEN
FS = 0
15 MHz
±150
ps
30 MHz
±100
FS = 1
30 MHz
±150
75 MHz
±100
Input−Output propagation
Delay (Note 2)
SSEXTR = OPEN, No load on DLY_CTRL and ModOUT
1.1
ns
Load line
Change in Input−Output delay (with
capacitive load ≤ 15 pF), SSEXTR =
OPEN
on DLY_CTRL
−35
ps/pF
on ModOUT
35
PLL Lock Time (Note 2)
Stable power supply, valid clock presented on CLKIN pin, PD#
toggled from Low to High
1
ms
1. All parameters are specified with 15 pF loaded output.
2. Parameter is guaranteed by design and characterization. Not 100% tested in production.
SWITCHING WAVEFORMS
t2
VDD/2
VDD/2
VDD/2
OUTPUT
t1
Figure 2. Duty Cycle Timing
t3
OUTPUT
t4
20%
80%
20%
80%
Figure 3. Output Rise/Fall Time


Similar Part No. - P3P76Z11D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P3P18S19B ONSEMI-P3P18S19B Datasheet
218Kb / 5P
   Notebook LCD Panel EMI Reduction IC
October 2010 ??Rev
P3P18S19BF-08SR ONSEMI-P3P18S19BF-08SR Datasheet
218Kb / 5P
   Notebook LCD Panel EMI Reduction IC
October 2010 ??Rev
P3P2043B ONSEMI-P3P2043B Datasheet
120Kb / 5P
   LCD Panel EMI Reduction IC
July, 2012 ??Rev. 0
P3P2043BG-08SR ONSEMI-P3P2043BG-08SR Datasheet
120Kb / 5P
   LCD Panel EMI Reduction IC
July, 2012 ??Rev. 0
P3P2043B ONSEMI-P3P2043B_12 Datasheet
120Kb / 5P
   LCD Panel EMI Reduction IC
July, 2012 ??Rev. 0
More results

Similar Description - P3P76Z11D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCS3P622Z05B ONSEMI-PCS3P622Z05B Datasheet
168Kb / 13P
   Peak EMI Reduction IC
August, 2011 ??Rev. P2
P3P622S01J ONSEMI-P3P622S01J Datasheet
135Kb / 6P
   Peak EMI Reduction IC
October, 2014 ??Rev. 2
PCS3P623Z05A ONSEMI-PCS3P623Z05A Datasheet
173Kb / 13P
   Peak EMI Reduction IC
August, 2011 ??Rev. P2
PCS3P73Z01AW ONSEMI-PCS3P73Z01AW Datasheet
202Kb / 13P
   Peak EMI Reduction IC
August, 2011 ??Rev. 2
PCS3P2537A ONSEMI-PCS3P2537A Datasheet
133Kb / 7P
   Peak EMI Reduction IC
JANUARY 2010 ??Rev. 1
P3PSL450A ONSEMI-P3PSL450A Datasheet
159Kb / 9P
   Peak EMI Reduction IC
July, 2010 ??Rev. 1
ASM3P623S05A ONSEMI-ASM3P623S05A Datasheet
197Kb / 11P
   Peak EMI Reduction IC
July 2010 ??Rev. 1
PCS3P8103A ONSEMI-PCS3P8103A Datasheet
138Kb / 7P
   General Purpose Peak EMI Reduction IC
APRIL 2010 ??Rev. 2
PCS3PS550A ONSEMI-PCS3PS550A Datasheet
126Kb / 7P
   General Purpose Peak EMI Reduction IC
July, 2010 ??Rev. 1
P3PS850BHG-08CR ONSEMI-P3PS850BHG-08CR Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com