Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NUP4107UPMUTAG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NUP4107UPMUTAG
Description  High Speed Data Line Protection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUP4107UPMUTAG Datasheet(HTML) 1 Page - ON Semiconductor

  NUP4107UPMUTAG Datasheet HTML 1Page - ON Semiconductor NUP4107UPMUTAG Datasheet HTML 2Page - ON Semiconductor NUP4107UPMUTAG Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© Semiconductor Components Industries, LLC, 2008
November, 2008 − Rev. P0
1
Publication Order Number:
NUP4107UPMU/D
NUP4107UPMU
Product Preview
Low Capacitance ESD
Protection Array for High
Speed Data Line Protection
The NUP4107UPMU ESD protection array is designed to protect
high speed data lines from ESD. Ultra−low capacitance and high level
of ESD protection makes this device well suited for use in USB 2.0
applications.
Features
Low Capacitance (< 2 pF Typical Between I/O Lines and Ground)
ESD Rating of Class 3B (Exceeding 8 kV) per Human Body model
and Class C (Exceeding 400 V) per Machine Model
Protection for the Following IEC Standards:
IEC 61000−4−2 (12 kV Contact)
UL Flammability Rating of 94 V−0
This is a Pb−Free Device
Typical Applications
USB 2.0 Data Line and Power Line Protection
MIDDI Ports
SIM Ports
Gigabit Ethernet
Notebook Computers
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Operating Junction Temperature Range
TJ
−40 to +125
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Lead Solder Temperature −
Maximum (10 Seconds)
TL
260
°C
Human Body Model (HBM)
Machine Model (MM)
IEC 61000−4−2 Contact (ESD)
ESD
16000
400
12000
V
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
This document contains information on a product under development. ON Semiconductor
reserves the right to change or discontinue this product without notice.
http://onsemi.com
UDFN6 1.6x1.6
MU SUFFIX
CASE 517AP
Device
Package
Shipping
ORDERING INFORMATION
NUP4107UPMUTAG UDFN6
(Pb−Free)
3000/Tape & Reel
1
3
I/O
I/O
2
NC
I/O
4 I/O
5
6
VBUS
PIN CONNECTIONS
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
XX MG
G
1
XX
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
GND
MARKING
DIAGRAM
1
6
45
6
31


Similar Part No. - NUP4107UPMUTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUP4101FCT1 ONSEMI-NUP4101FCT1 Datasheet
28Kb / 2P
   5-Pin Lateral Bi-Directional Zener Array
May, 2002 ??Rev. 1
NUP4102XV6 ONSEMI-NUP4102XV6 Datasheet
47Kb / 3P
   6?뭁in Bi?묭irectional Quad TVS Array
January, 2006 ??Rev. 1
NUP4102XV6T1G ONSEMI-NUP4102XV6T1G Datasheet
47Kb / 3P
   6?뭁in Bi?묭irectional Quad TVS Array
January, 2006 ??Rev. 1
NUP4103FC ONSEMI-NUP4103FC Datasheet
138Kb / 5P
   Four Channel ESD Array
March, 2006 ??Rev. 1
NUP4103FCT1 ONSEMI-NUP4103FCT1 Datasheet
138Kb / 5P
   Four Channel ESD Array
March, 2006 ??Rev. 1
More results

Similar Description - NUP4107UPMUTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUP6101DMR2 ONSEMI-NUP6101DMR2 Datasheet
55Kb / 4P
   Unidirectional TVS Array for High-Speed Data Line Protection
March, 2004 ??Rev. 1
CM1234 ONSEMI-CM1234_14 Datasheet
149Kb / 9P
   ESD Clamp Array for High Speed Data Line Protection
January, 2014 ??Rev. 5
CM1233 ONSEMI-CM1233_14 Datasheet
152Kb / 9P
   ESD Clamp Array for High Speed Data Line Protection
January, 2014 ??Rev. 4
CM1236 ONSEMI-CM1236_14 Datasheet
147Kb / 9P
   ESD Clamp Array for High Speed Data Line Protection
January, 2014 ??Rev. 5
ESDR0502NMUTAG ONSEMI-ESDR0502NMUTAG Datasheet
126Kb / 5P
   Ultra Low Capacitance ESD Protection Array for High Speed Data Line Protection
March, 2012 ??Rev. 4
ESDR0502N ONSEMI-ESDR0502N Datasheet
160Kb / 5P
   Ultra Low Capacitance ESD Protection Array for High Speed Data Line Protection
November, 2009 ??Rev. 0
logo
Murata Manufacturing Co...
LXES4XBAA6-027 MURATA-LXES4XBAA6-027 Datasheet
276Kb / 4P
   High Speed Communication Line Protection
LXES2TBBB4-028 MURATA-LXES2TBBB4-028 Datasheet
257Kb / 4P
   High Speed Communication Line Protection
logo
ON Semiconductor
NUP4000 ONSEMI-NUP4000 Datasheet
124Kb / 3P
   Bi-directional TVS Array for High-Speed Data Line Protection
August, 2009 ??Rev. 0
SMDA24CDR2G ONSEMI-SMDA24CDR2G Datasheet
96Kb / 4P
   Bi-directional TVS Array for High-Speed Data Line Protection
July, 2011 ??Rev. 0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com