Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPH5617-TL-E Datasheet(PDF) 2 Page - ON Semiconductor

Part # CPH5617-TL-E
Description  N-Channel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CPH5617-TL-E Datasheet(HTML) 2 Page - ON Semiconductor

  CPH5617-TL-E Datasheet HTML 1Page - ON Semiconductor CPH5617-TL-E Datasheet HTML 2Page - ON Semiconductor CPH5617-TL-E Datasheet HTML 3Page - ON Semiconductor CPH5617-TL-E Datasheet HTML 4Page - ON Semiconductor CPH5617-TL-E Datasheet HTML 5Page - ON Semiconductor CPH5617-TL-E Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CPH5617
No.7370-2/6
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Drain to Source Breakdown Voltage
V(BR)DSS
ID=1mA, VGS=0V
30
V
Zero-Gate Voltage Drain Current
IDSS
VDS=30V, VGS=0V
10
μA
Gate to Source Leakage Current
IGSS
VGS=±8V, VDS=0V
±10
μA
Cutoff Voltage
VGS(off)
VDS=10V, ID=100μA
0.4
1.3
V
Forward Transfer Admittance
| yfs |
VDS=10V, ID=80mA
0.15
0.22
S
Static Drain to Source On-State Resistance
RDS(on)1
ID=80mA, VGS=4V
2.9
3.7
Ω
RDS(on)2
ID=40mA, VGS=2.5V
3.7
5.2
Ω
RDS(on)3
ID=10mA, VGS=1.5V
6.4
12.8
Ω
Input Capacitance
Ciss
VDS=10V, f=1MHz
7.0
pF
Output Capacitance
Coss
5.9
pF
Reverse Transfer Capacitance
Crss
2.3
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
19
ns
Rise Time
tr
65
ns
Turn-OFF Delay Time
td(off)
155
ns
Fall Time
tf
120
ns
Total Gate Charge
Qg
VDS=10V, VGS=10V, ID=150mA
1.58
nC
Gate to Source Charge
Qgs
0.26
nC
Gate to Drain “Miller” Charge
Qgd
0.31
nC
Diode Forward Voltage
VSD
IS=150mA, VGS=0V
0.87
1.2
V
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
CPH5617-TL-E
CPH5
3,000pcs./reel
Pb Free
PW=10μs
D.C.≤1%
4V
0V
VIN
P.G
50Ω
G
S
ID=80mA
RL=187.5Ω
VDD=15V
VOUT
VIN
D
CPH5617


Similar Part No. - CPH5617-TL-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH5617-TL-E SANYO-CPH5617-TL-E Datasheet
458Kb / 7P
   General-Purpose Switching Device Applications
More results

Similar Description - CPH5617-TL-E

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com