Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5LN01M Datasheet(PDF) 4 Page - ON Semiconductor

Part # 5LN01M
Description  N-Channel Small Signal MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

5LN01M Datasheet(HTML) 4 Page - ON Semiconductor

  5LN01M Datasheet HTML 1Page - ON Semiconductor 5LN01M Datasheet HTML 2Page - ON Semiconductor 5LN01M Datasheet HTML 3Page - ON Semiconductor 5LN01M Datasheet HTML 4Page - ON Semiconductor 5LN01M Datasheet HTML 5Page - ON Semiconductor 5LN01M Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
5LN01M
No.6137-4/6
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
0.01
0.1
1.0
7
5
3
2
7
5
3
2
VGS=0V
05
10
10
15
100
7
5
3
2
7
5
3
2
1.0
20
25
30
35
40
45
50
Ciss
Coss
Crss
f=1MHz
0.01
10
0.1
23
5
7
1000
100
7
5
3
2
7
5
3
2
VDD=25V
VGS=4V
td(off)
td(on)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
1
2
3
4
5
6
7
8
9
10
VDS=10V
ID=100mA
IT00062
IT00063
IT00064
IT00065
tr
tf
Ciss, Coss, Crss -- VDS
SW Time -- ID
VGS -- Qg
IS -- VSD
Diode Forward Voltage, VSD -- V
Drain Current, ID -- A
Drain to Source Voltage, VDS -- V
Total Gate Charge, Qg -- nC
0
0
20
40
0.05
60
0.10
0.15
80
100
120
0.20
140
160
IT00066
PD -- Ta
Ambient Temperature, Ta --
°C


Similar Part No. - 5LN01M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
5LN01M SANYO-5LN01M Datasheet
41Kb / 4P
   Ultrahigh-Speed Switching Applications
5LN01M SANYO-5LN01M Datasheet
75Kb / 4P
   General-Purpose Switching Device Applications
logo
VBsemi Electronics Co.,...
5LN01M VBSEMI-5LN01M Datasheet
1,012Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Sanyo Semicon Device
5LN01M-TL-E SANYO-5LN01M-TL-E Datasheet
443Kb / 7P
   General-Purpose Switching Device Applications
5LN01M-TL-H SANYO-5LN01M-TL-H Datasheet
443Kb / 7P
   General-Purpose Switching Device Applications
More results

Similar Description - 5LN01M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N7002MTF FAIRCHILD-2N7002MTF_01 Datasheet
116Kb / 5P
   N-Channel Small Signal MOSFET
logo
Weitron Technology
2N7002 WEITRON-2N7002 Datasheet
473Kb / 4P
   Small Signal MOSFET N-Channel
logo
Stanson Technology
2N7002 STANSON-2N7002 Datasheet
172Kb / 2P
   N Channel Small Signal MOSFET
logo
ON Semiconductor
3LN01C ONSEMI-3LN01C Datasheet
259Kb / 6P
   N-Channel Small Signal MOSFET
June, 2013
logo
Weitron Technology
2N7000 WEITRON-2N7000 Datasheet
173Kb / 4P
   Small Signal MOSFET N-Channel
logo
ON Semiconductor
3LN01S ONSEMI-3LN01S Datasheet
262Kb / 6P
   N-Channel Small Signal MOSFET
June, 2013
5LN01C ONSEMI-5LN01C Datasheet
263Kb / 6P
   N-Channel Small Signal MOSFET
June, 2013
5LN01S ONSEMI-5LN01S Datasheet
269Kb / 6P
   N-Channel Small Signal MOSFET
July, 2013
3LN01SS ONSEMI-3LN01SS Datasheet
258Kb / 6P
   N-Channel Small Signal MOSFET
June, 2013
5LN01SS ONSEMI-5LN01SS Datasheet
257Kb / 6P
   N-Channel Small Signal MOSFET
July, 2013
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com