Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS5540Z Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PBSS5540Z
Description  40 V low VCEsat PNP transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS5540Z Datasheet(HTML) 3 Page - NXP Semiconductors

  PBSS5540Z_15 Datasheet HTML 1Page - NXP Semiconductors PBSS5540Z_15 Datasheet HTML 2Page - NXP Semiconductors PBSS5540Z_15 Datasheet HTML 3Page - NXP Semiconductors PBSS5540Z_15 Datasheet HTML 4Page - NXP Semiconductors PBSS5540Z_15 Datasheet HTML 5Page - NXP Semiconductors PBSS5540Z_15 Datasheet HTML 6Page - NXP Semiconductors PBSS5540Z_15 Datasheet HTML 7Page - NXP Semiconductors PBSS5540Z_15 Datasheet HTML 8Page - NXP Semiconductors PBSS5540Z_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2001 Sep 21
3
NXP Semiconductors
Product data sheet
40 V low VCEsat PNP transistor
PBSS5540Z
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Notes
1.
Device mounted on a printed-circuit board, single-sided copper, tinplated, mounting pad for collector 1 cm2.
2.
Device mounted on a printed-circuit board, single-sided copper, tinplated, mounting pad for collector 6 cm2.
For other mounting conditions, see “Thermal considerations for SOT223 in the General Part of associated
Handbook”.
THERMAL CHARACTERISTICS
Note
1.
Device mounted on a printed-circuit board, single-sided copper, tinplated, mounting pad for collector 1 cm2.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−40
V
VCEO
collector-emitter voltage
open base
−40
V
VEBO
emitter-base voltage
open collector
−6
V
IC
collector current (DC)
−5
A
ICM
peak collector current
−10
A
IBM
peak base current
−2
A
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
1.35
W
Tamb ≤ 25 °C; note 2
2
W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
Tamb
operating ambient temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to
ambient
in free air; note 1
92
K/W


Similar Part No. - PBSS5540Z_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
PBSS5540Z KEXIN-PBSS5540Z_15 Datasheet
1Mb / 4P
   PNP Transistors
More results

Similar Description - PBSS5540Z_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5140T PHILIPS-PBSS5140T Datasheet
68Kb / 9P
   40 V low VCEsat PNP transistor
2004 Jan 07
PBSS5240Y PHILIPS-PBSS5240Y_15 Datasheet
125Kb / 7P
   40 V low VCEsat PNP transistor
2002 Feb 28
PBSS5240V PHILIPS-PBSS5240V_15 Datasheet
368Kb / 9P
   40 V low VCEsat PNP transistor
2003 Jan 30
logo
Nexperia B.V. All right...
PBSS5140V NEXPERIA-PBSS5140V Datasheet
466Kb / 8P
   40 V low VCEsat PNP transistor
2002 Mar 20
logo
NXP Semiconductors
PBSS3540F PHILIPS-PBSS3540F Datasheet
62Kb / 8P
   40 V low VCEsat PNP transistor
2001 Jul 13
PBSS5240V NXP-PBSS5240V Datasheet
368Kb / 9P
   40 V low VCEsat PNP transistor
2003 Jan 30
PBSS5240Y NXP-PBSS5240Y Datasheet
125Kb / 7P
   40 V low VCEsat PNP transistor
2002 Feb 28
PBSS5240V PHILIPS-PBSS5240V Datasheet
82Kb / 12P
   40 V low VCEsat PNP transistor
2003 Jan 30
logo
Nexperia B.V. All right...
PBSS5240Y NEXPERIA-PBSS5240Y Datasheet
324Kb / 8P
   40 V low VCEsat PNP transistor
2002 Feb 28
PBSS5540Z-Q NEXPERIA-PBSS5540Z-Q Datasheet
222Kb / 10P
   40 V low VCEsat PNP transistor
30 November 2021
logo
NXP Semiconductors
PBSS5140D PHILIPS-PBSS5140D Datasheet
61Kb / 8P
   40 V low VCEsat PNP transistor
2001 Nov 15
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com