Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT9092AP Datasheet(PDF) 24 Page - Mitel Networks Corporation

Part # MT9092AP
Description  ISO2-CMOS ST-BUS??FAMILY Digital Telephone with HDLC (HPhone-II)
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9092AP Datasheet(HTML) 24 Page - Mitel Networks Corporation

Back Button MT9092AP Datasheet HTML 20Page - Mitel Networks Corporation MT9092AP Datasheet HTML 21Page - Mitel Networks Corporation MT9092AP Datasheet HTML 22Page - Mitel Networks Corporation MT9092AP Datasheet HTML 23Page - Mitel Networks Corporation MT9092AP Datasheet HTML 24Page - Mitel Networks Corporation MT9092AP Datasheet HTML 25Page - Mitel Networks Corporation MT9092AP Datasheet HTML 26Page - Mitel Networks Corporation MT9092AP Datasheet HTML 27Page - Mitel Networks Corporation MT9092AP Datasheet HTML 28Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
MT9092
7-26
ADDRESSES 0Ch and 0Dh are RESERVED
Note: Bits marked "-" are reserved bits and should be written with logic "0".
Side-tone Gain
Setting (dB)
STG2
STG1
STG0
(default) OFF
-9.96
-6.64
-3.32
0
3.32
6.64
9.96
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
FCODEC Gain Control Register 2
ADDRESS = 0Bh WRITE/READ VERIFY
Power Reset Value
0X00 X000
76543210
--
NCTG1 NCTG0
STG2
STG1 STG0
-
STGn= Side-tone Gain n
Gain (dB)
NCTG1
NCTG0
0 (default)
-8
-16
-24
0
0
1
1
0
1
0
1
NCTGn = New Call Tone Gain n
PuFC
When high, the Filter/CODEC is powered up. When low, the Filter/CODEC is powered down. If PuFC, SPKR EN and
HSSPKR EN are all low then the VRef/VBias circuit is also powered down.
Tfhp
When high, an additional high pass function (passband beginning at 400Hz) is inserted into the transmit path. When
low, this highpass filter is disabled.
DIAL EN
When high, a first order lowpass filter is inserted into the receive path (3dB = 1kHz). When low, this lowpass filter is
disabled.
SIDE EN
When high, the sidetone path is enabled (assuming STG2-0 are not all low). When low, the sidetone path is disabled.
MIC EN
When high, the selected transmit microphone is enabled to the transmit filter section. When low, the microphone
path is muted.
MIC/HNSTMIC
When high, the handsfree microphone (pins MIC±) is muxed into the transmit path. When low, the handset
microphone (pins M±) is muxed into the transmit path. Both are contingent on 'MIC EN".
SPKR EN
When high, the handsfree loudspeaker driver is powered up. When low, this driver is powered down.
HSSPKR EN
When high, the handset speaker driver is powered up. When low, this driver is powered down.
Transducer Control Register
ADDRESS = 0Eh WRITE/READ VERIFY
Power Reset Value
0000 0000
76
543
2
1
0
PuFC
Tfhp
DIAL
SIDE
MIC/
SPKR
HSSPKR
MIC
EN
EN
EN
HNSTMIC
EN
EN


Similar Part No. - MT9092AP

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9094 MITEL-MT9094 Datasheet
396Kb / 32P
   ISO2-CMOS ST-BUS??FAMILY Digital Telephone (DPhone-II)
MT9094AP MITEL-MT9094AP Datasheet
396Kb / 32P
   ISO2-CMOS ST-BUS??FAMILY Digital Telephone (DPhone-II)
More results

Similar Description - MT9092AP

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9094 MITEL-MT9094 Datasheet
396Kb / 32P
   ISO2-CMOS ST-BUS??FAMILY Digital Telephone (DPhone-II)
logo
Zarlink Semiconductor I...
MT9171 ZARLINK-MT9171 Datasheet
401Kb / 25P
   ISO2-CMOS ST-BUS FAMILY
logo
Mitel Networks Corporat...
MT8952B MITEL-MT8952B Datasheet
397Kb / 22P
   ISO-CMOS ST-BUS??FAMILY HDLC Protocol Controller
MT8952B-1 MITEL-MT8952B-1 Datasheet
170Kb / 27P
   ISO-CMOS ST-BUS??FAMILY HDLC Protocol Controller
MT8971B MITEL-MT8971B Datasheet
390Kb / 20P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
MT9171 MITEL-MT9171 Datasheet
393Kb / 22P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
MT9174 MITEL-MT9174 Datasheet
33Kb / 4P
   ISO2-CMOS ST-BUS??FAMILY Digital Network Interface Circuit with Receive Sync Marker Bit
MT8993BC MITEL-MT8993BC Datasheet
2Mb / 36P
   Digital Telephone with HDLC
MT89L80 MITEL-MT89L80 Datasheet
75Kb / 15P
   CMOS ST-BUS??FAMILY Digital Switch
MT89L85 MITEL-MT89L85 Datasheet
134Kb / 20P
   CMOS ST-BUS??FAMILY Enhanced Digital Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com