Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT9092AP Datasheet(PDF) 10 Page - Mitel Networks Corporation

Part # MT9092AP
Description  ISO2-CMOS ST-BUS??FAMILY Digital Telephone with HDLC (HPhone-II)
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9092AP Datasheet(HTML) 10 Page - Mitel Networks Corporation

Back Button MT9092AP Datasheet HTML 6Page - Mitel Networks Corporation MT9092AP Datasheet HTML 7Page - Mitel Networks Corporation MT9092AP Datasheet HTML 8Page - Mitel Networks Corporation MT9092AP Datasheet HTML 9Page - Mitel Networks Corporation MT9092AP Datasheet HTML 10Page - Mitel Networks Corporation MT9092AP Datasheet HTML 11Page - Mitel Networks Corporation MT9092AP Datasheet HTML 12Page - Mitel Networks Corporation MT9092AP Datasheet HTML 13Page - Mitel Networks Corporation MT9092AP Datasheet HTML 14Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
MT9092
7-12
to determine if the packet is of minimum valid length.
These fields are transferred transparently through
the FIFO's.
Data Transparency (Zero insertion/deletion)
Transparency ensures that the contents of a data
packet do not imitate a flag, go-ahead, frame abort
or idle channel. The contents of a transmitted frame,
between the flags, is examined on a bit-by-bit basis
and a 0 bit is inserted after all sequences of five
contiguous 1 bits (including the last five bits of the
FCS). Upon receiving five contiguous 1s within a
frame the receiver deletes the following 0 bit.
Invalid Frames
A frame is invalid if one of the following four
conditions exists. Inserted zeros are not part of a
valid bit count:
1. If the FCS pattern generated from the received
data does not match the 'F0B8' pattern then the
last data byte of the packet is written to the
receive FIFO with a 'bad packet' indication.
2. A short frame exists if there are less than 25 bits
between the flags. Short frames are ignored by
the receiver and nothing is written into the
receive FIFO.
3. Packets which are at least 25 bits in length but
less than 32 bits (between the flags) are also
invalid. In this case the data is written to the
FIFO but the last byte is tagged with a 'bad
packet' indication.
4. If a frame abort sequence is detected the packet
is invalid. Some or all of the current packet will
reside in the receive FIFO, assuming the packet
length before the abort sequence was at least 26
bits long.
Frame Abort
The transmitter will abort a current packet by
substituting a zero followed by seven contiguous 1s
in place of the normal data. The receiver will abort
upon reception of seven contiguous 1s occurring
between the flags of a packet which contains at least
26 bits.
Note that should the last receive byte before the
frame abort end with contiguous 1s, these are
included in the seven 1s required for a receiver
abort. This means that the location of the abort
sequence in the receiver may occur before the
location of the abort sequence in the originally
transmitted packet. If this happens, then the last data
written to the receive FIFO will not correspond
exactly with the last byte received before the frame
abort.
Interframe Time Fill and Link Channel States
When the HDLC transmitter is not sending packets it
will wait in one of two states.
Interframe Time Fill:
This is a continuous series of
flags
occurring
between
frames
indicating
that
the
channel is active but that no
data is being sent.
Idle:
An idle channel occurs when at least fifteen
contiguous 1s are transmitted or received.
In both cases the transmitter will exit the wait state
when data is loaded into the transmit FIFO.
Go-Ahead
A go-ahead is defined as the pattern ‘011111110’
(contiguous 7F’s) and is the occurrence of a frame
abort sequence followed by a zero, outside of the
boundaries of a normal packet.
Being able to
distinguish
a
proper
(in
packet)
frame
abort
sequence from one occurring outside of a packet
allows a higher level of signalling protocol which is
not part of the HDLC specifications.
Transmitter
Following initialization and enabling, via the HTxEN
bit (address 03h), the transmitter is in the Idle
Channel State (Mark Idle). Interframe time fill may
be selected by setting the Mark Idle bit (address 03h)
high. The transmitter remains in its programmed
state until data is written to the Tx FIFO. The
transmitter will then proceed as follows:
1)
If the transmitter is in the idle state the present
byte of ones will be completely transmitted
before the opening flag and packet data is
sent.
2)
If the transmitter is in the interframe time fill
state the flag currently being transmitted will be
used as the opening flag followed by the
packet data.
To assist in loading multiple packets into the transmit
FIFO the last packet byte is tagged with either EOP
(to indicate the end of the current packet) or FA.
Control Register 1 (address 03h) bits EOP (end of


Similar Part No. - MT9092AP

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9094 MITEL-MT9094 Datasheet
396Kb / 32P
   ISO2-CMOS ST-BUS??FAMILY Digital Telephone (DPhone-II)
MT9094AP MITEL-MT9094AP Datasheet
396Kb / 32P
   ISO2-CMOS ST-BUS??FAMILY Digital Telephone (DPhone-II)
More results

Similar Description - MT9092AP

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9094 MITEL-MT9094 Datasheet
396Kb / 32P
   ISO2-CMOS ST-BUS??FAMILY Digital Telephone (DPhone-II)
logo
Zarlink Semiconductor I...
MT9171 ZARLINK-MT9171 Datasheet
401Kb / 25P
   ISO2-CMOS ST-BUS FAMILY
logo
Mitel Networks Corporat...
MT8952B MITEL-MT8952B Datasheet
397Kb / 22P
   ISO-CMOS ST-BUS??FAMILY HDLC Protocol Controller
MT8952B-1 MITEL-MT8952B-1 Datasheet
170Kb / 27P
   ISO-CMOS ST-BUS??FAMILY HDLC Protocol Controller
MT8971B MITEL-MT8971B Datasheet
390Kb / 20P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
MT9171 MITEL-MT9171 Datasheet
393Kb / 22P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
MT9174 MITEL-MT9174 Datasheet
33Kb / 4P
   ISO2-CMOS ST-BUS??FAMILY Digital Network Interface Circuit with Receive Sync Marker Bit
MT8993BC MITEL-MT8993BC Datasheet
2Mb / 36P
   Digital Telephone with HDLC
MT89L80 MITEL-MT89L80 Datasheet
75Kb / 15P
   CMOS ST-BUS??FAMILY Digital Switch
MT89L85 MITEL-MT89L85 Datasheet
134Kb / 20P
   CMOS ST-BUS??FAMILY Enhanced Digital Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com