Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE15A5040 Datasheet(PDF) 5 Page - Pasternack Enterprises, Inc.

Part # PE15A5040
Description  6 Watt P1dB, 800 MHz to 960 MHz, High Power Amplifier, 30 dB Gain, 50 dBm IP3, 3 dB NF, SMA
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A5040 Datasheet(HTML) 5 Page - Pasternack Enterprises, Inc.

  PE15A5040 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A5040 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A5040 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A5040 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A5040 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
PE15A5040 REV 1.0
6 Watt P1dB, 800 MHz to 960 MHz, High Power Amplifier,
30 dB Gain, 50 dBm IP3, 3 dB NF, SMA
PE15A5040 CAD Drawing


Similar Part No. - PE15A5040

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A5041 PASTERNACK-PE15A5041 Datasheet
429Kb / 5P
   6 Watt P1dB, 800 MHz to 960 MHz, High Power Amplifier, 37 dB Gain, 50 dBm IP3, 3 dB NF, SMA
PE15A5042 PASTERNACK-PE15A5042 Datasheet
431Kb / 5P
   42 dB Gain, 18 Watt Psat, 860 MHz to 960 MHz, High Power High Gain Amplifier, 55 dBm IP3, 3.5 dB NF, SMA
PE15A5043 PASTERNACK-PE15A5043 Datasheet
459Kb / 6P
   TECHNICAL DATA SHEET
PE15A5044 PASTERNACK-PE15A5044 Datasheet
467Kb / 6P
   TECHNICAL DATA SHEET
More results

Similar Description - PE15A5040

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A5041 PASTERNACK-PE15A5041 Datasheet
429Kb / 5P
   6 Watt P1dB, 800 MHz to 960 MHz, High Power Amplifier, 37 dB Gain, 50 dBm IP3, 3 dB NF, SMA
PE15A5039 PASTERNACK-PE15A5039 Datasheet
428Kb / 4P
   42 dB Gain, 25 Watt P1dB, 860 MHz to 960 MHz, High Power High Gain Amplifier, 58 dBm IP3, 3.5 dB NF, SMA
PE15A4026 PASTERNACK-PE15A4026 Datasheet
435Kb / 5P
   1 Watt P1dB, 820 MHz to 960 MHz, Medium Power Amplifier, 15 dB Gain, 46 dBm IP3, 2 dB NF, SMA
PE1528 PASTERNACK-PE1528 Datasheet
349Kb / 3P
   11 dBm P1dB, 10 MHz to 3 GHz, Gain Block Amplifier, 15 dB Gain, 12 dBm IP3, 3 dB NF, SMA
PE15A5042 PASTERNACK-PE15A5042 Datasheet
431Kb / 5P
   42 dB Gain, 18 Watt Psat, 860 MHz to 960 MHz, High Power High Gain Amplifier, 55 dBm IP3, 3.5 dB NF, SMA
PE15A4006 PASTERNACK-PE15A4006 Datasheet
483Kb / 6P
   30 dB Gain, 38 dBm IP3, 3 dB NF, SMA
PE15A3269 PASTERNACK-PE15A3269 Datasheet
398Kb / 4P
   3 dB NF, 14.5 dBm P1dB, 10 MHz to 6 GHz, Low Noise Broadband Amplifier, 34 dB Gain, 25.5 dBm IP3, SMA
PE15A1017 PASTERNACK-PE15A1017 Datasheet
429Kb / 6P
   35 dBm IP3, 2 dB NF, 20 dBm P1dB, 500 MHz to 3 GHz, Low Noise Amplifier, 14.5 dB Gain, SMA
PE15A4001 PASTERNACK-PE15A4001 Datasheet
479Kb / 6P
   Amplifier, 37 dB Gain, 42 dBm IP3, 6 dB NF, SMA
PE15A4002 PASTERNACK-PE15A4002 Datasheet
481Kb / 6P
   Amplifier, 33 dB Gain, 39 dBm IP3, 6 dB NF, SMA
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com