Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT9079 Datasheet(PDF) 31 Page - Mitel Networks Corporation

Part # MT9079
Description  CMOS ST-BUS??FAMILY Advanced Controller for E1
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9079 Datasheet(HTML) 31 Page - Mitel Networks Corporation

Back Button MT9079 Datasheet HTML 27Page - Mitel Networks Corporation MT9079 Datasheet HTML 28Page - Mitel Networks Corporation MT9079 Datasheet HTML 29Page - Mitel Networks Corporation MT9079 Datasheet HTML 30Page - Mitel Networks Corporation MT9079 Datasheet HTML 31Page - Mitel Networks Corporation MT9079 Datasheet HTML 32Page - Mitel Networks Corporation MT9079 Datasheet HTML 33Page - Mitel Networks Corporation MT9079 Datasheet HTML 34Page - Mitel Networks Corporation MT9079 Datasheet HTML 35Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
MT9079
4-267
Bit
Name
Functional Description
7
MFSYI
(0)
Multiframe
Synchronization
Inter-
rupt. When unmasked an interrupt is
initiated when multiframe synchroni-
zation is lost. 1 - unmasked, 0 -
masked.
Interrupt
vector
=
10000000.
6
CSYNI
(0)
CRC-4 Multiframe Alignment. When
unmasked an interrupt is initiated
when CRC-4 multiframe synchroni-
zation is lost. 1 - unmasked, 0 -
masked.
Interrupt
vector
=
10000000.
5RFALI
(0)
Remote
Failure
Interrupt.
When
unmasked an interrupt is initiated
when the near end detects a failure
of the remote end CRC-4 process
based on the receive E-bit error
count. See the RFAIL status bit
description of page 3, address 19H. 1
- unmasked, 0 - masked. Interrupt
vector = 10000000.
4YI
(0)
Remote Multiframe Loss Interrupt.
When unmasked an interrupt is initi-
ated when a remote multiframe alarm
signal is received. 1 - unmasked, 0 -
masked.
Interrupt
vector
=
10000000.
3
1SECI
(0)
One
Second
Status.
When
unmasked an interrupt is initiated
when the 1SEC status bit changes
state. 1 - unmasked, 0 - masked.
Interrupt vector = 00001000.
2STOP
(0)
Stop Interrupt. When unmasked an
interrupt
is
initiated
when either
STOP0, STOP1, STOP0 or STOP1 is
high and a match or a mismatch
between the received data, and the
data in the code detect word (CDW)
and detect word mask (DWM). 1 -
unmasked, 0 - masked. Interrupt vec-
tor = 00000010.
1STRT
(0)
Start Interrupt. When unmasked an
interrupt
is
initiated
when either
START0,
START1,
START0
or
START1 is high and a match or a
mismatch
is
made
between
the
received data, and the data in the
code detect word (CDW) and detect
word mask (DWM). 1 - unmasked, 0 -
masked.
Interrupt
vector
=
00000010.
0DATA
(0)
Data Interrupt. When unmasked an
interrupt is initiated when the data
received in selected time slots (per
time slot control words) matches the
data in the code detect word (CDW).
1 - unmasked, 0 - masked. Interrupt
vector = 00000010.
Table 39 - Interrupt Mask Word Three
(Page 1, Address 1EH)
Control Page 2
Tables 40 to 50 describe the bit functions of the page
2 control registers. ( ) in the “Name” column of these
tables indicates the state of the control bit after a
RESET or RST function.
Bit
Name
Functional Description
7
BPVE
(0)
Bipolar
Violation
Error
Insertion.
A
zero-to-one transition of this inserts a
single bipolar violation error into the
transmit PCM 30 data. A one, zero or
one-to-zero transition has no function.
6
CRCE
(0)
CRC-4 Error Insertion. A zero-to-one
transition of this bit inserts a single
CRC-4 error into the transmit PCM 30
data. A one, zero or one-to-zero transi-
tion has no function.
5FASE
(0)
Frame Alignment Signal Error Insertion.
A zero-to-one transition of this bit inserts
a single error into the time slot zero
frame alignment signal of the transmit
PCM
30
data.
A
one,
zero
or
one-to-zero transition has no function.
4
NFSE
(0)
Non-frame Alignment Signal Error Inser-
tion. A zero-to-one transition of this bit
inserts a single error into bit two of the
time slot zero non-frame alignment sig-
nal of the transmit PCM 30 data. A one,
zero or one-to-zero transition has no
function.
3
LOSE
(0)
Loss of Signal Error Insertion. If one, the
MT9079 transmits an all zeros signal
(no pulses) in every PCM 30 time slot.
When
HDB3 encoding is activated no
violations are transmitted. If zero, data is
transmitted normally.
2 - 1
---
Unused.
0
DBNCE
(0)
Debounce Select. This bit selects the
debounce period (1 for 14 msec.; 0 for
no debounce). Note: there may be as
much as 2 msec. added to this duration
because the state change of the signal-
ling equipment is not synchronous with
the PCM 30 signalling multiframe.
Table 40 - Error and Debounce Selection Word
(Page 2, Address 10H)
Bit
Name
Functional Description
7 - 0
CMP7
-
CMP0
(00H)
Bit Error Rate Compare Word 7 to 0.
CMP7 is the most significant bit and
CMP0 is the least significant bit of a bit
pattern that is compared with the data of
the selected receive circular buffer one.
When individual bit mismatches are
detected the Bit Error Rate Counter
(BERC) is incremented.
Table 41 - Bit Error Rate Compare Word
(Page 2, Address 11H)


Similar Part No. - MT9079

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT907-PRSS MARKTECH-MT907-PRSS Datasheet
106Kb / 1P
   Visible Light Emitting Diode
logo
Mitel Networks Corporat...
MT90710 MITEL-MT90710 Datasheet
113Kb / 12P
   High-Speed Isochronous Multiplexer
MT90710AP MITEL-MT90710AP Datasheet
113Kb / 12P
   High-Speed Isochronous Multiplexer
logo
Zarlink Semiconductor I...
MT9072 ZARLINK-MT9072 Datasheet
3Mb / 275P
   Octal T1/E1/J1 Framer
MT9072AB ZARLINK-MT9072AB Datasheet
3Mb / 275P
   Octal T1/E1/J1 Framer
More results

Similar Description - MT9079

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8952B-1 MITEL-MT8952B-1 Datasheet
170Kb / 27P
   ISO-CMOS ST-BUS??FAMILY HDLC Protocol Controller
MT8952B MITEL-MT8952B Datasheet
397Kb / 22P
   ISO-CMOS ST-BUS??FAMILY HDLC Protocol Controller
logo
Zarlink Semiconductor I...
MT9171 ZARLINK-MT9171 Datasheet
401Kb / 25P
   ISO2-CMOS ST-BUS FAMILY
logo
Mitel Networks Corporat...
MT8941 MITEL-MT8941 Datasheet
246Kb / 18P
   CMOS ST-BUS??FAMILY Advanced T1/CEPT Digital Trunk PLL
MT8941B MITEL-MT8941B Datasheet
131Kb / 22P
   CMOS ST-BUS??FAMILY Advanced T1/CEPT Digital Trunk PLL
MT89L80 MITEL-MT89L80 Datasheet
75Kb / 15P
   CMOS ST-BUS??FAMILY Digital Switch
MT8920B MITEL-MT8920B Datasheet
534Kb / 24P
   ISO-CMOS ST-BUS??FAMILY ST-BUS Parallel Access Circuit
MT8920B-1 MITEL-MT8920B-1 Datasheet
215Kb / 29P
   ISO-CMOS ST-BUS??FAMILY ST-BUS Parallel Access Circuit
MT89L85 MITEL-MT89L85 Datasheet
134Kb / 20P
   CMOS ST-BUS??FAMILY Enhanced Digital Switch
MT8985 MITEL-MT8985 Datasheet
345Kb / 18P
   CMOS ST-BUS??FAMILY Enhanced Digital Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com