Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT-05S09N3W Datasheet(PDF) 2 Page - CET Technology, LLC

Part # CT-05S09N3W
Description  1000Vdc Isolation Single Output 3 Watt Dc-Dc Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CETTECHNOLOGY [CET Technology, LLC]
Direct Link  http://www.cettechnology.com/
Logo CETTECHNOLOGY - CET Technology, LLC

CT-05S09N3W Datasheet(HTML) 2 Page - CET Technology, LLC

  CT-05S09N3W Datasheet HTML 1Page - CET Technology, LLC CT-05S09N3W Datasheet HTML 2Page - CET Technology, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CET Technology, LLC • www.cettechnology.com, E: cet@cettechnology.com • T: 603.894.6100 • F:
603.894.6161
DC / DC Converter Series
1000Vdc Isolation Single Output 3 Watt Dc-Dc Converter
Temperature Derating Graph
Tolerance Envelope Graph
100
75
50
25
0
-40
85
100
Ambient Temperature(℃)
Nature Convection
Output Current(%)
120%
110%
100%
90%
80%
70%
Recommended Test Circuit
Part Number
Single
t
u
o
V
+
n
i
V
GND
-Vout
Cin
Cout
5V :Cin 4.7uF,25V
12V:Cin 2.2uF,25V
24V:Cin 1uF,50V
5V :Cout 10uF,25V
9V :Cout 4.7uF,25V
12V:Cout 2.2uF,25V
15V:Cout 1uF,50V
14D - 05 S 05 N 3W
A
B C D E F
A:Series
B:Input Voltage
C:Single Output
D:Output Voltage
E:Unregulated(N)
F:Output Power
Markings and dimensions
Packaging
2.54
19.50
1 2
6
0.50±0.05
12.70
1.25
2.00
0.25±0.05
4.0
10.00
TOP VIEW
BOTTOM VIEW
printed face
4
7.10
UNIT:mm Unless otherwise specified,all tolerances are ±0.25
PIN Connection
PIN
1
2
4
6
Single
+Vin
-Vin
-Vout
+Vout
Size(mm)
A
B
C
D
9.5
16.5
522
5.0


Similar Part No. - CT-05S09N3W

ManufacturerPart #DatasheetDescription
logo
CET Technology, LLC
CT-05S09N3WNL CETTECHNOLOGY-CT-05S09N3WNL Datasheet
691Kb / 2P
   3000Vdc Isolation Single Output 3 Watt Dc-Dc Converter
More results

Similar Description - CT-05S09N3W

ManufacturerPart #DatasheetDescription
logo
CET Technology, LLC
CT-10D-1W CETTECHNOLOGY-CT-10D-1W Datasheet
902Kb / 2P
   1000Vdc Isolation Single Output 1 Watt Dc-Dc Converter
CT-13D-1W CETTECHNOLOGY-CT-13D-1W Datasheet
954Kb / 2P
   1000Vdc Isolation Single Output 1 Watt Dc-Dc Converter
CT-13DS2 CETTECHNOLOGY-CT-13DS2 Datasheet
365Kb / 2P
   1000Vdc Isolation Single & Dual Output 1 Watt Dc-Dc Converter
CT-13DS3 CETTECHNOLOGY-CT-13DS3 Datasheet
484Kb / 2P
   1000Vdc Isolation 1 Watt Single Output Surface Mount Dc-Dc Converter
CT-13DS CETTECHNOLOGY-CT-13DS Datasheet
358Kb / 2P
   1000Vdc Isolation 1 Watt Single Output Surface Mount Dc-Dc Converter
CT-13DS4 CETTECHNOLOGY-CT-13DS4 Datasheet
288Kb / 2P
   1000Vdc Isolation Single & Dual Output 1watt Dc-Dc Converter
CT-11D-250M-W CETTECHNOLOGY-CT-11D-250M-W Datasheet
840Kb / 2P
   1000Vdc Isolation Single & Dual Output 250mWatt Dc-Dc Converter
CT-12D-3W CETTECHNOLOGY-CT-12D-3W Datasheet
691Kb / 2P
   3000Vdc Isolation Single Output 3 Watt Dc-Dc Converter
logo
Premier Magnetics, Inc.
S4AD050520 PMI-S4AD050520 Datasheet
26Kb / 1P
   2.00 WATT SIP DC/DC CONVERTERS 1000Vdc ISOLATION
logo
CET Technology, LLC
CT-13D1-1W CETTECHNOLOGY-CT-13D1-1W Datasheet
485Kb / 2P
   3000Vdc Isolation Single Output 1 Watt Dc-Dc Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com