Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CT-14D-3W Datasheet(PDF) 2 Page - CET Technology, LLC

Part No. CT-14D-3W
Description  1000Vdc Isolation Single Output 3 Watt Dc-Dc Converter
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CETTECHNOLOGY [CET Technology, LLC]
Homepage  http://www.cettechnology.com/
Logo 

CT-14D-3W Datasheet(HTML) 2 Page - CET Technology, LLC

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CET Technology, LLC • www.cettechnology.com, E: cet@cettechnology.com • T: 603.894.6100 • F:
603.894.6161
DC / DC Converter Series
1000Vdc Isolation Single Output 3 Watt Dc-Dc Converter
Temperature Derating Graph
Tolerance Envelope Graph
100
75
50
25
0
-40
85
100
Ambient Temperature(℃)
Nature Convection
Output Current(%)
120%
110%
100%
90%
80%
70%
Recommended Test Circuit
Part Number
Single
t
u
o
V
+
n
i
V
GND
-Vout
Cin
Cout
5V :Cin 4.7uF,25V
12V:Cin 2.2uF,25V
24V:Cin 1uF,50V
5V :Cout 10uF,25V
9V :Cout 4.7uF,25V
12V:Cout 2.2uF,25V
15V:Cout 1uF,50V
14D - 05 S 05 N 3W
A
B C D E F
A:Series
B:Input Voltage
C:Single Output
D:Output Voltage
E:Unregulated(N)
F:Output Power
Markings and dimensions
Packaging
2.54
19.50
1 2
6
0.50±0.05
12.70
1.25
2.00
0.25±0.05
4.0
10.00
TOP VIEW
BOTTOM VIEW
printed face
4
7.10
UNIT:mm Unless otherwise specified,all tolerances are ±0.25
PIN Connection
PIN
1
2
4
6
Single
+Vin
-Vin
-Vout
+Vout
Size(mm)
A
B
C
D
9.5
16.5
522
5.0


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn