Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CT-14D-3W Datasheet(PDF) 1 Page - CET Technology, LLC

Part No. CT-14D-3W
Description  1000Vdc Isolation Single Output 3 Watt Dc-Dc Converter
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CETTECHNOLOGY [CET Technology, LLC]
Homepage  http://www.cettechnology.com/
Logo 

CT-14D-3W Datasheet(HTML) 1 Page - CET Technology, LLC

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CET Technology, LLC • www.cettechnology.com, E: cet@cettechnology.com • T: 603.894.6100 • F:
603.894.6161
DC / DC Converter Series
CT-14D-3W SERIES
1000Vdc Isolation Single Output 3 Watt Dc-Dc Converter
Specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified
Output
Voltage
Output
Current
Efficiency
Part Number
Vdc
mA
%TYP
2
8
0
0
6
5
W
3
N
5
0
S
5
0
05S09N3W
9
333
85
2
8
0
5
2
2
1
W
3
N
2
1
S
5
0
05S15N3W
15
200
85
2
8
0
0
6
5
W
3
N
5
0
S
2
1
12S09N3W
9
333
85
6
8
0
5
2
2
1
W
3
N
2
1
S
2
1
12S15N3W
15
200
87
2
8
0
0
6
5
W
3
N
5
0
S
4
2
24S09N3W
9
333
85
5
8
0
5
2
2
1
W
3
N
2
1
S
4
2
24S15N3W
15
200
86
FEATURES:
7PIN SIP Package
High Efficiency up to 87%
Unregulated Output Types
Internal SMD Construction
No External Component Required ●Industry Standard Pinout
Operating Temperature:-40℃ TO +85℃
General Specifications
Parameters
Conditions
Min
Typ
Max
Units
Isolation Resistance
500Vdc
1000
MΩ
Switching Frequency
Full load,nominal input
100
KHz
Operation Temperature
-40
+85
Humidity
Non Condensing
95
%
Cooling
Free air Convection
Case material
DAP
MTBF
MIL-HDBK-217F@25℃
3500000
Hours
Weight
2.7
g
Dimensions
19.5x7.1x10.0
mm
Input Specifications
Parameters
Conditions
Min
Typ
Max
Units
Voltage Tolerance
Vo, Io Nom
±
10
%
Filter
Capacitor
Output Specifications
Parameters
Conditions
Min
Typ
Max
Units
Voltage Tolerance
100% full load
±
5
%
Short Circuit Protection
Short Term
1 Sec
Line Regulation
For 1.0% OF Vin
1.2
%
Load Regulation
10% To 100% F.L
10
%
Ripple & Noise
BW=DC To 20MHz
100
mVp-p
Transient response setting time
50% load step change
350
us
CT-
CT-
CT-
CT-
CT-
CT-
CT-
CT-
CT-
CT-
CT-
CT-


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn