Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT9074 Datasheet(PDF) 62 Page - Mitel Networks Corporation

Part # MT9074
Description  T1/E1/J1 Single Chip Transceiver
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9074 Datasheet(HTML) 62 Page - Mitel Networks Corporation

Back Button MT9074 Datasheet HTML 58Page - Mitel Networks Corporation MT9074 Datasheet HTML 59Page - Mitel Networks Corporation MT9074 Datasheet HTML 60Page - Mitel Networks Corporation MT9074 Datasheet HTML 61Page - Mitel Networks Corporation MT9074 Datasheet HTML 62Page - Mitel Networks Corporation MT9074 Datasheet HTML 63Page - Mitel Networks Corporation MT9074 Datasheet HTML 64Page - Mitel Networks Corporation MT9074 Datasheet HTML 65Page - Mitel Networks Corporation MT9074 Datasheet HTML 66Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 122 page
background image
MT9074
Advance Information
62
Bit
Name
Functional Description
7
FEO
Framing Bit Error Counter
Overflow
Interrupt.
When
unmasked
this
interrupt
bit
goes
high
whenever
the
framing
bit
error
counter
changes from FFH to 00H.
Reading this register clears this
bit.
6
CRCO
CRC-6
Error
Counter
Overflow
Interrupt.
When
unmasked
this
interrupt
bit
goes high whenever the CRC-6
error counter changes from
FFH to 00H. Reading this
register clears this bit.
5
OOFO
Out
Of
Frame
Counter
Overflow
Interrupt.
When
unmasked
this
interrupt
bit
goes high whenever the out of
frame counter changes state
from changes from FFH to
00H.
Reading
this
register
clears this bit.
4
COFAO
Change of Frame Alignment
Counter Overflow Interrupt.
When unmasked this interrupt
bit goes high whenever the
change
of
frame
alignment
counter changes from FFH to
00H.
Reading
this
register
clears this bit.
3
BPVO
Bipolar
Violation
Counter
Overflow
Interrupt.
When
unmasked
this
interrupt
bit
goes high whenever the bipolar
violation counter changes from
FFH to 00H. Reading this
register clears this bit.
2
PRBSO
Psuedo
Random
Bit
Sequence
Error
Counter
Overflow
Interrupt.
When
unmasked
this
interrupt
bit
goes high whenever the PRBS
error counter changes from
FFH to 00H. Reading this
register clears this bit.
Table 68 - Interrupt Word Two
(Page 4, Address 1DH) (T1)
1
PRBSMFO
Psuedo
Random
Bit
Sequence
Multiframe
Counter Overflow Interrupt.
When unmasked this interrupt
bit goes high whenever the
multiframe counter attached to
the
PRBS
error
counter
overflows. FFH to 00H. 1 -
unmasked, 0 - masked.
0
MFOOFO
Multiframes
Out
Of
Sync
Overflow
Interrupt.
When
unmasked
this
interrupt
bit
goes
high
whenever
the
multiframes
out
of
frame
counter changes from FFH to
00H.
Reading
this
register
clears this bit.
Bit
Name
Functional Description
Table 68 - Interrupt Word Two
(Page 4, Address 1DH) (T1)


Similar Part No. - MT9074

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT9074 ZARLINK-MT9074 Datasheet
1Mb / 151P
   T1/E1/J1 Single Chip Transceiver
logo
Pulse A Technitrol Comp...
MT9074 PULSE-MT9074 Datasheet
1Mb / 5P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
logo
Zarlink Semiconductor I...
MT9074AL ZARLINK-MT9074AL Datasheet
1Mb / 151P
   T1/E1/J1 Single Chip Transceiver
MT9074AL1 ZARLINK-MT9074AL1 Datasheet
1Mb / 151P
   T1/E1/J1 Single Chip Transceiver
MT9074AP ZARLINK-MT9074AP Datasheet
1Mb / 151P
   T1/E1/J1 Single Chip Transceiver
More results

Similar Description - MT9074

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155 Datasheet
1Mb / 240P
   T1/E1/J1 Single-Chip Transceiver
100903
logo
Zarlink Semiconductor I...
MT9074 ZARLINK-MT9074_05 Datasheet
1Mb / 151P
   T1/E1/J1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2155 DALLAS-DS2155_06 Datasheet
1Mb / 238P
   T1/E1/J1 Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155_V01 Datasheet
1Mb / 238P
   T1/E1/J1 Single-Chip Transceiver
REV: 080607
DS26521 MAXIM-DS26521 Datasheet
1Mb / 258P
   Single T1/E1/J1 Transceiver
REV: 111606
logo
Mitel Networks Corporat...
MT9076 MITEL-MT9076 Datasheet
416Kb / 160P
   T1/E1/J1 3.3V Single Chip Transceiver
logo
Zarlink Semiconductor I...
MT9076B ZARLINK-MT9076B Datasheet
1Mb / 172P
   T1/E1/J1 3.3 V Single Chip Transceiver
logo
Maxim Integrated Produc...
DS26528 MAXIM-DS26528 Datasheet
1Mb / 269P
   Octal T1/E1/J1 Transceiver
REV: 012405
DS26524 MAXIM-DS26524_07 Datasheet
1Mb / 273P
   Quad T1/E1/J1 Transceiver
REV: 112907
DS21Q55 MAXIM-DS21Q55 Datasheet
1Mb / 237P
   Quad T1/E1/J1 Transceiver
REV: 042204
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com