Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT9074 Datasheet(PDF) 18 Page - Mitel Networks Corporation

Part # MT9074
Description  T1/E1/J1 Single Chip Transceiver
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9074 Datasheet(HTML) 18 Page - Mitel Networks Corporation

Back Button MT9074 Datasheet HTML 14Page - Mitel Networks Corporation MT9074 Datasheet HTML 15Page - Mitel Networks Corporation MT9074 Datasheet HTML 16Page - Mitel Networks Corporation MT9074 Datasheet HTML 17Page - Mitel Networks Corporation MT9074 Datasheet HTML 18Page - Mitel Networks Corporation MT9074 Datasheet HTML 19Page - Mitel Networks Corporation MT9074 Datasheet HTML 20Page - Mitel Networks Corporation MT9074 Datasheet HTML 21Page - Mitel Networks Corporation MT9074 Datasheet HTML 22Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 122 page
background image
MT9074
Advance Information
18
position one of the four FASs of the following
submultiframe before it is transmitted (see Table 12).
The submultiframe is then transmitted and, at the far
end, the same process occurs. That is, a CRC-4
remainder
is
generated
for
each
received
submultiframe. These bits are compared with the bits
received in position one of the four FASs of the next
received submultiframe. This process takes place in
both directions of transmission.
When more than 914 CRC-4 errors (out of a possible
1000) are counted in a one second interval, the
framing algorithm will force a search for a new basic
frame alignment. See Frame Algorithm section for
more details.
The result of the comparison of the received CRC-4
remainder with the locally generated remainder will
be transported to the far end by the E-bits.
Therefore, if E1 = 0, a CRC-4 error was discovered in
a submultiframe 1 received at the far end; and if E2 =
0, a CRC-4 error was discovered in a submultiframe
2
received
at
the
far
end.
No
submultiframe
sequence numbers or re-transmission capabilities
are supported with layer 1 PCM 30 protocol. See
ITU-T G.704 and G.706 for more details on the
operation of CRC-4 and E-bits.
There are two CRC multiframe alignment algorithm
options selected by the AUTC control bit (address
10H, page 01H). When AUTC is zero, automatic
CRC-to-non-CRC interworking is selected. When
AUTC is one and ARAI is low, if CRC-4 multiframe
alignment is not found in 400 msec, the transmit RAI
will be continuously high until CRC-4 multiframe
alignment is achieved.
The control bit for transmit E bits (TE, address 11H
of page 01H) will have the same function in both
states
of
AUTC.
That
is,
when
CRC-4
synchronization is not achieved the state of the
transmit E-bits will be the same as the state of the
TE control bit. When CRC-4 synchronization is
achieved the transmit E-bits will function as per ITU-
T G.704. Table 12 outlines the operation of the
AUTC, ARAI and TALM control bits of the MT9074.
CAS Signalling Multiframing in E1 mode
The purpose of the signalling multiframing algorithm
is to provide a scheme that will allow the association
of a specific ABCD signalling nibble with the
appropriate PCM 30 channel. Time slot 16 is
reserved
for
the
communication
of
Channel
Associated Signalling (CAS) information (i.e., ABCD
signalling bits for up to 30 channels). Refer to ITU-T
Table 12 - Operation of AUTC, ARAI and TALM Control Bits (E1 Mode)
AUTC
ARAI
TALM
Description
0
0
X
Automatic CRC-interworking is activated. If no valid CRC MFAS is being
received, transmit RAI will flicker high with every reframe (8msec.), this cycle
will continue for 400 msec., then transmit RAI will be low continuously. The
device will stop searching for CRC MFAS, continue to transmit CRC-4
remainders, stop CRC-4 processing, indicate CRC-to-non-CRC operation
and transmit E-bits to be the same state as the TE control bit (page 01H,
address 16H).
0
1
0
Automatic CRC-interworking is activated. Transmit RAI is low continuously.
0
1
1
Automatic CRC-interworking is activated. Transmit RAI is high continuously.
1
0
X
Automatic CRC-interworking is de-activated. If no valid CRC MFAS is being
received, transmit RAI flickers high with every reframe (8 msec.), this cycle
continues for 400 msec, then transmit RAI becomes high continuously. The
device continues to search for CRC MFAS and transmit E-bits are the same
state as the TE control bit. When CRCSYN = 0, the CRC MFAS search is
terminated and the transmit RAI goes low.
1
1
0
Automatic CRC-interworking is de-activated. Transmit RAI is low
continuously.
1
1
1
Automatic CRC-interworking is de-activated. Transmit RAI is high
continuously.


Similar Part No. - MT9074

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT9074 ZARLINK-MT9074 Datasheet
1Mb / 151P
   T1/E1/J1 Single Chip Transceiver
logo
Pulse A Technitrol Comp...
MT9074 PULSE-MT9074 Datasheet
1Mb / 5P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
logo
Zarlink Semiconductor I...
MT9074AL ZARLINK-MT9074AL Datasheet
1Mb / 151P
   T1/E1/J1 Single Chip Transceiver
MT9074AL1 ZARLINK-MT9074AL1 Datasheet
1Mb / 151P
   T1/E1/J1 Single Chip Transceiver
MT9074AP ZARLINK-MT9074AP Datasheet
1Mb / 151P
   T1/E1/J1 Single Chip Transceiver
More results

Similar Description - MT9074

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155 Datasheet
1Mb / 240P
   T1/E1/J1 Single-Chip Transceiver
100903
logo
Zarlink Semiconductor I...
MT9074 ZARLINK-MT9074_05 Datasheet
1Mb / 151P
   T1/E1/J1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2155 DALLAS-DS2155_06 Datasheet
1Mb / 238P
   T1/E1/J1 Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155_V01 Datasheet
1Mb / 238P
   T1/E1/J1 Single-Chip Transceiver
REV: 080607
DS26521 MAXIM-DS26521 Datasheet
1Mb / 258P
   Single T1/E1/J1 Transceiver
REV: 111606
logo
Mitel Networks Corporat...
MT9076 MITEL-MT9076 Datasheet
416Kb / 160P
   T1/E1/J1 3.3V Single Chip Transceiver
logo
Zarlink Semiconductor I...
MT9076B ZARLINK-MT9076B Datasheet
1Mb / 172P
   T1/E1/J1 3.3 V Single Chip Transceiver
logo
Maxim Integrated Produc...
DS26528 MAXIM-DS26528 Datasheet
1Mb / 269P
   Octal T1/E1/J1 Transceiver
REV: 012405
DS26524 MAXIM-DS26524_07 Datasheet
1Mb / 273P
   Quad T1/E1/J1 Transceiver
REV: 112907
DS21Q55 MAXIM-DS21Q55 Datasheet
1Mb / 237P
   Quad T1/E1/J1 Transceiver
REV: 042204
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com