Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT9074 Datasheet(PDF) 12 Page - Mitel Networks Corporation

Part # MT9074
Description  T1/E1/J1 Single Chip Transceiver
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9074 Datasheet(HTML) 12 Page - Mitel Networks Corporation

Back Button MT9074 Datasheet HTML 8Page - Mitel Networks Corporation MT9074 Datasheet HTML 9Page - Mitel Networks Corporation MT9074 Datasheet HTML 10Page - Mitel Networks Corporation MT9074 Datasheet HTML 11Page - Mitel Networks Corporation MT9074 Datasheet HTML 12Page - Mitel Networks Corporation MT9074 Datasheet HTML 13Page - Mitel Networks Corporation MT9074 Datasheet HTML 14Page - Mitel Networks Corporation MT9074 Datasheet HTML 15Page - Mitel Networks Corporation MT9074 Datasheet HTML 16Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 122 page
background image
MT9074
Advance Information
12
Figure 8 Pulse Template (G.703)(E1)
269nS
244nS
194nS
219nS
488nS
Nominal Pulse
120
110
90
100
80
50
20
0
-10
-20
Percentage of
Nominal Peak
Voltage
20 Mhz Clock
The MT9074 requires a 20 Mhz clock. This may
provided by a 50 ppm oscillator as per Figure 9.
Figure 9 - Clock Oscillator Circuit
Alternatively, a crystal oscillator may be used. A
complete oscillator circuit made up of a crystal,
resistors and capacitors is shown in Figure 10. The
crystal specification is as follows.
Frequency:
20MHz
Tolerance:
50ppm
Oscillation Mode:
Fundamental
Resonance Mode:
Parallel
Load Capacitance:
32pF
Maximum Series Resistance:
35
Approximate Drive Level:
1mW
Figure 10 - Crystal Oscillator Circuit
OSC1
OSC2
(open)
20MHz
OUT
Vdd
GND
+5V
.1
µF
OSC1
OSC2
20MHz
1M
56pF
39pF
1
µH*
100
Note: the 1
µH inductor is optional


Similar Part No. - MT9074

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT9074 ZARLINK-MT9074 Datasheet
1Mb / 151P
   T1/E1/J1 Single Chip Transceiver
logo
Pulse A Technitrol Comp...
MT9074 PULSE-MT9074 Datasheet
1Mb / 5P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
logo
Zarlink Semiconductor I...
MT9074AL ZARLINK-MT9074AL Datasheet
1Mb / 151P
   T1/E1/J1 Single Chip Transceiver
MT9074AL1 ZARLINK-MT9074AL1 Datasheet
1Mb / 151P
   T1/E1/J1 Single Chip Transceiver
MT9074AP ZARLINK-MT9074AP Datasheet
1Mb / 151P
   T1/E1/J1 Single Chip Transceiver
More results

Similar Description - MT9074

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155 Datasheet
1Mb / 240P
   T1/E1/J1 Single-Chip Transceiver
100903
logo
Zarlink Semiconductor I...
MT9074 ZARLINK-MT9074_05 Datasheet
1Mb / 151P
   T1/E1/J1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2155 DALLAS-DS2155_06 Datasheet
1Mb / 238P
   T1/E1/J1 Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155_V01 Datasheet
1Mb / 238P
   T1/E1/J1 Single-Chip Transceiver
REV: 080607
DS26521 MAXIM-DS26521 Datasheet
1Mb / 258P
   Single T1/E1/J1 Transceiver
REV: 111606
logo
Mitel Networks Corporat...
MT9076 MITEL-MT9076 Datasheet
416Kb / 160P
   T1/E1/J1 3.3V Single Chip Transceiver
logo
Zarlink Semiconductor I...
MT9076B ZARLINK-MT9076B Datasheet
1Mb / 172P
   T1/E1/J1 3.3 V Single Chip Transceiver
logo
Maxim Integrated Produc...
DS26528 MAXIM-DS26528 Datasheet
1Mb / 269P
   Octal T1/E1/J1 Transceiver
REV: 012405
DS26524 MAXIM-DS26524_07 Datasheet
1Mb / 273P
   Quad T1/E1/J1 Transceiver
REV: 112907
DS21Q55 MAXIM-DS21Q55 Datasheet
1Mb / 237P
   Quad T1/E1/J1 Transceiver
REV: 042204
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com