Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MT90710AP Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # MT90710AP
Description  High-Speed Isochronous Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT90710AP Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button MT90710AP Datasheet HTML 3Page - Mitel Networks Corporation MT90710AP Datasheet HTML 4Page - Mitel Networks Corporation MT90710AP Datasheet HTML 5Page - Mitel Networks Corporation MT90710AP Datasheet HTML 6Page - Mitel Networks Corporation MT90710AP Datasheet HTML 7Page - Mitel Networks Corporation MT90710AP Datasheet HTML 8Page - Mitel Networks Corporation MT90710AP Datasheet HTML 9Page - Mitel Networks Corporation MT90710AP Datasheet HTML 10Page - Mitel Networks Corporation MT90710AP Datasheet HTML 11Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Preliminary Information
MT90710
5-9
Receive
The 4B/5B and NRZI encoded data from the receive
fiber interface is NRZI decoded and the frame
synchronization information is extracted. After 4B/5B
decoding the remaining data is frame aligned either
to the system frame pulse (when in Controller Mode)
or to the extracted frame pulse (when in Peripheral
Mode). After alignment, the received data package is
disassembled
into
the
clear
channel
ST-BUS
streams,
the
asynchronous
signals
and
the
overhead/status information. When ST6MUX mode
is disabled, received 15.808 Mb/s bandwidth is made
available on STo0-STo6A and the last 23 channels of
STo7. The asynchronous signals are presented on
DOUT8K0, DOUT8K1 and DOUT32K while the
received overhead information, as well as local
status information, is presented on ST07 in channels
0 to 7.
Control
An external, 40.96 MHz PLL provides the master
clock (C40i) for the MT90710. This PLL uses either
the system’s C4b clock (pin 57) for reference when
it’s in controller mode or the extracted clock from the
receive data interface when it’s in peripheral mode.
Switching between these two primary references is
automatic and under the control of the MODE0-2
pins. The selected reference is fed to the external
PLL from the C4REFo output pin. The MT90710 also
divides the 40.96 MHz master clock by ten and
supplies this secondary reference to the external
PLL on C4o for comparison to the primary reference.
The PLL creates a 40.96 MHz master clock from a
4.096 MHz reference by multiplying by 10 and
attenuates jitter present on the extracted reference.
The master clock is divided down to create internal
clocks, external ST-BUS clocks (when in peripheral
mode) and timeslot counters.
Control signals are also created for the transmitter
and receiver. The transmitter timeslot counter is
synchronized to the backplane frame pulse while the
receiver timeslot counter is sync to the extracted
synchronization pulse.
Frame Buffer
To re-align the received data from the fiber interface
to the system, or node, a frame reference buffer is
C4o
(Pin 13)
ST-BUS input data latched here
122 ns
48.8ns
WR ADDR
RD ADDR
WR ADDR
RD ADDR
RD
WR
FBDATA
FBADDR
FBWE
FBOE
C20o
(Pin 6)
170.8ns
Bit Cell
Figure 4 - Frame Buffer Memory Typical Timing


Similar Part No. - MT90710AP

ManufacturerPart #DatasheetDescription
Marktech Corporate
Marktech Corporate
MT907-PRSS MARKTECH-MT907-PRSS Datasheet
106Kb / 1P
   Visible Light Emitting Diode
Zarlink Semiconductor Inc
Zarlink Semiconductor I...
MT9072 ZARLINK-MT9072 Datasheet
3Mb / 275P
   Octal T1/E1/J1 Framer
MT9072AB ZARLINK-MT9072AB Datasheet
3Mb / 275P
   Octal T1/E1/J1 Framer
MT9072AV ZARLINK-MT9072AV Datasheet
3Mb / 275P
   Octal T1/E1/J1 Framer
Mitel Networks Corporation
Mitel Networks Corporat...
MT90732 MITEL-MT90732 Datasheet
61Kb / 8P
   CMOS E2/E3 Framer (E2/E3F)
More results

Similar Description - MT90710AP

ManufacturerPart #DatasheetDescription
Zetex Semiconductors
Zetex Semiconductors
ZXFV301 ZETEX-ZXFV301 Datasheet
292Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
Fairchild Semiconductor
Fairchild Semiconductor
FHP3194_0610 FAIRCHILD-FHP3194_0610 Datasheet
1Mb / 17P
   4:1 High-Speed Multiplexer
Burr-Brown (TI)
Burr-Brown (TI)
MPC801 BURR-BROWN-MPC801 Datasheet
82Kb / 8P
   High Speed CMOS ANALOG MULTIPLEXER
MPC800 BURR-BROWN-MPC800 Datasheet
108Kb / 8P
   High Speed CMOS ANALOG MULTIPLEXER
Diodes Incorporated
Diodes Incorporated
ZXFV301 DIODES-ZXFV301 Datasheet
281Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
Texas Instruments
Texas Instruments
OPA4872 TI1-OPA4872 Datasheet
993Kb / 27P
[Old version datasheet]   4:1 High-Speed Multiplexer
OPA4872-EP TI-OPA4872-EP Datasheet
852Kb / 24P
[Old version datasheet]   4:1 HIGH-SPEED MULTIPLEXER
Zetex Semiconductors
Zetex Semiconductors
ZXFV302 ZETEX-ZXFV302 Datasheet
270Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
Fairchild Semiconductor
Fairchild Semiconductor
FHP3194 FAIRCHILD-FHP3194 Datasheet
129Kb / 7P
   4:1 High Speed Multiplexer
Texas Instruments
Texas Instruments
OPA4872-EP TI1-OPA4872-EP_12 Datasheet
1,011Kb / 25P
[Old version datasheet]   4:1 HIGH-SPEED MULTIPLEXER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com