Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT90710AP Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # MT90710AP
Description  High-Speed Isochronous Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT90710AP Datasheet(HTML) 5 Page - Mitel Networks Corporation

  MT90710AP Datasheet HTML 1Page - Mitel Networks Corporation MT90710AP Datasheet HTML 2Page - Mitel Networks Corporation MT90710AP Datasheet HTML 3Page - Mitel Networks Corporation MT90710AP Datasheet HTML 4Page - Mitel Networks Corporation MT90710AP Datasheet HTML 5Page - Mitel Networks Corporation MT90710AP Datasheet HTML 6Page - Mitel Networks Corporation MT90710AP Datasheet HTML 7Page - Mitel Networks Corporation MT90710AP Datasheet HTML 8Page - Mitel Networks Corporation MT90710AP Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Preliminary Information
MT90710
5-7
Notes:
All unused inputs should be connected to logic high or low unless otherwise stated. All outputs should be left open circuit when not used.
All output types are CMOS with CMOS logic levels (see DC Electrical Characteristics for Type drive capability).
Input Type 1 has TTL compatible logic levels, Type 2 has CMOS compatible logic levels and Type 3 has TTL Schmitt trigger compatible
logic levels (see DC Electrical Characteristics).
62
DIN32K
Asynchronous 32 kHz Signal (Input Type 1). Transmitted to the far-end DOUT32K
output.
63
VDD
Positive Power Supply. Nominally 5 volts.
64
VSS
Power Supply Ground. Nominally 0 volts.
65
FBDATA3
Frame Buffer Data Bit 3 (Bidirectional; Input Type 1 and Output Type 2). Data bit 3.
66
STi0
Serial, 32 Channel, 2.048 Mb/s Link 0 (Input Type 1).
67
FBDATA2
Frame Buffer Data Bit 2 (Bidirectional; Input Type 1 and Output Type 2). Data bit 2.
68
DIN8K1
Asynchronous 8 kHz Signal 1 (Input Type 1). Transmitted to the far-end DOUT8K1
output.
69
FBDATA1
Frame Buffer Data Bit 1 (Bidirectional; Input Type 1 and Output Type 2). Data bit 1.
70
LLED
"Local Sync" LED Driver (Open Collector, Output Type 2). Drives the "Local Sync"
LED on/off at approximately a 4 Hz rate when the local interface is not in
synchronization.
71
FBDATA0
Frame Buffer Data Bit 0 (Bidirectional; Input Type 1 and Output Type 2). Data bit 0.
72
RESET
Reset Control (Input Type 1).
73
IC
Internally Connected.
74
VDD
Positive Power Supply. Nominally 5 volts.
75
NC
No Internal Connection.
76
VSS
Power Supply Ground. Nominally 0 volts.
77
FBADDR0
Frame Buffer RAM Address Bit 0 (Output Type 2).
78
FBADDR1
Frame Buffer RAM Address Bit 1 (Output Type 2).
79
FBADDR2
Frame Buffer RAM Address Bit 2 (Output Type 2).
80
FBADDR3
Frame Buffer RAM Address Bit 3 (Output Type 2).
81
FBADDR4
Frame Buffer RAM Address Bit 4 (Output Type 2).
82
FBADDR5
Frame Buffer RAM Address Bit 5 (Output Type 2).
83
FBADDR6
Frame Buffer RAM Address Bit 6 (Output Type 2).
84
STo6B
Serial, 32 Channel, 2.048 Mb/s Link 6B (Output Type 3). Output active only when
receiver detects the synchronization pattern on RxDATA input stream; high impedance
output during loss of synchronization.
Pin Description
Pin #
Name
Description
Overview
The MT90710 multiplexes multiple Serial Telecom
(ST-BUS timing, Figure 7) links onto a single 20 MHz
loop
to
facilitate
point-to-point
data
transport
requirements. The MT90710 connects easily with
standard Fiber Optic interfaces to form a complete
electric
to
photonic
conversion
circuit.
Optical
transmission allows large bandwidth inter-shelf or, in
distributed systems, inter-node communication by
eliminating multiple data busses, cable inter-connect
and the attendant driver interfaces. The final result is
a simple physical interface free of the radiated
emissions
and
background
noise
susceptibility
problems
encountered
in
copper-wired
environments.


Similar Part No. - MT90710AP

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT907-PRSS MARKTECH-MT907-PRSS Datasheet
106Kb / 1P
   Visible Light Emitting Diode
logo
Zarlink Semiconductor I...
MT9072 ZARLINK-MT9072 Datasheet
3Mb / 275P
   Octal T1/E1/J1 Framer
MT9072AB ZARLINK-MT9072AB Datasheet
3Mb / 275P
   Octal T1/E1/J1 Framer
MT9072AV ZARLINK-MT9072AV Datasheet
3Mb / 275P
   Octal T1/E1/J1 Framer
logo
Mitel Networks Corporat...
MT90732 MITEL-MT90732 Datasheet
61Kb / 8P
   CMOS E2/E3 Framer (E2/E3F)
More results

Similar Description - MT90710AP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MPC801 BURR-BROWN-MPC801 Datasheet
82Kb / 8P
   High Speed CMOS ANALOG MULTIPLEXER
logo
Fairchild Semiconductor
FHP3194_0610 FAIRCHILD-FHP3194_0610 Datasheet
1Mb / 17P
   4:1 High-Speed Multiplexer
logo
Zetex Semiconductors
ZXFV301 ZETEX-ZXFV301 Datasheet
292Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
logo
Texas Instruments
OPA4872 TI1-OPA4872 Datasheet
993Kb / 27P
[Old version datasheet]   4:1 High-Speed Multiplexer
logo
Burr-Brown (TI)
MPC800 BURR-BROWN-MPC800 Datasheet
108Kb / 8P
   High Speed CMOS ANALOG MULTIPLEXER
logo
Diodes Incorporated
ZXFV301 DIODES-ZXFV301 Datasheet
281Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
logo
Texas Instruments
OPA4872-EP TI-OPA4872-EP Datasheet
852Kb / 24P
[Old version datasheet]   4:1 HIGH-SPEED MULTIPLEXER
logo
Fairchild Semiconductor
FHP3194 FAIRCHILD-FHP3194 Datasheet
129Kb / 7P
   4:1 High Speed Multiplexer
logo
Zetex Semiconductors
ZXFV302 ZETEX-ZXFV302 Datasheet
270Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
logo
Texas Instruments
OPA4872-EP TI1-OPA4872-EP_12 Datasheet
1,011Kb / 25P
[Old version datasheet]   4:1 HIGH-SPEED MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com