Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MT90710AP Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part No. MT90710AP
Description  High-Speed Isochronous Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT90710AP Datasheet(HTML) 4 Page - Mitel Networks Corporation

  MT90710AP Datasheet HTML 1Page - Mitel Networks Corporation MT90710AP Datasheet HTML 2Page - Mitel Networks Corporation MT90710AP Datasheet HTML 3Page - Mitel Networks Corporation MT90710AP Datasheet HTML 4Page - Mitel Networks Corporation MT90710AP Datasheet HTML 5Page - Mitel Networks Corporation MT90710AP Datasheet HTML 6Page - Mitel Networks Corporation MT90710AP Datasheet HTML 7Page - Mitel Networks Corporation MT90710AP Datasheet HTML 8Page - Mitel Networks Corporation MT90710AP Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MT90710
Preliminary Information
5-6
38
MODE2
Operating Mode Select 2 (Input Type 1). See Table 1.
39
MODE1
Operating Mode Select 1 (Input Type 1). See Table 1.
40
MODE0
Operating Mode Select 0 (Input Type 1). See Table 1.
41
STo0
Serial, 32 Channel, 2.048 Mb/s link 0 (Output Type 3). Output is active only when
receiver detects the synchronization pattern on RxDATA input stream; output is high
impedance during loss of synchronization.
42
VDD
Positive Power Supply. Nominally 5 volts.
43
VSS
Power Supply Ground. Nominally 0 volts.
44
STo2
Serial, 32 Channel, 2.048 Mb/s link 2 (Output Type 3). Output active only when
receiver detects the synchronization pattern on RxDATA input stream; high impedance
output during loss of synchronization.
45
STo3
Serial, 32 Channel, 2.048 Mb/s link 3 (Output Type 3). Output active only when
receiver detects the synchronization pattern on RxDATA input stream; high impedance
output during loss of synchronization.
46
STo4
Serial, 32 Channel, 2.048 Mb/s link 4 (Output Type 3). Output active only when
receiver detects the synchronization pattern on RxDATA input stream; high impedance
output during loss of synchronization.
47
FBWE
Frame Buffer RAM Write Enable (Output Type 2). Generates a low going strobe dur-
ing valid RAM write access.
48
STo1
Serial, 32 Channel, 2.048 Mb/s link 1 (Output Type 3). Output active only when
receiver detects the synchronization pattern on RxDATA input stream; high impedance
output during loss of synchronization.
49
F0b
System 8 kHz Reference Frame Pulse (Bi-directional; Input and Output Types 3).
When in controller mode this is an input accepting the system reference pulse. In
peripheral mode this is an output supplying the system an 8 kHz reference frame pulse.
50
DOUT32K
Asynchronous 32 kHz Signal 1 (Open Collector, Output Type 3). Sourced from the
far-end DIN32K input.
51
TxDATA
Transmit 4B/5B, NRZI Encoded Serial Data (Output Type 3).
52
VSS
Power Supply Ground. Nominally 0 volts.
53
IC
Internally Connected (Output Type 1). Drives continuous logic 1. Leave open circuit.
54
VDD
Positive Power Supply. Nominally 5 volts.
55
POR
Power On Reset (Input Type 2). Active low.
56
FBDATA7
Frame Buffer Data Bit 7 (Bidirectional; Input Type 1 and Output Type 2). Data bit 7.
57
C4b
4.096 MHz Reference Clock (Bidirectional; Input and Output Types 3). Input used
by PLL in controller mode and derived from the system. In peripheral mode this is an
output supplying the system 4.096 MHz reference clock.
58
FBDATA6
Frame Buffer Data Bit 6 (Bidirectional; Input Type 1 and Output Type 2). Data bit 6.
59
FBDATA5
Frame Buffer Data Bit 5 (Bidirectional; Input Type 1 and Output Type 2). Data bit 5.
60
DIN8K0
Asynchronous 8 kHz Signal 0 (Input Type 1). Transmitted to the far-end DOUT8K0
output.
61
FBDATA4
Frame Buffer Data Bit 4 (Bidirectional; Input Type 1 and Output Type 2). Data bit 4.
Pin Description
Pin #
Name
Description


Similar Part No. - MT90710AP

ManufacturerPart No.DatasheetDescription
Marktech Corporate
Marktech Corporate
MT907-PRSS MARKTECH-MT907-PRSS Datasheet
106Kb / 1P
   Visible Light Emitting Diode
Zarlink Semiconductor Inc
Zarlink Semiconductor I...
MT9072 ZARLINK-MT9072 Datasheet
3Mb / 275P
   Octal T1/E1/J1 Framer
MT9072AB ZARLINK-MT9072AB Datasheet
3Mb / 275P
   Octal T1/E1/J1 Framer
MT9072AV ZARLINK-MT9072AV Datasheet
3Mb / 275P
   Octal T1/E1/J1 Framer
Mitel Networks Corporation
Mitel Networks Corporat...
MT90732 MITEL-MT90732 Datasheet
61Kb / 8P
   CMOS E2/E3 Framer (E2/E3F)
More results

Similar Description - MT90710AP

ManufacturerPart No.DatasheetDescription
Zetex Semiconductors
Zetex Semiconductors
ZXFV301 ZETEX-ZXFV301 Datasheet
292Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
Fairchild Semiconductor
Fairchild Semiconductor
FHP3194_0610 FAIRCHILD-FHP3194_0610 Datasheet
1Mb / 17P
   4:1 High-Speed Multiplexer
Burr-Brown (TI)
Burr-Brown (TI)
MPC801 BURR-BROWN-MPC801 Datasheet
82Kb / 8P
   High Speed CMOS ANALOG MULTIPLEXER
MPC800 BURR-BROWN-MPC800 Datasheet
108Kb / 8P
   High Speed CMOS ANALOG MULTIPLEXER
Diodes Incorporated
Diodes Incorporated
ZXFV301 DIODES-ZXFV301 Datasheet
281Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
Texas Instruments
Texas Instruments
OPA4872 TI1-OPA4872 Datasheet
993Kb / 27P
[Old version datasheet]   4:1 High-Speed Multiplexer
OPA4872-EP TI-OPA4872-EP Datasheet
852Kb / 24P
[Old version datasheet]   4:1 HIGH-SPEED MULTIPLEXER
Zetex Semiconductors
Zetex Semiconductors
ZXFV302 ZETEX-ZXFV302 Datasheet
270Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
Fairchild Semiconductor
Fairchild Semiconductor
FHP3194 FAIRCHILD-FHP3194 Datasheet
129Kb / 7P
   4:1 High Speed Multiplexer
Texas Instruments
Texas Instruments
OPA4872-EP TI1-OPA4872-EP_12 Datasheet
1,011Kb / 25P
[Old version datasheet]   4:1 HIGH-SPEED MULTIPLEXER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz