Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MT90710AP Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part No. MT90710AP
Description  High-Speed Isochronous Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT90710AP Datasheet(HTML) 3 Page - Mitel Networks Corporation

  MT90710AP Datasheet HTML 1Page - Mitel Networks Corporation MT90710AP Datasheet HTML 2Page - Mitel Networks Corporation MT90710AP Datasheet HTML 3Page - Mitel Networks Corporation MT90710AP Datasheet HTML 4Page - Mitel Networks Corporation MT90710AP Datasheet HTML 5Page - Mitel Networks Corporation MT90710AP Datasheet HTML 6Page - Mitel Networks Corporation MT90710AP Datasheet HTML 7Page - Mitel Networks Corporation MT90710AP Datasheet HTML 8Page - Mitel Networks Corporation MT90710AP Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Preliminary Information
MT90710
5-5
10
STo5
Serial, 32 Channel, 2.048 Mb/s Link 5 (Output Type 3). Output is active only when
the receiver detects the synchronization pattern on RxDATA input stream; output is high
impedance during loss of synchronization.
11
VDD
Positive Power Supply. Nominally 5 volts.
12
VSS
Power Supply Ground. Nominally 0 volts.
13
C4o
4.096 MHz Clock (Output Type 3). Used by the transmit PLL. This clock is the input
C40i (40.96MHz, see pin 18) master clock divided by 10 (inverted) and is fed back to
the external PLL circuit as a reference.
14
C4REFo
4.096 MHz Reference Clock (Output Type 3). Used by transmit PLL. When in control-
ler mode this clock is derived from the system C4b (4.096 MHz) clock input (see pin
57). When in peripheral mode this clock is extracted from the receive data on the fiber
port.
15,16,
17
NC
No Internal Connection.
18
C40i
Transmit 40.96 MHz Clock (Input Type 2). Derived from the transmit PLL. This is the
master clock used by the device.
19
STi1
Serial, 32 Channel, 2.048 Mb/s Link 1 (Input Type 1).
20
STi2
Serial, 32 Channel, 2.048 Mb/s Link 2 (Input Type 1).
21
VSS
Power Supply Ground. Nominally 0 volts.
22
VDD
Positive Power Supply. Nominally 5 volts.
23
STi3
Serial, 32 Channel, 2.048 Mb/s Link 3 (Input Type 1).
24
STi4
Serial, 32 Channel, 2.048 Mb/s Link 4 (Input Type 1).
25
STi5
Serial, 32 Channel, 2.048 Mb/s Link 5 (Input Type 1).
26
STi6A
Serial, 32 Channel, 2.048 Mb/s Link 6A (Input Type 1).
27
STi6B
Serial, 32 Channel, 2.048 Mb/s Link 6B (Input Type 1).
28
STi7
Serial, 32 Channel, 2.048 Mb/s Link 7 (Input Type 1). Only channels 9 - 31 are avail-
able for user data transfer (1.472 Mb/s). Data input on channels 0 - 8 (0.576 Mb/s) is
ignored by the device. This bandwidth is reserved for fiber overhead information.
29
E20i
Receiver 20.96 MHz Clock (Input Type 2). Extracted clock from the receive data
stream. Divided internally by 5 and phase corrected to frame synch pattern to produce
internal 2.048 MHz data clock for parsing the receive STi streams.
30
NC
No Internal Connection.
31
VSS
Power Supply Ground. Nominally 0 volts.
32
NC
No Internal Connection.
33
VDD
Positive Power Supply. Nominally 5 volts.
34
NC
No Internal Connection.
35
RxDATA
Receive 4B/5B, NRZI Encoded Serial Data (Input Type 1).
36
RLED
"Remote Sync" LED Driver (Open Collector, Output Type 3). Drives the "Remote
Sync" LED on/off at approximately a 4 Hz rate when the remote interface is not syn-
chronized. Active only when the local interface is synchronized.
37
FBOE
Frame Buffer Ram Enable (Output Type 2). Generates a low going strobe during
valid RAM read access.
Pin Description
Pin #
Name
Description


Similar Part No. - MT90710AP

ManufacturerPart No.DatasheetDescription
Marktech Corporate
Marktech Corporate
MT907-PRSS MARKTECH-MT907-PRSS Datasheet
106Kb / 1P
   Visible Light Emitting Diode
Zarlink Semiconductor Inc
Zarlink Semiconductor I...
MT9072 ZARLINK-MT9072 Datasheet
3Mb / 275P
   Octal T1/E1/J1 Framer
MT9072AB ZARLINK-MT9072AB Datasheet
3Mb / 275P
   Octal T1/E1/J1 Framer
MT9072AV ZARLINK-MT9072AV Datasheet
3Mb / 275P
   Octal T1/E1/J1 Framer
Mitel Networks Corporation
Mitel Networks Corporat...
MT90732 MITEL-MT90732 Datasheet
61Kb / 8P
   CMOS E2/E3 Framer (E2/E3F)
More results

Similar Description - MT90710AP

ManufacturerPart No.DatasheetDescription
Zetex Semiconductors
Zetex Semiconductors
ZXFV301 ZETEX-ZXFV301 Datasheet
292Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
Fairchild Semiconductor
Fairchild Semiconductor
FHP3194_0610 FAIRCHILD-FHP3194_0610 Datasheet
1Mb / 17P
   4:1 High-Speed Multiplexer
Burr-Brown (TI)
Burr-Brown (TI)
MPC801 BURR-BROWN-MPC801 Datasheet
82Kb / 8P
   High Speed CMOS ANALOG MULTIPLEXER
MPC800 BURR-BROWN-MPC800 Datasheet
108Kb / 8P
   High Speed CMOS ANALOG MULTIPLEXER
Diodes Incorporated
Diodes Incorporated
ZXFV301 DIODES-ZXFV301 Datasheet
281Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
Texas Instruments
Texas Instruments
OPA4872 TI1-OPA4872 Datasheet
993Kb / 27P
[Old version datasheet]   4:1 High-Speed Multiplexer
OPA4872-EP TI-OPA4872-EP Datasheet
852Kb / 24P
[Old version datasheet]   4:1 HIGH-SPEED MULTIPLEXER
Zetex Semiconductors
Zetex Semiconductors
ZXFV302 ZETEX-ZXFV302 Datasheet
270Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
Fairchild Semiconductor
Fairchild Semiconductor
FHP3194 FAIRCHILD-FHP3194 Datasheet
129Kb / 7P
   4:1 High Speed Multiplexer
Texas Instruments
Texas Instruments
OPA4872-EP TI1-OPA4872-EP_12 Datasheet
1,011Kb / 25P
[Old version datasheet]   4:1 HIGH-SPEED MULTIPLEXER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz